Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL62883CIRTZ-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL62883CIRTZ-T
Description  Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62883CIRTZ-T Datasheet(HTML) 4 Page - Intersil Corporation

  ISL62883CIRTZ-T Datasheet HTML 1Page - Intersil Corporation ISL62883CIRTZ-T Datasheet HTML 2Page - Intersil Corporation ISL62883CIRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL62883CIRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL62883CIRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL62883CIRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL62883CIRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL62883CIRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL62883CIRTZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
4
FN7557.1
March 18, 2010
25
VCCP
Input voltage bias for the internal gate drivers. Connect +5V to the VCCP pin. Decouple with at
least 1µF of an MLCC capacitor to VSSP1 and VSSP2 pins respectively.
26
LGATE2
Output of the Phase-2 low-side MOSFET gate driver. Connect the LGATE2 pin to the gate of the
Phase-2 low-side MOSFET.
27
VSSP2
Current return path for the Phase-2 converter low-side MOSFET gate driver. Connect the VSSP2
pin to the source of the Phase-2 low-side MOSFET through a low impedance path, preferably in
parallel with the trace connecting the LGATE2 pin to the gate of the Phase-2 low-side MOSFET.
28
PHASE2
Current return path for the Phase-2 high-side MOSFET gate driver. Connect the PHASE2 pin to
the node consisting of the high-side MOSFET source, the low-side MOSFET drain, and the output
inductor of Phase-2.
29
UGATE2
Output of the Phase-2 high-side MOSFET gate driver. Connect the UGATE2 pin to the gate of the
Phase-2 high-side MOSFET.
30
BOOT2
Connect an MLCC capacitor across the BOOT2 and the PHASE2 pins. The boot capacitor is
charged through an internal boot diode connected from the VCCP pin to the BOOT2 pin, each
time the PHASE2 pin drops below VCCP minus the voltage dropped across the internal boot
diode.
31 thru 37
VID0 thru
VID6
VID input with VID0 = LSB and VID6 = MSB.
38
VR_ON
Voltage regulator enable input. A high level logic signal on this pin enables the regulator.
39
DPRSLPVR
Deeper sleep enable signal. A high level logic signal on this pin indicates that the microprocessor
is in deeper sleep mode.
40
CLK_EN#
Open drain output to enable system PLL clock. It goes low 13 switching cycles after Vcore is
within 10% of Vboot.
pad
BOTTOM
The bottom pad of ISL62883C is electrically connected to the GND pin inside the IC.It should
also be used as the thermal pad for heat removal.
Functional Pin Descriptions (Continued)
ISL62883C
SYMBOL
DESCRIPTION
ISL62883C


Similar Part No. - ISL62883CIRTZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL62883C RENESAS-ISL62883C Datasheet
142Kb / 1P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
Sep 1, 2022
More results

Similar Description - ISL62883CIRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62883 INTERSIL-ISL62883 Datasheet
1Mb / 39P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
logo
Renesas Technology Corp
ISL62882 RENESAS-ISL62882 Datasheet
1Mb / 41P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62883C RENESAS-ISL62883C Datasheet
142Kb / 1P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
Sep 1, 2022
logo
Intersil Corporation
ISL62882CHRTZ INTERSIL-ISL62882CHRTZ Datasheet
96Kb / 3P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62882 INTERSIL-ISL62882 Datasheet
1Mb / 42P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
ISL62882IRTZ INTERSIL-ISL62882IRTZ Datasheet
1Mb / 42P
   Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs and GPUs
June 21, 2011
logo
Renesas Technology Corp
ISL62883 RENESAS-ISL62883 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
logo
Intersil Corporation
ISL62883HRTZ-T INTERSIL-ISL62883HRTZ-T Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
June 21, 2011
ISL62881HRTZ INTERSIL-ISL62881HRTZ Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
June 16, 2011
logo
Renesas Technology Corp
ISL62881 RENESAS-ISL62881 Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com