Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXK5S70347YG Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AXK5S70347YG
Description  NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK5S70347YG Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AXK5S70347YG Datasheet HTML 1Page - Panasonic Semiconductor AXK5S70347YG Datasheet HTML 2Page - Panasonic Semiconductor AXK5S70347YG Datasheet HTML 3Page - Panasonic Semiconductor AXK5S70347YG Datasheet HTML 4Page - Panasonic Semiconductor AXK5S70347YG Datasheet HTML 5Page - Panasonic Semiconductor AXK5S70347YG Datasheet HTML 6Page - Panasonic Semiconductor AXK5S70347YG Datasheet HTML 7Page - Panasonic Semiconductor AXK5S70347YG Datasheet HTML 8Page - Panasonic Semiconductor AXK5S70347YG Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AXK(5(S)/6(S))
Notes: 1. Regarding ordering units: During production: Please make orders in 1 reel units.
Samples for mounting confirmation: Available in units of 50 pieces. Please consult us. (See “Regarding sample orders to confirm proper mounting” on page 150.)
Samples: Small lot orders are possible.
2. The standard type comes without positioning bosses (However, mated heights of 4 mm or higher and 120 pins or more comes standard with bosses). Connectors
with positioning bosses are available for on-demand production. For P5KS type of 9th digit of the part no. changes from 4 to 3.
e.g. Mated height 4.0 mm, 20 contacts for sockets: AXK5S20037YG
3. Previous non-
types and current
types are compatible for mating.
Product
name
Mated
height
No. of
contacts
Part No.
Packing
Socket
Header
Inner carton (1 reel)
Outer carton
P5KS
7.0 mm
20
AXK5S20347YG
AXK6S20447YG
Socket: 1,000 pieces
Header: 1,500 pieces
Socket: 2,000 pieces
Header: 3,000 pieces
30
AXK5S30347YG
AXK6S30447YG
40
AXK5S40347YG
AXK6S40447YG
50
AXK5S50347YG
AXK6S50447YG
60
AXK5S60347YG
AXK6S60447YG
70
AXK5S70347YG
AXK6S70447YG
80
AXK5S80347YG
AXK6S80447YG
100
AXK5S00347YG
AXK6S00447YG
8.0 mm
20
AXK5S20347YG
AXK6S20547YG
1,000 pieces
2,000 pieces
30
AXK5S30347YG
AXK6S30547YG
40
AXK5S40347YG
AXK6S40547YG
50
AXK5S50347YG
AXK6S50547YG
60
AXK5S60347YG
AXK6S60547YG
70
AXK5S70347YG
AXK6S70547YG
80
AXK5S80347YG
AXK6S80547YG
100
AXK5S00347YG
AXK6S00547YG
9.0 mm
20
AXK5S20347YG
AXK6S20647YG
30
AXK5S30347YG
AXK6S30647YG
40
AXK5S40347YG
AXK6S40647YG
50
AXK5S50347YG
AXK6S50647YG
60
AXK5S60347YG
AXK6S60647YG
70
AXK5S70347YG
AXK6S70647YG
80
AXK5S80347YG
AXK6S80647YG
100
AXK5S00347YG
AXK6S00647YG
panasonic-electric-works.net/ac


Similar Part No. - AXK5S70347YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5S70347YG PANASONIC-AXK5S70347YG Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXK5S70347YG PANASONIC-AXK5S70347YG Datasheet
428Kb / 15P
   Automation Controls Catalog
More results

Similar Description - AXK5S70347YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5F10347YG PANASONIC-AXK5F10347YG Datasheet
228Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK7L PANASONIC-AXK7L Datasheet
297Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXT7 PANASONIC-AXT7 Datasheet
443Kb / 4P
   NARROW-PITCH FOR BOARD-TO-FPC CONNECTION
ATX5 PANASONIC-ATX5 Datasheet
363Kb / 7P
   NARROW-PITCH, THIN AND SLIM CONNECTOR FOR BOARD-TO-FPC CONNECTION
logo
Hirose Electric
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
Fujitsu Component Limit...
FCN-214J FUJITSU-FCN-214J Datasheet
98Kb / 2P
   FOR BOARD-TO-BOARD CONNECTION
FCN-215J030 FUJITSU-FCN-215J030 Datasheet
147Kb / 3P
   FOR BOARD-TO-BOARD CONNECTION
FCN-244M FUJITSU-FCN-244M Datasheet
146Kb / 5P
   FOR BOARD-TO-BOARD CONNECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com