Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXK5F80547YG Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AXK5F80547YG
Description  NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK5F80547YG Datasheet(HTML) 7 Page - Panasonic Semiconductor

  AXK5F80547YG Datasheet HTML 1Page - Panasonic Semiconductor AXK5F80547YG Datasheet HTML 2Page - Panasonic Semiconductor AXK5F80547YG Datasheet HTML 3Page - Panasonic Semiconductor AXK5F80547YG Datasheet HTML 4Page - Panasonic Semiconductor AXK5F80547YG Datasheet HTML 5Page - Panasonic Semiconductor AXK5F80547YG Datasheet HTML 6Page - Panasonic Semiconductor AXK5F80547YG Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
AXK(5/6)F
NOTES
1. As shown below, excess force
during insertion may result in damage
to the connector or removal of the
solder. Please be careful. Also, to
prevent connector damage please
confirm the correct position before
mating connectors.
2. Keep the PC board warp no more
than 0.03 mm in relation to the overall
length of the connector.
3. PC Boards and Recommended
Metal Mask Patterns
Connectors are mounted with high
density, with a pitch interval of 0.4 to 0.5
mm. It is therefore necessary to make
sure that the right levels of solder are
used, in order to reduce solder bridge
and other issues. The figures to the right
are recommended metal mask patterns.
Please use them as a reference.
• Socket
Recommended PC board pattern
(TOP VIEW)
Recommended metal mask pattern
Metal mask thickness: Here, 150
µm
(Opening area ratio: 56%)
Recommended metal mask pattern
Metal mask thickness: Here, 120
µm
(Opening area ratio: 69%)
• Header
Recommended PC board pattern
(TOP VIEW)
Recommended metal mask pattern
Metal mask thickness: Here, 150
µm
(Opening area ratio: 58%)
Recommended metal mask pattern
Metal mask thickness: Here, 120
µm
(Opening area ratio: 72%)
Max. 0.03mm
Max. 0.03mm
B
±0.05
0.25
±0.05
0.125
±0.05
0.30
±0.05
0.50
±0.05
0.50
±0.05
0.23
±0.01
0.50
±0.01
0.50
±0.01
B
±0.01
0.50
±0.01
0.50
±0.01
0.23
±0.01
B
±0.01
0.125
±0.05
0.30
±0.05
B
±0.05
0.25
±0.05
0.50
±0.05
0.50
±0.05
0.23
±0.01
0.50
±0.01
0.50
±0.01
B
±0.01
0.50
±0.01
0.50
±0.01
0.23
±0.01
B
±0.01
* See the dimension table on page 91 for more information on the B dimension of the socket and header.
For other details, please verify with
the product specification sheets.
panasonic-electric-works.net/ac


Similar Part No. - AXK5F80547YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5F80547YG PANASONIC-AXK5F80547YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
AXK5F80547YG PANASONIC-AXK5F80547YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
More results

Similar Description - AXK5F80547YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5 PANASONIC-AXK5 Datasheet
463Kb / 10P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK7L PANASONIC-AXK7L Datasheet
297Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXT7 PANASONIC-AXT7 Datasheet
443Kb / 4P
   NARROW-PITCH FOR BOARD-TO-FPC CONNECTION
ATX5 PANASONIC-ATX5 Datasheet
363Kb / 7P
   NARROW-PITCH, THIN AND SLIM CONNECTOR FOR BOARD-TO-FPC CONNECTION
logo
Hirose Electric
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
Fujitsu Component Limit...
FCN-214J FUJITSU-FCN-214J Datasheet
98Kb / 2P
   FOR BOARD-TO-BOARD CONNECTION
FCN-215J030 FUJITSU-FCN-215J030 Datasheet
147Kb / 3P
   FOR BOARD-TO-BOARD CONNECTION
FCN-244M FUJITSU-FCN-244M Datasheet
146Kb / 5P
   FOR BOARD-TO-BOARD CONNECTION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com