Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIL111SR2M Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # TIL111SR2M
Description  General Purpose 6-Pin Phototransistor Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIL111SR2M Datasheet(HTML) 2 Page - Fairchild Semiconductor

  TIL111SR2M Datasheet HTML 1Page - Fairchild Semiconductor TIL111SR2M Datasheet HTML 2Page - Fairchild Semiconductor TIL111SR2M Datasheet HTML 3Page - Fairchild Semiconductor TIL111SR2M Datasheet HTML 4Page - Fairchild Semiconductor TIL111SR2M Datasheet HTML 5Page - Fairchild Semiconductor TIL111SR2M Datasheet HTML 6Page - Fairchild Semiconductor TIL111SR2M Datasheet HTML 7Page - Fairchild Semiconductor TIL111SR2M Datasheet HTML 8Page - Fairchild Semiconductor TIL111SR2M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
TIL111M, TIL117M, MOC8100M Rev. 1.0.2
2
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Device
Value
Units
TOTAL DEVICE
TSTG
Storage Temperature
All
-40 to +150
°C
TOPR
Operating Temperature
All
-40 to +100
°C
TSOL
Lead Solder Temperature
All
260 for 10 sec
°C
PD
Total Device Power Dissipation @ TA = 25°C
Derate above 25°C
All
250
mW
2.94
mW/°C
EMITTER
IF
DC/Average Forward Input Current
All
60
mA
VR
Reverse Input Voltage
TIL111M
3
V
MOC8100M, TIL117M
6
IF(pk)
Forward Current – Peak (300µs, 2% Duty Cycle)
All
3
A
PD
LED Power Dissipation @ TA = 25 °C
Derate above 25°C
All
120
mW
1.41
mW/°C
DETECTOR
VCEO
Collector-Emitter Voltage
All
30
V
VCBO
Collector-Base Voltage
All
70
V
VECO
Emitter-Collector Voltage
TIL111M, TIL117M
7
V
VEBO
Emitter-Base Voltage
All
7
PD
Detector Power Dissipation @ TA = 25 °C
Derate above 25°C
All
150
mW
1.76
mW/°C


Similar Part No. - TIL111SR2M

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
TIL111S(TA)-V EVERLIGHT-TIL111S(TA)-V Datasheet
901Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
TIL111S(TB)-V EVERLIGHT-TIL111S(TB)-V Datasheet
901Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
TIL111S1(TA)-V EVERLIGHT-TIL111S1(TA)-V Datasheet
901Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
TIL111S1(TB)-V EVERLIGHT-TIL111S1(TB)-V Datasheet
901Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
More results

Similar Description - TIL111SR2M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Rohm
4N26-M ROHM-4N26-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
4N27SM FAIRCHILD-4N27SM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SVM FAIRCHILD-4N35SVM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SR2M FAIRCHILD-4N35SR2M Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N25M FAIRCHILD-4N25M_09 Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1VM FAIRCHILD-H11A1VM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N37TVM FAIRCHILD-4N37TVM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1SM FAIRCHILD-H11A1SM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25-M FAIRCHILD-4N25-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com