Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCT2SM Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # MCT2SM
Description  Phototransistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MCT2SM Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button MCT2SM Datasheet HTML 4Page - Fairchild Semiconductor MCT2SM Datasheet HTML 5Page - Fairchild Semiconductor MCT2SM Datasheet HTML 6Page - Fairchild Semiconductor MCT2SM Datasheet HTML 7Page - Fairchild Semiconductor MCT2SM Datasheet HTML 8Page - Fairchild Semiconductor MCT2SM Datasheet HTML 9Page - Fairchild Semiconductor MCT2SM Datasheet HTML 10Page - Fairchild Semiconductor MCT2SM Datasheet HTML 11Page - Fairchild Semiconductor MCT2SM Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MCT2M, MCT2EM, MCT210M, MCT271M Rev. 1.0.3
10
Ordering Information
Marking Information
Option
Order Entry Identifier
(Example)
Description
No suffix
MCT2M
Standard Through Hole Device (50 units per tube)
S
MCT2SM
Surface Mount Lead Bend
SR2
MCT2SR2M
Surface Mount; Tape and Reel (1,000 units per reel)
T
MCT2TM
0.4" Lead Spacing
V
MCT2VM
IEC60747-5-2
TV
MCT2TVM
IEC60747-5-2, 0.4" Lead Spacing
SV
MCT2SVM
IEC60747-5-2, Surface Mount
SR2V
MCT2SR2VM
IEC60747-5-2, Surface Mount, Tape and Reel (1,000 units per reel)
*Note – Parts that do not have the ‘V’ option (see definition 3 above) that are marked with
date code ‘325’ or earlier are marked in portrait format.
Definitions
1Fairchild logo
2Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table)
4
One digit year code, e.g., ‘7’
5Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code
MCT2
V
X YY Q
1
2
6
4
3
5


Similar Part No. - MCT2SM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MCT2SM FAIRCHILD-MCT2SM Datasheet
619Kb / 15P
   PHOTOTRANSISTOR OPTOCOUPLERS
MCT2SM FAIRCHILD-MCT2SM Datasheet
264Kb / 11P
   Phototransistor Optocouplers
More results

Similar Description - MCT2SM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT2 FAIRCHILD-MCT2 Datasheet
619Kb / 15P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AV1M FAIRCHILD-H11AV1M Datasheet
277Kb / 10P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com