Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCT2SM Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MCT2SM
Description  Phototransistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MCT2SM Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MCT2SM Datasheet HTML 1Page - Fairchild Semiconductor MCT2SM Datasheet HTML 2Page - Fairchild Semiconductor MCT2SM Datasheet HTML 3Page - Fairchild Semiconductor MCT2SM Datasheet HTML 4Page - Fairchild Semiconductor MCT2SM Datasheet HTML 5Page - Fairchild Semiconductor MCT2SM Datasheet HTML 6Page - Fairchild Semiconductor MCT2SM Datasheet HTML 7Page - Fairchild Semiconductor MCT2SM Datasheet HTML 8Page - Fairchild Semiconductor MCT2SM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MCT2M, MCT2EM, MCT210M, MCT271M Rev. 1.0.3
4
Electrical Characteristics (Continued) (T
A = 25°C unless otherwise specified)
Transfer Characteristics
*All typicals at TA = 25°C
Symbol
Parameter
Test Conditions
Device
Min.
Typ.*
Max.
Unit
DC CHARACTERISTICS
CTR
Output Collector
Current
TA = 0°C–70°C
MCT210M
150
%
IF = 10mA, VCE = 10V
MCT2M
MCT2EM
20
MCT271M
45
90
IF = 3.2mA to 32mA,
VCE = 0.4V, TA = 0°C–70°C
MCT210M
50
VCE(SAT)
Collector-Emitter
Saturation Voltage
IC = 2mA, IF = 16mA
MCT2M
MCT2EM
MCT271M
0.4
V
IC = 16mA, IF = 32mA,
TA = 0°C–70°C
MCT210M
AC CHARACTERISTICS
ton
AC Characteristic Saturated
Turn-on Time from 5V to 0.8V
IF = 15mA, VCC = 5V,
RL = 2kΩ, RB = Open (Fig. 11)
MCT2M
MCT2EM
1.1
µs
IF = 20mA, VCC = 5 V,
RL = 2kΩ, RB = 100kΩ) (Fig. 11)
MCT2M
MCT2EM
1.3
toff
Saturated Turn-off Time from
SAT to 2.0 V
IF = 15mA, VCC = 5V,
RL = 2kΩ, RB = Open (Fig. 11)
MCT2M
MCT2EM
50
µs
IF = 20mA, VCC = 5V,
RL = 2kΩ, RB = 100kΩ (Fig. 11)
MCT2M
MCT2EM
20
ton
Turn-on Time
IF = 10mA, VCC = 10V,
RL = 100Ω
MCT2M
MCT2EM
2µs
toff
Turn-off Time
IF = 10mA, VCC = 10V,
RL = 100Ω
MCT2M
MCT2EM
2µs
tr
Rise Time
IF = 10mA, VCC = 10V,
RL = 100Ω
MCT2M
MCT2EM
2µs
tf
Fall Time
IF = 10mA, VCC = 10V,
RL = 100Ω
MCT2M
MCT2EM
1.5
µs
ton
Saturated turn-on time
IF = 16mA, RL = 1.9kΩ,
VCC = 5V (Fig. 11)
MCT271M
1.0
µs
toff
Saturated turn-off time
(Approximates a typical
TTL interface)
48
µs
ton
Saturated turn-on time
IF = 16mA, RL = 4.7kΩ,
VCC = 5 V (Fig. 20)
MCT271M
1.0
µs
toff
Saturated turn-off time
(Approximates a typical
low power TTL interface)
98
µs
tr
Saturated rise time
IF = 16mA, RL = 560Ω,
VCC = 5V) (Fig. 11, 12)
MCT210M
1.0
µs
tf
Saturated fall time
11
µs
TPD (HL)
Saturated propagation
delay – HIGH to LOW
IF = 16mA, RL = 2.7kΩ
(Fig. 11, 12)
MCT210M
1.0
µs
TPD (LH)
Saturated propagation
delay – LOW to HIGH
50
µs
tr
Non-saturated rise time
IC = 2mA, VCC = 5V,
RL = 100Ω (Fig. 11)
MCT210M
2
µs
tf
Non-saturated fall time
2
µs
ton
Non-saturated turn-on time
IC = 2mA, VCC = 5V,
RL = 100Ω (Fig. 20)
MCT271M
2
7
µs
toff
Non-saturated turn-off time
2
7
µs


Similar Part No. - MCT2SM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MCT2SM FAIRCHILD-MCT2SM Datasheet
619Kb / 15P
   PHOTOTRANSISTOR OPTOCOUPLERS
MCT2SM FAIRCHILD-MCT2SM Datasheet
264Kb / 11P
   Phototransistor Optocouplers
More results

Similar Description - MCT2SM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT2 FAIRCHILD-MCT2 Datasheet
619Kb / 15P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AV1M FAIRCHILD-H11AV1M Datasheet
277Kb / 10P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com