Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOC3081TM Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # MOC3081TM
Description  6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3081TM Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button MOC3081TM Datasheet HTML 3Page - Fairchild Semiconductor MOC3081TM Datasheet HTML 4Page - Fairchild Semiconductor MOC3081TM Datasheet HTML 5Page - Fairchild Semiconductor MOC3081TM Datasheet HTML 6Page - Fairchild Semiconductor MOC3081TM Datasheet HTML 7Page - Fairchild Semiconductor MOC3081TM Datasheet HTML 8Page - Fairchild Semiconductor MOC3081TM Datasheet HTML 9Page - Fairchild Semiconductor MOC3081TM Datasheet HTML 10Page - Fairchild Semiconductor MOC3081TM Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MOC3081M, MOC3082M, MOC3083M Rev. 1.0.3
7
1. The mercury wetted relay provides a high
speed repeated pulse to the D.U.T.
2. 100x scope probes are used, to allow high
speeds and voltages.
3. The worst-case condition for static dv/dt is
established by triggering the D.U.T. with a
normal LED input current, then removing the
current. The variable RTEST allows the dv/dt to
be gradually increased until the D.U.T.
continues to trigger in response to the applied
voltage pulse, even after the LED current has
been removed. The dv/dt is then decreased
until the D.U.T. stops triggering.
τ
RC is
measured at this point and recorded.
Typical circuit for use when hot line switching is required. In this circuit the “hot” side of the line is switched and the
load connected to the cold or neutral side. The load may be connected to either the neutral or hot line.
Rin is calculated so that IF is equal to the rated IFT of the part, 15mA for the MOC3081M, 10mA for the MOC3082M,
and 5mA for the MOC3083M. The 39
Ω resistor and 0.01µF capacitor are for snubbing of the triac and may or may not
be necessary depending upon the particular triac and load use.
Suggested method of firing two, back-to-back SCR’s with a Fairchild triac driver. Diodes can be 1N4001; resistors,
R1 and R2, are optional 330
Ω.
Note: This optoisolator should not be used to drive a load directly. It is intended to be a trigger device only.
Figure 11. Hot-Line Switching Application Circuit
0.01
VCC
Rin
1
2
3
6
5
4
240 VAC
HOT
FKPF12N80
NEUTRAL
360
* For highly inductive loads (power factor < 0.5), change this value to 360
Ω.
330
MOC3081M
MOC3082M
MOC3083M
39*
LOAD
Figure 12. Inverse-Parallel SCR Driver Circuit
VCC
Rin
1
2
3
6
5
4
240 VAC
SCR
360
R1
D1
SCR
MOC3081M
MOC3082M
MOC3083M
R2
D2
LOAD
Figure 9. Static dv/dt Test Circuit
Vdc
800V
10 k
CTEST
X100
SCOPE
PROBE
PULSE
INPUT
MERCURY
WETTED
RELAY
RTEST
D.U.T.
D.U.T.
Figure 10. Static dv/dt Test Waveform
504 V
0 VOLTS
APPLIED VOLTAGE
WAVEFORM
Vmax = 800 V
dv/dt =
0.63 Vmax
=
504
tRC
tRC
tRC


Similar Part No. - MOC3081TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3081TM FAIRCHILD-MOC3081TM Datasheet
543Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3081TM FAIRCHILD-MOC3081TM Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
More results

Similar Description - MOC3081TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3081 FAIRCHILD-MOC3081 Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
MOC3081M FAIRCHILD-MOC3081M Datasheet
543Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3081M FAIRCHILD-MOC3081M_05 Datasheet
537Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3041T-M FAIRCHILD-MOC3041T-M Datasheet
278Kb / 12P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3031M FAIRCHILD-MOC3031M Datasheet
520Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3081 FAIRCHILD-MOC3081 Datasheet
167Kb / 11P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (800Volts Peak)
logo
Motorola, Inc
MOC3061 MOTOROLA-MOC3061 Datasheet
290Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3081 MOTOROLA-MOC3081 Datasheet
291Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3041 MOTOROLA-MOC3041 Datasheet
292Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
ON Semiconductor
MOC3081M ONSEMI-MOC3081M_V01 Datasheet
343Kb / 13P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (800 V Peak)
September, 2022 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com