Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXK5S30247YG Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # AXK5S30247YG
Description  NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK5S30247YG Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button AXK5S30247YG Datasheet HTML 2Page - Panasonic Semiconductor AXK5S30247YG Datasheet HTML 3Page - Panasonic Semiconductor AXK5S30247YG Datasheet HTML 4Page - Panasonic Semiconductor AXK5S30247YG Datasheet HTML 5Page - Panasonic Semiconductor AXK5S30247YG Datasheet HTML 6Page - Panasonic Semiconductor AXK5S30247YG Datasheet HTML 7Page - Panasonic Semiconductor AXK5S30247YG Datasheet HTML 8Page - Panasonic Semiconductor AXK5S30247YG Datasheet HTML 9Page - Panasonic Semiconductor AXK5S30247YG Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AXK(5(S)/6(S))
EMBOSSED TAPE DIMENSIONS (unit: mm, Common for respective contact type, socket and header)
Dimension table (mm)
Suffix: G (1 reel, 1,500 pieces or 1,000 pieces embossed tape and plastic reel package)
Connector orientation with respect to direction of progress of embossed tape
Type
Mated height
No. of contacts
Type of taping
A
B
C
D
Quantity per reel
P5K
Socket and header are common
3.0mm, 3.5mm
20 to 50
Tape I
24.0
11.5
25.4
1,500 pcs.
60 to 70
Tape II
32.0
28.4
14.2
33.4
80 to 100
Tape II
44.0
40.4
20.2
45.4
120
Tape II
56.0
52.4
26.2
57.4
P5KS
Socket: 4.0mm, 4.5mm, 5.0mm,
5.5mm, 6.0mm, 6.5mm
Header: 4.0mm, 4.5mm, 7.0mm
20 to 50
Tape I
24.0
11.5
25.4
1,500 pcs.
60 to 70
Tape II
32.0
28.4
14.2
33.4
80 to 100
Tape II
44.0
40.4
20.2
45.4
120 to 160
Tape II
56.0
52.4
26.2
57.4
Socket: 7.0mm, 8.0mm, 9.0mm
Header: 5.0mm, 5.5mm, 6.0mm,
6.5mm, 8.0mm, 9.0mm
20 to 50
Tape I
24.0
11.5
25.4
1,000 pcs.
60 to 70
Tape II
32.0
28.4
14.2
33.4
80 to 100
Tape II
44.0
40.4
20.2
45.4
130
Tape II
56.0
52.4
26.2
57.4
• Tape dimensions (Conforming to JIS C 0806-1990.
However, some tapes have mounting hole pitches that do
not comply with the standard.)
Tape I
Tape II
1.75
C
12.0
A
±0.3
4
2
1.5
dia.
+0.1
0
1.75
C
12.0
A
±0.3
4
2
B
1.5
dia.
+0.1
0
• Plastic reel dimensions (Conforming to EIAJ ET–7200B)
D
±1
Top cover tape
Taping reel
Embossed carrier tape
Embossed mounting-hole
Type
Direction
of tape progress
P5K
P5KS (Less than 100 contacts)
P5KS 120, 130, 160 contacts
Socket
Header
Socket
Header
Socket
Header
Note: There is no indication on this product
regarding top-bottom or left-right
orientation.
This corner is oriented on the C side.
This corner is oriented on the C side.
This corner is oriented on the C side.
This corner is oriented on the C side.
panasonic-electric-works.net/ac


Similar Part No. - AXK5S30247YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5S30247YG PANASONIC-AXK5S30247YG Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXK5S30247YG PANASONIC-AXK5S30247YG Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXK5S30247YG PANASONIC-AXK5S30247YG Datasheet
428Kb / 15P
   Automation Controls Catalog
More results

Similar Description - AXK5S30247YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5F10347YG PANASONIC-AXK5F10347YG Datasheet
228Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK7L PANASONIC-AXK7L Datasheet
297Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXT7 PANASONIC-AXT7 Datasheet
443Kb / 4P
   NARROW-PITCH FOR BOARD-TO-FPC CONNECTION
ATX5 PANASONIC-ATX5 Datasheet
363Kb / 7P
   NARROW-PITCH, THIN AND SLIM CONNECTOR FOR BOARD-TO-FPC CONNECTION
logo
Hirose Electric
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
Fujitsu Component Limit...
FCN-214J FUJITSU-FCN-214J Datasheet
98Kb / 2P
   FOR BOARD-TO-BOARD CONNECTION
FCN-215J030 FUJITSU-FCN-215J030 Datasheet
147Kb / 3P
   FOR BOARD-TO-BOARD CONNECTION
FCN-244M FUJITSU-FCN-244M Datasheet
146Kb / 5P
   FOR BOARD-TO-BOARD CONNECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com