Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXK5F50347YG Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AXK5F50347YG
Description  NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK5F50347YG Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AXK5F50347YG Datasheet HTML 1Page - Panasonic Semiconductor AXK5F50347YG Datasheet HTML 2Page - Panasonic Semiconductor AXK5F50347YG Datasheet HTML 3Page - Panasonic Semiconductor AXK5F50347YG Datasheet HTML 4Page - Panasonic Semiconductor AXK5F50347YG Datasheet HTML 5Page - Panasonic Semiconductor AXK5F50347YG Datasheet HTML 6Page - Panasonic Semiconductor AXK5F50347YG Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AXK(5/6)F
PRODUCT TYPES
Notes: 1. Regarding ordering units, During production: Please make orders in 1-reel units.
Samples for mounting confirmation: Available in units of 50 pieces. Please consult us. (See “Regarding sample orders to confirm proper mounting” on page 150.)
Samples: Small lot orders are possible. Please consult us.
2. The standard type comes without positioning bosses. Connectors with positioning bosses are available for on-demand production. For this type of connector, 9th
digit of the part no. changes from 4 to 3. e.g.
Mated height 1.5mm, 10 contacts for sockets: AXK5F10337YG
3. The 11th digit “Y” in the socket/header part number indicates the connector has a V notch. (For details, please consult one of our sales offices.)
4. Previous non-
types and current
types are compatible for mating.
Mated height
No. of contacts
Part No.
Packing
Socket
Header
Inner carton (1-reel)
Outer carton
1.5 mm
10
AXK5F10347YG
AXK6F10347YG
2,000 pieces
4,000 pieces
12
AXK5F12347YG
AXK6F12347YG
14
AXK5F14347YG
AXK6F14347YG
16
AXK5F16347YG
AXK6F16347YG
18
AXK5F18347YG
AXK6F18347YG
20
AXK5F20347YG
AXK6F20347YG
22
AXK5F22347YG
AXK6F22347YG
24
AXK5F24347YG
AXK6F24347YG
26
AXK5F26347YG
AXK6F26347YG
30
AXK5F30347YG
AXK6F30347YG
32
AXK5F32347YG
AXK6F32347YG
34
AXK5F34347YG
AXK6F34347YG
40
AXK5F40347YG
AXK6F40347YG
50
AXK5F50347YG
AXK6F50347YG
60
AXK5F60347YG
AXK6F60347YG
70
AXK5F70347YG
AXK6F70347YG
80
AXK5F80347YG
AXK6F80347YG
2.0 mm
10
AXK5F10547YG
AXK6F10347YG
12
AXK5F12547YG
AXK6F12347YG
14
AXK5F14547YG
AXK6F14347YG
16
AXK5F16547YG
AXK6F16347YG
18
AXK5F18547YG
AXK6F18347YG
20
AXK5F20547YG
AXK6F20347YG
22
AXK5F22547YG
AXK6F22347YG
24
AXK5F24547YG
AXK6F24347YG
26
AXK5F26547YG
AXK6F26347YG
30
AXK5F30547YG
AXK6F30347YG
34
AXK5F34547YG
AXK6F34347YG
40
AXK5F40547YG
AXK6F40347YG
50
AXK5F50547YG
AXK6F50347YG
60
AXK5F60547YG
AXK6F60347YG
70
AXK5F70547YG
AXK6F70347YG
80
AXK5F80547YG
AXK6F80347YG
100
AXK5F00547YG
AXK6F00347YG
2.5 mm
10
AXK5F10547YG
AXK6F10547YG
12
AXK5F12547YG
AXK6F12547YG
14
AXK5F14547YG
AXK6F14547YG
16
AXK5F16547YG
AXK6F16547YG
20
AXK5F20547YG
AXK6F20547YG
22
AXK5F22547YG
AXK6F22547YG
24
AXK5F24547YG
AXK6F24547YG
30
AXK5F30547YG
AXK6F30547YG
34
AXK5F34547YG
AXK6F34547YG
36
AXK5F36547YG
AXK6F36547YG
40
AXK5F40547YG
AXK6F40547YG
44
AXK5F44547YG
AXK6F44547YG
50
AXK5F50547YG
AXK6F50547YG
60
AXK5F60547YG
AXK6F60547YG
70
AXK5F70547YG
AXK6F70547YG
80
AXK5F80547YG
AXK6F80547YG
100
AXK5F00547YG
AXK6F00547YG
panasonic-electric-works.net/ac


Similar Part No. - AXK5F50347YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5F50347YG PANASONIC-AXK5F50347YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
AXK5F50347YG PANASONIC-AXK5F50347YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
More results

Similar Description - AXK5F50347YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5 PANASONIC-AXK5 Datasheet
463Kb / 10P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK7L PANASONIC-AXK7L Datasheet
297Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXT7 PANASONIC-AXT7 Datasheet
443Kb / 4P
   NARROW-PITCH FOR BOARD-TO-FPC CONNECTION
ATX5 PANASONIC-ATX5 Datasheet
363Kb / 7P
   NARROW-PITCH, THIN AND SLIM CONNECTOR FOR BOARD-TO-FPC CONNECTION
logo
Hirose Electric
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
Fujitsu Component Limit...
FCN-214J FUJITSU-FCN-214J Datasheet
98Kb / 2P
   FOR BOARD-TO-BOARD CONNECTION
FCN-215J030 FUJITSU-FCN-215J030 Datasheet
147Kb / 3P
   FOR BOARD-TO-BOARD CONNECTION
FCN-244M FUJITSU-FCN-244M Datasheet
146Kb / 5P
   FOR BOARD-TO-BOARD CONNECTION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com