Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXK5F34347YG Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AXK5F34347YG
Description  NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK5F34347YG Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AXK5F34347YG Datasheet HTML 1Page - Panasonic Semiconductor AXK5F34347YG Datasheet HTML 2Page - Panasonic Semiconductor AXK5F34347YG Datasheet HTML 3Page - Panasonic Semiconductor AXK5F34347YG Datasheet HTML 4Page - Panasonic Semiconductor AXK5F34347YG Datasheet HTML 5Page - Panasonic Semiconductor AXK5F34347YG Datasheet HTML 6Page - Panasonic Semiconductor AXK5F34347YG Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AXK(5/6)F
ORDERING INFORMATION
NARROW-PITCH
CONNECTORS FOR
BOARD-TO-BOARD
CONNECTION
NARROWPITCH(0.5mm)
CONNECTORSP5SERIES —P5KF—
FEATURES
1. The connector is a two-piece
structure and 0.5mm pitch.
The product lineup consists of the mated
height of 1.5mm, 2.0mm and 2.5mm.
2. Strong resistance to adverse
environments! Utilizes
construction
for high contact reliability.
(See Page 6 for details of the structure)
3. Simple locking structure
Superior mating operation with click
feel to indicate that mating is
complete.
4. Mating length 0.55mm
While achieving a low profile of 1.5mm
between PCBs, the effective mating
length has been extended to ensure that
there is some latitude in the mating.
5. The lower connector bottom surface
construction prevents contact and
shorts between the PCB and metal
terminals.
This enables freedom in pattern
wiring, helping to make PCB’s smaller.
6. Automatic mounting inspection is
facilitated by the gull-wing terminal
shape which makes mounting
verification easy.
7. Connectors for inspection available
Connectors for inspection are available
that are ideal for modular unit inspection
and inspection in device assembly
processes.
APPLICATIONS
Compact portable devices “Cellular
phones, DVC, Digital cameras, etc”
Socket
Header
Compliance with RoHS Directive
Simple lock mechanism
0.55mm
<Socket>
Connector bottom: Create any thru-hole and pattern wiring.
<Header>
1.5mm
PCB
Narrow-pitch
connectors
P5KF
FPC
Reinforcing plate
Before
mating
Ideal for Board-to-FPC connections
After
mating
The simple lock
mechanism ensures
that the connector
clicks into position
when it is inserted for
reliable single-action
insertion on the PCB.
This enables the number of pins to
be doubled white the size remains
the same as that for existing FPC
connectors. This, in turn, contributes
to making products and equipment
more compact.
Mated height
<Socket>
3: For mated height 1.5 mm
5: For mated height 2.0 mm and 2.5 mm
<Header>
3: For mated height 1.5 mm and 2.0 mm
5: For mated height 2.5 mm
Surface treatment (Contact portion / Terminal portion)
<Socket>
7: Ni plating on base, Au plating on surface/Ni plating on base, Au plating on surface (for Ni barrier available)
Contact portion
<Socket> Y: V notch type product (chamfered on both ends)
<Header> Y: V notch type product
Number of contacts (2 digits)
Packing
G: 2,000 pieces embossed tape and plastic reel
× 2
5F: Narrow Pitch Connector P5KF (0.5 mm pitch) Socket
6F: Narrow Pitch Connector P5KF (0.5 mm pitch) Header
Functions
3: With positioning bosses
4: Without positioning bosses
7Y
G
AXK
panasonic-electric-works.net/ac


Similar Part No. - AXK5F34347YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5F34347YG PANASONIC-AXK5F34347YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
AXK5F34347YG PANASONIC-AXK5F34347YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
More results

Similar Description - AXK5F34347YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5 PANASONIC-AXK5 Datasheet
463Kb / 10P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK7L PANASONIC-AXK7L Datasheet
297Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXT7 PANASONIC-AXT7 Datasheet
443Kb / 4P
   NARROW-PITCH FOR BOARD-TO-FPC CONNECTION
ATX5 PANASONIC-ATX5 Datasheet
363Kb / 7P
   NARROW-PITCH, THIN AND SLIM CONNECTOR FOR BOARD-TO-FPC CONNECTION
logo
Hirose Electric
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
Fujitsu Component Limit...
FCN-214J FUJITSU-FCN-214J Datasheet
98Kb / 2P
   FOR BOARD-TO-BOARD CONNECTION
FCN-215J030 FUJITSU-FCN-215J030 Datasheet
147Kb / 3P
   FOR BOARD-TO-BOARD CONNECTION
FCN-244M FUJITSU-FCN-244M Datasheet
146Kb / 5P
   FOR BOARD-TO-BOARD CONNECTION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com