Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXK5F24347YG Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # AXK5F24347YG
Description  NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK5F24347YG Datasheet(HTML) 6 Page - Panasonic Semiconductor

  AXK5F24347YG Datasheet HTML 1Page - Panasonic Semiconductor AXK5F24347YG Datasheet HTML 2Page - Panasonic Semiconductor AXK5F24347YG Datasheet HTML 3Page - Panasonic Semiconductor AXK5F24347YG Datasheet HTML 4Page - Panasonic Semiconductor AXK5F24347YG Datasheet HTML 5Page - Panasonic Semiconductor AXK5F24347YG Datasheet HTML 6Page - Panasonic Semiconductor AXK5F24347YG Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AXK(5/6)F
TABLE OF PRODUT TYPES
✩: Available for sale
Notes: 1. You can use with each mated height in common.
2. Please inquire about numbers of contacts other than those given above.
3. Please inquire with us regarding delivery times.
4. Please keep the minimum unit for ordering no less than 50 pieces per lot.
5. Please inquire for further information.
PRODUCT TYPES
Note: When placing an order, substitute the “
∗” (asterisk) in the above part number with the number of contacts for the required connector.
CONNECTOR FOR INSPECTION
USAGE APPLICATIONS WITH
3,000 INSERTION AND
REMOVAL TIMES
NARROW PITCH CONNECTOR P5KF
(0.5 mm PITCHES)
FOR INSPECTION USAGE
Product name
Number of contacts
P5KF
for inspection
10
12
14
16
18
20
22
24
26
30
32
34
40
50
60
70
80
100
✩✩
✩✩
✩✩
✩✩
✩✩
✩✩
✩✩
✩✩
Specifications
Part No.
Specifications
Part No.
Socket
With positioning bosses
AXK5FE
∗∗36G
Header
With positioning bosses
AXK6FE
∗∗36G
Without positioning bosses
AXK5FE
∗∗46G
Without positioning bosses
AXK6FE
∗∗46G
FEATURES
1. 3,000 insertion and removals (when
as recommended)
2. Same external dimensions and foot
pattern as standard type.
3. Improved mating
Insertion and removal have become
easier due to a reduction in the mating
retention force required by the simple
locking structure and also in the amount
of force needed for insertion and
removal. (We cannot warrant anything
regarding mating retention.)
APPLICATIONS
Ideal for module unit inspection and
equipment assembly inspection
Socket
Header
Compliance with RoHS Directive
panasonic-electric-works.net/ac


Similar Part No. - AXK5F24347YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5F24347YG PANASONIC-AXK5F24347YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
AXK5F24347YG PANASONIC-AXK5F24347YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
More results

Similar Description - AXK5F24347YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5 PANASONIC-AXK5 Datasheet
463Kb / 10P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK7L PANASONIC-AXK7L Datasheet
297Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXT7 PANASONIC-AXT7 Datasheet
443Kb / 4P
   NARROW-PITCH FOR BOARD-TO-FPC CONNECTION
ATX5 PANASONIC-ATX5 Datasheet
363Kb / 7P
   NARROW-PITCH, THIN AND SLIM CONNECTOR FOR BOARD-TO-FPC CONNECTION
logo
Hirose Electric
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
Fujitsu Component Limit...
FCN-214J FUJITSU-FCN-214J Datasheet
98Kb / 2P
   FOR BOARD-TO-BOARD CONNECTION
FCN-215J030 FUJITSU-FCN-215J030 Datasheet
147Kb / 3P
   FOR BOARD-TO-BOARD CONNECTION
FCN-244M FUJITSU-FCN-244M Datasheet
146Kb / 5P
   FOR BOARD-TO-BOARD CONNECTION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com