Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACNM3112 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ACNM3112
Description  MIDDLE LOAD RELAY FOR SMART J/B
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ACNM3112 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ACNM3112 Datasheet HTML 1Page - Panasonic Semiconductor ACNM3112 Datasheet HTML 2Page - Panasonic Semiconductor ACNM3112 Datasheet HTML 3Page - Panasonic Semiconductor ACNM3112 Datasheet HTML 4Page - Panasonic Semiconductor ACNM3112 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CN-M (ACNM)
RATING
1. Coil data
2. Specifications
Note: * This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the actual
load.
REFERENCE DATA
Nominal coil voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current [
±10%]
(at 20
°C 68°F)
Coil resistance
[
±10%]
(at 20
°C 68°F)
Nominal operating
power
(at 20
°C 68°F)
Usable voltage range
12 V DC
Max. 7.2 V DC
(Initial)
Min. 1.0 V DC
(Initial)
53.3 mA
225
640 mW
10 to 16 V DC
Characteristics
Item
Specifications
Contact
Arrangement
1 Form A, 1 Form C
Contact resistance (Initial)
Typical 5m
Ω (By voltage drop 6 V DC 1 A)
Contact material
Ag alloy (Cadmium free)
Rating
Nominal switching capacity (resistive load)
N.O.: 30A 14V DC, N.C.: 15A 14V DC
Max. carrying current (at 14V DC)
N.O.
30A/1 h, 40A/2 min. at 20
°C 68°F
25A/1 h, 35A/2 min. at 85
°C 185°F
20A/1 h, 30A/2 min. at 110
°C 230°F (High heat-resistant type)
N.C.
25A/1 h, 30A/2 min. at 20
°C 68°F
20A/1 h, 25A/2 min. at 85
°C 185°F
15A/1 h, 20A/2 min. at 110
°C 230°F (High heat-resistant type)
Nominal operating power
640 mW
Min. switching capacity (resistive load)*
1A 12V DC
Electrical
characteristics
Insulation resistance (Initial)
Min. 100 M
Ω (at 500 V DC)
Breakdown
voltage (Initial)
Between open contacts
500 Vrms for 1 min. (Detection current: 10mA)
Between contacts and coil
500 Vrms for 1 min. (Detection current: 10mA)
Operate time (at nominal voltage)
Max. 10ms (at 20
°C 68°F, excluding contact bounce time) (Initial)
Release time (at nominal voltage)
Max. 10ms (at 20
°C 68°F, excluding contact bounce time) (Initial) (without diode)
Mechanical
characteristics
Shock resistance
Functional
Min. 100 m/s2 {10G} (Half-wave pulse of sine wave: 11ms; detection time: 10
µs)
Destructive
Min. 1,000 m/s2 {100G} (Half-wave pulse of sine wave: 6ms)
Vibration
resistance
Functional
10 Hz to 100 Hz, Min. 44.1m/s2 {4.5G} (Detection time: 10
µs)
Destructive
10 Hz to 500 Hz, Min. 44.1m/s2 {4.5G}
Time of vibration for each direction; X, Y direction: 2 hours, Z direction: 4 hours
Expected life
Mechanical
Min. 107 (at 120 cpm)
Electrical
<Resistive load>
Min. 105 (At nominal switching capacity, operating frequency: 1s ON, 2s OFF)
<Motor load>
Min. 2
×105: at 80 A (inrush), 16 A (steady), 14 V DC (Operating frequency: 2s ON, 6s OFF)
<Lamp load>
Min. 105: at 84 A (inrush), 12 A (steady), 14 V DC (Operating frequency: 1s ON, 14s OFF)
Conditions
Conditions for operation, transport and storage
Standard type; Ambient temp: –40
°C to +85°C –40°F to +185°F, Humidity: 5 to 85% R.H.
High heat-resistant type; Ambient temp: –40
°C to +110°C –40°F to +230°F, Humidity: 2 to 85% R.H.
(Not freezing and condensing at low temperature)
Unit weight
Approx. 5.5 g .19 oz
1-(1). Coil temperature rise
Sample: ACNM1112, 3pcs
Measured portion: Inside the coil
Contact carrying current: 10A, 20A, 30A
Ambient temperature: 26
°C 78.8°F
1-(2). Coil temperature rise
Sample: ACNM7112, 3pcs
Measured portion: Inside the coil
Contact carrying current: 10A, 20A
Ambient temperature: 110
°C 230°F
2. Ambient temperature and operating voltage
range
0
140
80
60
40
20
12
14
16
18
10
10A
20A
30A
100
120
Coil applied voltage, V
0
140
120
100
80
60
40
20
12
14
16
18
10
10A
20A
Coil applied voltage, V
-40 -20
0
20
40
60
80
100 120
20
15
10
5
0
Pick-up voltage (cold start)
Ambient temperature,
°C
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.


Similar Part No. - ACNM3112

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
ACN ALPHAWIRE-ACN Datasheet
185Kb / 2P
   M12-A Female 쩍 NPT Mount Receptacle
logo
D+H Mechatronic AG
ACN-CM501 DH-ACN-CM501 Datasheet
496Kb / 2P
   Connection module
ACN-GW501-MRTU-0200 DH-ACN-GW501-MRTU-0200 Datasheet
476Kb / 2P
   Modbus gateway
ACN-IO501 DH-ACN-IO501 Datasheet
565Kb / 2P
   I/O module
logo
High Voltage Power Solu...
ACN2132L12 HVPSI-ACN2132L12 Datasheet
56Kb / 2P
   HIGH VOLTAGE POWER SUPPLIES
More results

Similar Description - ACNM3112

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ACNH3212 PANASONIC-ACNH3212 Datasheet
83Kb / 4P
   HIGH LOAD RELAY FOR SMART J/B Best space savings in its class.
logo
Analog Devices
ZSPM4121 AD-ZSPM4121 Datasheet
950Kb / 17P
   Under-Voltage Load Switch for Smart Battery Management
logo
Renesas Technology Corp
ZSPM4121 RENESAS-ZSPM4121 Datasheet
577Kb / 17P
   Under-Voltage Load Switch for Smart Battery Management
January 29, 2016
logo
Nais(Matsushita Electri...
JM1AN NAIS-JM1AN Datasheet
120Kb / 4P
   COMPACT POWER RELAY FOR INDUCTIVE LOAD
logo
Alpha & Omega Semicondu...
AOZ1331DI AOSMD-AOZ1331DI Datasheet
1Mb / 14P
   Dual Channel Smart Load Switch
AOZ1336DI AOSMD-AOZ1336DI Datasheet
1Mb / 14P
   Single Channel Smart Load Switch
Rev. 1.0 January 2014
logo
Diodes Incorporated
DML1007LDS DIODES-DML1007LDS Datasheet
872Kb / 10P
   SINGLE CHANNEL SMART LOAD SWITCH
DML1008LDS DIODES-DML1008LDS Datasheet
1Mb / 11P
   SINGLE CHANNEL SMART LOAD SWITCH
DML10M8LDS DIODES-DML10M8LDS Datasheet
667Kb / 12P
   SINGLE CHANNEL SMART LOAD SWITCH
DLS3035FGBQ DIODES-DLS3035FGBQ Datasheet
1Mb / 8P
   SINGLE CHANNEL SMART LOAD SWITCH
August 2022 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com