Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC54-74HC259A Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC54-74HC259A
Description  8-Bit Addressable Latch 1-of-8 Decoder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC54-74HC259A Datasheet(HTML) 1 Page - Motorola, Inc

  MC54-74HC259A Datasheet HTML 1Page - Motorola, Inc MC54-74HC259A Datasheet HTML 2Page - Motorola, Inc MC54-74HC259A Datasheet HTML 3Page - Motorola, Inc MC54-74HC259A Datasheet HTML 4Page - Motorola, Inc MC54-74HC259A Datasheet HTML 5Page - Motorola, Inc MC54-74HC259A Datasheet HTML 6Page - Motorola, Inc MC54-74HC259A Datasheet HTML 7Page - Motorola, Inc MC54-74HC259A Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 0
© Motorola, Inc. 1995
10/95
Product Preview
8-Bit Addressable Latch
1-of-8 Decoder
High–Performance Silicon–Gate CMOS
The MC54/74HC259A is identical in pinout to the LS259. The device
inputs are compatible with standard CMOS outputs; with pullup resistors,
they are compatible with LSTTL outputs.
The HC259A has four modes of operation as shown in the mode selection
table. In the addressable latch mode, the data on Data In is written into the
addressed latch. The addressed latch follows the data input with all
non–addressed latches remaining in their previous states. In the memory
mode, all latches remain in their previous state and are unaffected by the
Data or Address inputs. In the one–of–eight decoding or demultiplexing
mode, the addressed output follows the state of Data In with all other outputs
in the LOW state. In the Reset mode all outputs are LOW and unaffected by
the address and data inputs. When operating the HC259A as an
addressable latch, changing more than one bit of the address could impose
a transient wrong address. Therefore, this should only be done while in the
memory mode.
• Output Drive Capability: 10 LSTTL Loads
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2 to 6 V
• Low Input Current: 1 µA
• High Noise Immunity Characteristic of CMOS Devices
• In Compliance with the Requirements Defined by JEDEC Standard
No. 7A
• Chip Complexity: 202 FETs or 50.5 Equivalent Gates
LOGIC DIAGRAM
ADDRESS
INPUTS
A0
A1
A2
DATA IN
RESET
ENABLE
14
15
13
3
2
1
12
11
10
9
7
6
5
4
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
PIN 16 = VCC
PIN 8 = GND
NONINVERTING
OUTPUTS
LATCH SELECTION TABLE
Address Inputs
Latch
C
B
A
Addressed
L
L
L
Q0
L
L
H
Q1
L
H
L
Q2
L
H
H
Q3
H
L
L
Q4
H
L
H
Q5
H
H
L
Q6
H
H
H
Q7
MODE SELECTION TABLE
Enable
Reset
Mode
L
H
Addressable Latch
H
H
Memory
L
L
8–Line Demultiplexer
H
L
Reset
This document contains information on a product under development. Motorola reserves the right to change or discontinue this product without notice.
MC54/74HC259A
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
Q7
DATA IN
ENABLE
RESET
VCC
Q4
Q5
Q6
Q0
A2
A1
A0
GND
Q3
Q2
Q1
D SUFFIX
SOIC PACKAGE
CASE 751B–05
N SUFFIX
PLASTIC PACKAGE
CASE 648–08
ORDERING INFORMATION
MC54HCXXXAJ
MC74HCXXXAN
MC74HCXXXAD
MC74HCXXXADT
Ceramic
Plastic
SOIC
TSSOP
1
16
1
16
J SUFFIX
CERAMIC PACKAGE
CASE 620–10
1
16
1
16
DT SUFFIX
TSSOP PACKAGE
CASE 948F–01


Similar Part No. - MC54-74HC259A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC259 MOTOROLA-MC54-74HC259 Datasheet
199Kb / 7P
   8-Bit Addressable Latch 1-of-8 Decoder
More results

Similar Description - MC54-74HC259A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC259A ONSEMI-MC74HC259A Datasheet
134Kb / 9P
   8-Bit Addressable Latch 1-of-8 Decoder
June, 2012 ??Rev. 3
logo
Motorola, Inc
MC54-74HC259 MOTOROLA-MC54-74HC259 Datasheet
199Kb / 7P
   8-Bit Addressable Latch 1-of-8 Decoder
logo
ON Semiconductor
MC74LVX259 ONSEMI-MC74LVX259_14 Datasheet
130Kb / 9P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
August, 2014 ??Rev. 4
MC74LVX259 ONSEMI-MC74LVX259 Datasheet
178Kb / 11P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
April, 2001 ??Rev. 1
MC74VHC259 ONSEMI-MC74VHC259 Datasheet
118Kb / 8P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
April, 2001 ??Rev. 2
MC74VHCT259A ONSEMI-MC74VHCT259A_14 Datasheet
110Kb / 9P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
October, 2014 ??Rev. 6
MC74VHC259 ONSEMI-MC74VHC259_14 Datasheet
107Kb / 8P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
September, 2014 ??Rev. 5
logo
Fairchild Semiconductor
MM74HC259 FAIRCHILD-MM74HC259 Datasheet
76Kb / 7P
   8-Bit Addressable Latch/3-to-8 Line Decoder
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com