Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXA2R Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AXA2R
Description  Enhanced robustness and EMI resistance achieved by the laser-welded double-sided metal shell
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXA2R Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AXA2R Datasheet HTML 1Page - Panasonic Semiconductor AXA2R Datasheet HTML 2Page - Panasonic Semiconductor AXA2R Datasheet HTML 3Page - Panasonic Semiconductor AXA2R Datasheet HTML 4Page - Panasonic Semiconductor AXA2R Datasheet HTML 5Page - Panasonic Semiconductor AXA2R Datasheet HTML 6Page - Panasonic Semiconductor AXA2R Datasheet HTML 7Page - Panasonic Semiconductor AXA2R Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AXA2R
DIMENSIONS (Unit: mm)
1. On board mounting standard type (Without standoff)
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://panasonic-electric-works.net/ac
Part No.
AXA2R73061
(With card jump-out prevention function)
AXA2R73021
(Without card jump-out prevention function)
0.60
(14.65)
13.50
28.15
(2.10)
(17.50)
14.55
27.95
(0.625)
1.65
±0.1
(Contact pitch) 2.50
±0.1
Card center
SD memory card
19.15
17.50
0.625
9.375
2.50
Terminal coplanarity
(Signal/Detection contact)
(3.40)
0.70
2.70
*1 0.08 (Standoff dimensions)
0.10
Detailed internal view
View of set card
3
2
1
SD memory card
(24.00)
Circuit schematic
No. 3
No. 2
No. 1
Recommended PC board pattern (TOP VIEW)
PC board both side
Substrate edge
Socket edge
Through hole
2.50
±0.05 (Pitch)
0.625
±0.05
1.60
±0.05
0.60
±0.05
0.40
±0.05
1.00
±0.05
17.50
±0.05
19.15
±0.05
(30.15)
10.37
7.48
1.60
(15.65)
8.58
12.25
±0.05
0.60
±0.05
0.40
±0.05
1.60
±0.05
14.55
±0.05
27.95
±0.05
1.75
±0.05
1.55
±0.05
12.45
±0.05
(R)
: Pattern forbidden
area*2
: Pattern insulation
is recommended.
(Whole area)
*1 Standoff dimension is the dimension that takes into account the solder resist
or silk screen printing thickness on the PC board in order to preserve the
dimension from the surface of the PC board to the bottom of the socket.
*2 This is the pattern forbidden area. It is provided to prevent the signal contact
tips from contacting the substrate surface.
Recommended metal mask pattern
Metal mask thickness: 120
µm
Metal mask opening area ratio: 75%
Metal mask opening area ratio:100%
Metal mask opening area ratio: 80%
Socket edge
9-1.0
±0.03
17.5
±0.05 (2.5×7)
2.5
±0.05 (pitch)
1.65
±0.05
29.95
±0.05
1.60
±0.03
1.60
±0.03
1.31
±0.03
6.27
±0.05
5.88
±0.05
1.55
±0.03
1.75
±0.03
Contact status of the card detection and write protect switches
Card attachment
condition
Write protect switch
Card detection
switch
Write unable
Write enable
Card not attached
Open
Open
Open
Card attached
Open
Closed
Closed
Terminal number
1–21–3
CAD Data
panasonic-electric-works.net/ac
To be transferred to Honda Tsushin kogyo Co.,Ltd. from October 1, 2009


Similar Part No. - AXA2R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXA2R63021P PANASONIC-AXA2R63021P Datasheet
480Kb / 8P
   Enhanced robustness and EMI resistance achieved by the laser-welded double-sided metal
AXA2R63021T PANASONIC-AXA2R63021T Datasheet
480Kb / 8P
   Enhanced robustness and EMI resistance achieved by the laser-welded double-sided metal
AXA2R63061P PANASONIC-AXA2R63061P Datasheet
480Kb / 8P
   Enhanced robustness and EMI resistance achieved by the laser-welded double-sided metal
AXA2R63061T PANASONIC-AXA2R63061T Datasheet
480Kb / 8P
   Enhanced robustness and EMI resistance achieved by the laser-welded double-sided metal
AXA2R63321P PANASONIC-AXA2R63321P Datasheet
480Kb / 8P
   Enhanced robustness and EMI resistance achieved by the laser-welded double-sided metal
More results

Similar Description - AXA2R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXA2R73061P PANASONIC-AXA2R73061P Datasheet
480Kb / 8P
   Enhanced robustness and EMI resistance achieved by the laser-welded double-sided metal
logo
Dubilier
DXT49 DUBILIER-DXT49 Datasheet
175Kb / 1P
   RESISTANCE WELDED HOLDER
logo
Vectron International, ...
VXE1 VECTRON-VXE1 Datasheet
61Kb / 2P
   VXE1 Resistance Welded Crystal
logo
Vishay Siliconix
XTUM1 VISHAY-XTUM1 Datasheet
91Kb / 3P
   Resistance Welded Miniature Crystal Units
Revision: 18-Oct-07
logo
RSG Electronic Componen...
UM-1 RSG-UM-1 Datasheet
73Kb / 1P
   RESISTANCE WELDED MINIATURE CRYSTAL UNITS
logo
Dubilier
DXT4910.000A20XXXX DUBILIER-DXT4910.000A20XXXX Datasheet
72Kb / 1P
   CRYSTALS RESISTANCE WELDED HOLDER DXT49
logo
Vishay Siliconix
XTUM1 VISHAY-XTUM1_10 Datasheet
70Kb / 3P
   Resistance Welded Miniature Crystal Units
Revision: 09-Mar-10
logo
TXC Corporation.
9B-SERIES TXC-9B-SERIES Datasheet
1,000Kb / 1P
   Resistance welded type crystal units.
logo
Vishay Siliconix
XTUM1 VISHAY-XTUM1_V01 Datasheet
74Kb / 3P
   Resistance Welded Miniature Crystal Unitss
01-Jan-2022
logo
Lumileds Lighting Compa...
DS127 LUMILEDS-DS127 Datasheet
1Mb / 16P
   Reliability and robustness
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com