Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M3G2803R312T Datasheet(PDF) 1 Page - International Rectifier

Part # M3G2803R312T
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3G2803R312T Datasheet(HTML) 1 Page - International Rectifier

  M3G2803R312T Datasheet HTML 1Page - International Rectifier M3G2803R312T Datasheet HTML 2Page - International Rectifier M3G2803R312T Datasheet HTML 3Page - International Rectifier M3G2803R312T Datasheet HTML 4Page - International Rectifier M3G2803R312T Datasheet HTML 5Page - International Rectifier M3G2803R312T Datasheet HTML 6Page - International Rectifier M3G2803R312T Datasheet HTML 7Page - International Rectifier M3G2803R312T Datasheet HTML 8Page - International Rectifier M3G2803R312T Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
03/01/10
www.irf.com
1
HYBRID-HIGH RELIABILITY
RADIATION HARDENED
DC-DC CONVERTER
M3G2803R312T
Description
n Total Dose > 200 Krad(Si),
typically usable to > 300 KRad(Si)
n SEE Hardened to LET up to 82 MeV.cm2/mg
n Internal EMI Filter, Converter capable of
meeting MIL-STD-461C CEO3
n Low Weight, < 110 grams
n Magnetically Coupled Feedback
n 18V to 50V DC Input Range
n Up to 33W Output Power
n Main Output Isolated from Dual Outputs
n High Efficiency - to 80%
n -55°C to +125°C Operating Temperature Range
n 100M@ 500VDC Isolation
n Under-Voltage Lockout
n Synchronization Input and Output
n Short Circuit and Overload Protection
n Output Over Voltage Limiter
n External Inhibit
n > 5,000,000 Hour MTBF
Features
28V Input, Triple Output
Manufactured in a facility fully qualified to MIL-PRF-
38534, these converters are fabricated utilizing DSCC
qualified processes. For available screening options,
refer to device screening table in the data sheet.
Applications
n
Geostationary Earth Orbit Satellites (GEO)
Non-flight versions of the M3G-Series converters are
available for system development purposes. Variations
in electrical specifications and screening to meet custom
requirements can be accommodated.
The M3G-Series of DC-DC converters are radiation
hardened, high reliability converters designed for
extended operation in hostile environments. Their small
size and low weight make them ideal for applications
such as geostationary earth orbit satellites and deep
space probes. They exhibit a high tolerance to total
ionizing dose, single event effects and environmental
stresses such as temperature extremes, mechanical
shock, and vibration. All components are fully derated
to meet the requirements of MIL-STD-975, MIL-STD-
1547 and GSFC PPL-21 Appendix B.
n
Deep Space Satellites / Probes
n
Strategic Weapons and Communication
Systems
The converters incorporate a fixed frequency single
ended forward topology with magnetic feedback and
an internal EMI filter. These converters are capable of
meeting the conducted emissions and conducted
susceptibility requirements of MIL-STD-461C without
any additional components. External inhibit and
synchronization input and output allow these converters
to be easily incorporated into larger power systems.
They are enclosed in a hermetic 3" x 2" x 0.475" package
constructed of an Aluminum-Silicon-Carbide (AlSiC)
base and an Alloy 48 ring frame and they weigh less
than 110 grams. The package utilizes rugged ceramic
feed-through copper core pins and is sealed using
parallel seam welding.
M3G
PD-95890D


Similar Part No. - M3G2803R312T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3G2803R312T IRF-M3G2803R312T Datasheet
181Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G2803R312T IRF-M3G2803R312T Datasheet
147Kb / 10P
   28V Input, Triple Output
M3G2803R312T IRF-M3G2803R312T_15 Datasheet
147Kb / 10P
   28V Input, Triple Output
More results

Similar Description - M3G2803R312T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART28XXT IRF-ART28XXT_06 Datasheet
140Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
M3G7003R315T IRF-M3G7003R315T Datasheet
176Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com