Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6752KA23 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6752KA23
Description  uP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6752KA23 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6752KA23 Datasheet HTML 1Page - Maxim Integrated Products MAX6752KA23 Datasheet HTML 2Page - Maxim Integrated Products MAX6752KA23 Datasheet HTML 3Page - Maxim Integrated Products MAX6752KA23 Datasheet HTML 4Page - Maxim Integrated Products MAX6752KA23 Datasheet HTML 5Page - Maxim Integrated Products MAX6752KA23 Datasheet HTML 6Page - Maxim Integrated Products MAX6752KA23 Datasheet HTML 7Page - Maxim Integrated Products MAX6752KA23 Datasheet HTML 8Page - Maxim Integrated Products MAX6752KA23 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
µP Reset Circuits with Capacitor-Adjustable
Reset/Watchdog Timeout Delay
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +1.2V to +5.5V, TA = TMIN to TMAX, unless otherwise specified. Typical values are at VCC = +5V and TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................-0.3V to +6.0V
SRT, SWT, SET0, SET1, RESET IN, WDS, MR,
WDI, to GND .......................................…-0.3V to (VCC + 0.3V)
RESET (Push-Pull) to GND......................…-0.3V to (VCC + 0.3V)
RESET (Open Drain) to GND .............................…-0.3V to +6.0V
Input Current (All Pins) .....................................................±20mA
Output Current (RESET) ...................................................±20mA
Continuous Power Dissipation (TA = +70°C)
8-Pin SOT23 (derate 8.9mW/°C above +70°C)............714mW
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range ............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = 0°C to +125°C
1.0
5.5
Supply Voltage
VCC
TA = -40°C to 0°C
1.2
5.5
V
VCC
≤ 5.5V
5
10
VCC
≤ 3.3V
4.2
9
Supply Current
ICC
VCC
≤ 2.0V
3.7
8
µA
VCC Reset Threshold
VTH
See VTH
selection table
TA = -40°C to+125°C
VTH -
2%
VTH +
2%
V
Hysteresis
VHYST
0.8
%
VCC to Reset Delay
VCC falling from VTH + 100mV to VTH -
100mV at 1mV/µs
20
µs
CSRT = 1500pF
5.692
7.590
9.487
Reset Timeout Period
tRP
CSRT = 100pF
0.506
ms
SRT Ramp Current
IRAMP
VSRT = 0 to 1.23V; VCC = 1.6V to 5V
200
250
300
nA
SRT Ramp Threshold
VRAMP
VCC = 1.6V to 5V (VRAMP rising)
1.173
1.235
1.297
V
CSWT = 1500pF
5.692
7.590
9.487
Normal Watchdog Timeout Period
(MAX6746–MAX6751)
tWD
CSWT = 100pF
0.506
ms
CSWT = 1500pF
728.6
971.5
1214.4
Extended Watchdog Timeout
(MAX6746–MAX6751)
tWD
CSWT = 100pF
64.77
ms
CSWT = 1500pF
728.6
971.5
1214.4
Slow Watchdog Period
(MAX6752/MAX6753)
tWD2
CSWT = 100pF
64.77
ms
CSWT = 1500pF
91.08
121.43
151.80
Fast Watchdog Timeout Period,
SET Ratio = 8,
(MAX6752/MAX6753)
tWD1
CSWT = 100pF
8.09
ms
CSWT = 1500pF
45.53
60.71
75.89
Fast Watchdog Timeout Period,
SET Ratio = 16,
(MAX6752/MAX6753)
tWD1
CSWT = 100pF
4.05
ms


Similar Part No. - MAX6752KA23

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6752KA23 MAXIM-MAX6752KA23 Datasheet
214Kb / 14P
   UP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
19-2530; Rev 2; 8/03
MAX6752KA23 MAXIM-MAX6752KA23 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
More results

Similar Description - MAX6752KA23

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6746 MAXIM-MAX6746 Datasheet
214Kb / 14P
   UP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
19-2530; Rev 2; 8/03
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6747KA46-T MAXIM-MAX6747KA46-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6753KA29-T MAXIM-MAX6753KA29-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6746 MAXIM-MAX6746_V01 Datasheet
1Mb / 16P
   關P Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
2019
logo
SG Micro Corp
SGM804 SGMICRO-SGM804 Datasheet
264Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM800 SGMICRO-SGM800 Datasheet
280Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM802 SGMICRO-SGM802 Datasheet
291Kb / 12P
   Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6412 MAXIM-MAX6412 Datasheet
190Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
19-2336; Rev 1; 8/03
MAX6414UK26T MAXIM-MAX6414UK26T Datasheet
193Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com