Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6750KA26 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6750KA26
Description  uP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6750KA26 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6750KA26 Datasheet HTML 6Page - Maxim Integrated Products MAX6750KA26 Datasheet HTML 7Page - Maxim Integrated Products MAX6750KA26 Datasheet HTML 8Page - Maxim Integrated Products MAX6750KA26 Datasheet HTML 9Page - Maxim Integrated Products MAX6750KA26 Datasheet HTML 10Page - Maxim Integrated Products MAX6750KA26 Datasheet HTML 11Page - Maxim Integrated Products MAX6750KA26 Datasheet HTML 12Page - Maxim Integrated Products MAX6750KA26 Datasheet HTML 13Page - Maxim Integrated Products MAX6750KA26 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Interfacing to Other Voltages for
Logic Compatibility
The open-drain RESET output can be used to interface
to a µP with other logic levels. As shown in Figure 6, the
open-drain output can be connected to voltages from 0
to 6V.
Generally, the pullup resistor connected to the RESET
connects to the supply voltage that is being monitored
at the IC’s VCC pin. However, some systems can use
the open-drain output to level-shift from the monitored
supply to reset circuitry powered by some other supply.
Keep in mind that as the supervisor’s VCC decreases
towards 1V, so does the IC’s ability to sink current at
RESET. Also, with any pullup resistor, RESET is pulled
high as VCC decays toward zero. The voltage where
this occurs depends on the pullup resistor value and
the voltage to which it is connected.
Ensuring a Valid
RESET Down to VCC = 0V
(Push-Pull
RESET)
When VCC falls below 1V, RESET current sinking capabil-
ities decline drastically. The high-impedance CMOS-
logic inputs connected to RESET can drift to undeter-
mined voltages. This presents no problems in most
applications, since most µPs and other circuitry do not
operate with VCC below 1V.
In those applications where RESET must be valid down
to 0V, add a pulldown resistor between RESET and
GND for the MAX6746/MAX6748/MAX6750/MAX6752
push/pull outputs. The resistor sinks any stray leakage
currents, holding RESET low (Figure 7). The value of the
pulldown resistor is not critical; 100k
Ω is large enough
not to load RESET and small enough to pull RESET to
ground. The external pulldown can not be used with
the open-drain reset outputs.
µP Reset Circuits with Capacitor-Adjustable
Reset/Watchdog Timeout Delay
______________________________________________________________________________________
11
MAX6746
MAX6748
MAX6450
MAX6752
GND
RESET
VCC
VCC
100k
Figure 7. Ensuring RESET Valid to VCC = 0


Similar Part No. - MAX6750KA26

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6750KA26 MAXIM-MAX6750KA26 Datasheet
214Kb / 14P
   UP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
19-2530; Rev 2; 8/03
MAX6750KA26 MAXIM-MAX6750KA26 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
More results

Similar Description - MAX6750KA26

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6746 MAXIM-MAX6746 Datasheet
214Kb / 14P
   UP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
19-2530; Rev 2; 8/03
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6747KA46-T MAXIM-MAX6747KA46-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6753KA29-T MAXIM-MAX6753KA29-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6746 MAXIM-MAX6746_V01 Datasheet
1Mb / 16P
   關P Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
2019
logo
SG Micro Corp
SGM804 SGMICRO-SGM804 Datasheet
264Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM800 SGMICRO-SGM800 Datasheet
280Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM802 SGMICRO-SGM802 Datasheet
291Kb / 12P
   Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6412 MAXIM-MAX6412 Datasheet
190Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
19-2336; Rev 1; 8/03
MAX6414UK26T MAXIM-MAX6414UK26T Datasheet
193Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com