Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C23533 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY8C23533
Description  PSoC Programmable System-on-Chip
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C23533 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY8C23533 Datasheet HTML 1Page - Cypress Semiconductor CY8C23533 Datasheet HTML 2Page - Cypress Semiconductor CY8C23533 Datasheet HTML 3Page - Cypress Semiconductor CY8C23533 Datasheet HTML 4Page - Cypress Semiconductor CY8C23533 Datasheet HTML 5Page - Cypress Semiconductor CY8C23533 Datasheet HTML 6Page - Cypress Semiconductor CY8C23533 Datasheet HTML 7Page - Cypress Semiconductor CY8C23533 Datasheet HTML 8Page - Cypress Semiconductor CY8C23533 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
CY8C23433, CY8C23533
Document Number: 001-44369 Rev. *B
Page 3 of 37
Analog System
The Analog system consists of an 8-bit SAR ADC and four
configurable blocks. The programmable 8-bit SAR ADC is an
optimized ADC that runs up to 300 Ksps, with monotonic
guarantee. It also has the features to support a motor control
application.
Each analog block consists of an opamp circuit allowing the
creation of complex analog signal flows. Analog peripherals are
very flexible and can be customized to support specific
application requirements. Some of the more common PSoC
analog functions (most available as user modules) are:
Filters (2 band pass, low-pass)
Amplifiers (up to 2, with selectable gain to 48x)
Instrumentation amplifiers (1 with selectable gain to 93x)
Comparators (1, with 16 selectable thresholds)
DAC (6 or 9 -bit DAC)
Multiplying DAC (6 or 9 -bit DAC)
High current output drivers (two with 30 mA drive)
1.3V reference (as a System Resource)
DTMF dialer
Modulators
Correlators
Peak detectors
Many other topologies possible
Analog blocks are arranged in a column of three, which includes
one CT (Continuous Time) and two SC (Switched Capacitor)
blocks. The Analog Column 0 contains the SAR8 ADC block
rather than the standard SC blocks.
Figure 2. Analog System Block Diagram
ACB00
ACB01
Block Array
Array Input Configuration
ACI1[1:0]
ACI0[1:0]
P0[6]
P0[4]
P0[2]
P0[0]
P2[2]
P2[0]
P2[6]
P2[4]
P0[7]
P0[5]
P0[3]
P0[1]
P2[3]
P2[1]
Reference
Generators
AGNDIn
RefIn
Bandgap
RefHi
RefLo
AGND
ASD11
ASC21
Interface to
Digital System
M8C Interface (Address Bus, Data Bus, Etc.)
Analog Reference
8-Bit SAR ADC
ACI2[3:0]
P0[7:0]
[+] Feedback


Similar Part No. - CY8C23533

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C23533 CYPRESS-CY8C23533 Datasheet
1,005Kb / 37P
   PSoC Programmable System-on-Chip
CY8C23533 CYPRESS-CY8C23533 Datasheet
659Kb / 53P
   PSoC짰 Programmable System-on-Chip?
CY8C23533 CYPRESS-CY8C23533 Datasheet
1Mb / 53P
   PSoC짰 Programmable System-on-Chip?
CY8C23533-24LQXI CYPRESS-CY8C23533-24LQXI Datasheet
659Kb / 53P
   PSoC짰 Programmable System-on-Chip?
CY8C23533-24LQXIT CYPRESS-CY8C23533-24LQXIT Datasheet
659Kb / 53P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C23533

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com