Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6304CUA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6304CUA
Description  5V, Low-Power μP Supervisory Circuits with Adjustable Reset/Watchdog
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6304CUA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6304CUA Datasheet HTML 1Page - Maxim Integrated Products MAX6304CUA Datasheet HTML 2Page - Maxim Integrated Products MAX6304CUA Datasheet HTML 3Page - Maxim Integrated Products MAX6304CUA Datasheet HTML 4Page - Maxim Integrated Products MAX6304CUA Datasheet HTML 5Page - Maxim Integrated Products MAX6304CUA Datasheet HTML 6Page - Maxim Integrated Products MAX6304CUA Datasheet HTML 7Page - Maxim Integrated Products MAX6304CUA Datasheet HTML 8Page - Maxim Integrated Products MAX6304CUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
+5V, Low-Power µP Supervisory Circuits
with Adjustable Reset/Watchdog
_______________________________________________________________________________________
3
10,000
0
0.001
0.01
0.1
1
10
100
1000
RESET TIMEOUT PERIOD
vs. CSRT
1
CSRT (nF)
10
100
1000
VCC = 5V
10,000
0
0.001
0.01
0.1
1
10
100
1000
EXTENDED-MODE
WATCHDOG TIMEOUT PERIOD vs. CSWT
(WDS = VCC)
1
CSWT (nF)
10
100
1000
VCC = 5V
10,000
0.1
0.001
0.01
0.1
1
10
100
1000
NORMAL-MODE
WATCHDOG TIMEOUT PERIOD vs. CSWT
(WDS = GND)
1
CSWT (nF)
10
100
1000
VCC = 5V
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2V to +5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.)
Note 1: Reset is guaranteed valid from the selected reset threshold voltage down to the minimum VCC.
Note 2: WDS = VCC, WDI unconnected.
Note 3: Precision timing currents of 500nA are present at both the SRT and SWT pins. Timing capacitors connected to these nodes
must have low leakage consistent with these currents to prevent timing errors.
Note 4: The sink/source is supplied through a resistor, and is proportional to VCC (Figure 8). At VCC = 2V, it is typically ±24µA.
__________________________________________Typical Operating Characteristics
(CSWT = CSRT = 1500pF, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
WATCHDOG TIMER
VIH
0.7 x VCC
WDI, WDS Input Threshold
VIL
0.3 x VCC
V
VCC = 4.5V to 5.5V
30
WDI Pulse Width
tWP
VCC = 2V to 4.5V
60
ns
WDI, WDS Leakage Current
Extended mode disabled
±1
µA
WDI Sink/Source Current (Note 4)
Extended mode enabled
±70
µA
WDS = GND, CSWT = 1500pF
2.8
4.0
5.2
ms
Watchdog Timeout Period
(Note 3)
tWD
WDS = VCC, CSWT = 1500pF
1.4
2.0
2.6
s


Similar Part No. - MAX6304CUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6304CUA MAXIM-MAX6304CUA Datasheet
102Kb / 12P
   5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
More results

Similar Description - MAX6304CUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6301 MAXIM-MAX6301 Datasheet
102Kb / 12P
   5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6753KA29-T MAXIM-MAX6753KA29-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6747KA46-T MAXIM-MAX6747KA46-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6316 MAXIM-MAX6316_07 Datasheet
232Kb / 15P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6316 MAXIM-MAX6316_10 Datasheet
150Kb / 14P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 9; 6/10
MAX6323AUT46-T MAXIM-MAX6323AUT46-T Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com