Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6446UK23L Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6446UK23L
Description  uP Reset Circuits with Long Manual Reset Setup Period
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6446UK23L Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6446UK23L Datasheet HTML 5Page - Maxim Integrated Products MAX6446UK23L Datasheet HTML 6Page - Maxim Integrated Products MAX6446UK23L Datasheet HTML 7Page - Maxim Integrated Products MAX6446UK23L Datasheet HTML 8Page - Maxim Integrated Products MAX6446UK23L Datasheet HTML 9Page - Maxim Integrated Products MAX6446UK23L Datasheet HTML 10Page - Maxim Integrated Products MAX6446UK23L Datasheet HTML 11Page - Maxim Integrated Products MAX6446UK23L Datasheet HTML 12Page - Maxim Integrated Products MAX6446UK23L Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
µP Reset Circuits with Long Manual Reset
Setup Period
10
______________________________________________________________________________________
Ordering Information (continued)
PART
TEMP RANGE
PIN-PACKAGE
MAX6445UK_ _ _-T
-40°C to +85°C
5 SOT23
MAX6446UK_ _ _-T
-40°C to +85°C
5 SOT23
MAX6447UK_ _ _-T
-40°C to +85°C
5 SOT23
MAX6448UK_ _ _-T
-40°C to +85°C
5 SOT23
MAX6449UT_ _ _-T
-40°C to +85°C
6 SOT23
MAX6450UT_ _ _-T
-40°C to +85°C
6 SOT23
MAX6451UT_ _ _-T
-40°C to +85°C
6 SOT23
MAX6452UT_ _ _-T
-40°C to +85°C
6 SOT23
Note: The first “_ _ ” is a placeholder for the threshold voltage
level of the devices. A desired threshold level is set by the two-
number suffix found in Table 1. The third "_" is a placeholder
for the manual reset setup period of the devices. A desired
setup period is set by the letter suffix found in Table 2. All
devices are available in tape-and-reel only. There is a 2500-
piece minimum order increment for standard versions (Table
2). Sample stock is typically held on standard versions only.
Nonstandard versions require a minimum order increment of
10,000 pieces. Contact factory for availability.
Devices are available in both leaded and lead-free packaging.
Specify lead-free by replacing “-T” with “+T” when ordering.
MAX6444
µP
VCC
VCC
RESET
MR1
+3.3V
RESET
GND
GND
RESET TIMEOUT PERIOD
210ms
MR1 SETUP PERIOD
tMR
MR1
RESET
Typical Operating Circuit
TOP VIEW
GND
VCC
MR1
15
MR2
RESET
MAX6445
MAX6446
SOT23-5
2
34
GND
VCC
MR1
15
MR2
RESET
MAX6447
MAX6448
SOT23-5
2
34
GND
VCC
MR1
16
MR2
5
RSTIN
RESET
MAX6449
MAX6450
SOT23-6
2
34
GND
VCC
MR1
16
MR2
5
RSTIN
RESET
MAX6451
MAX6452
SOT23-6
2
34
Pin Configurations (continued)


Similar Part No. - MAX6446UK23L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6440UT MAXIM-MAX6440UT Datasheet
235Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Rev 0; 7/02
MAX6440UTA MAXIM-MAX6440UTA Datasheet
235Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Rev 0; 7/02
MAX6440UTB MAXIM-MAX6440UTB Datasheet
235Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Rev 0; 7/02
MAX6440UTC MAXIM-MAX6440UTC Datasheet
235Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Rev 0; 7/02
MAX6440UTD MAXIM-MAX6440UTD Datasheet
235Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Rev 0; 7/02
More results

Similar Description - MAX6446UK23L

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM807 UNIONSEMI-UM807 Datasheet
414Kb / 17P
   Reset Circuits with Long Manual Reset Setup Period
logo
Maxim Integrated Produc...
MAX6443 MAXIM-MAX6443 Datasheet
261Kb / 13P
   關P Reset Circuits with Long Manual Reset Setup Period
Rev 1; 1/03
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Analog Intergrations Co...
AIC811 AIC-AIC811 Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
   Reset Circuits with Manual Reset Input
logo
Maxim Integrated Produc...
MAX6803 MAXIM-MAX6803_05 Datasheet
554Kb / 8P
   4-Pin, Low-Power uP Reset Circuits with Manual Reset
19-1946; Rev 2; 12/05
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Maxim Integrated Produc...
MAX6335 MAXIM-MAX6335_05 Datasheet
181Kb / 7P
   4-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits with Manual Reset
Rev 2; 12/05
MAX6453 MAXIM-MAX6453_10 Datasheet
255Kb / 11P
   uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 3; 6/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com