Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6446UK16L Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6446UK16L
Description  uP Reset Circuits with Long Manual Reset Setup Period
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6446UK16L Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6446UK16L Datasheet HTML 1Page - Maxim Integrated Products MAX6446UK16L Datasheet HTML 2Page - Maxim Integrated Products MAX6446UK16L Datasheet HTML 3Page - Maxim Integrated Products MAX6446UK16L Datasheet HTML 4Page - Maxim Integrated Products MAX6446UK16L Datasheet HTML 5Page - Maxim Integrated Products MAX6446UK16L Datasheet HTML 6Page - Maxim Integrated Products MAX6446UK16L Datasheet HTML 7Page - Maxim Integrated Products MAX6446UK16L Datasheet HTML 8Page - Maxim Integrated Products MAX6446UK16L Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX6443–MAX6452 low-current microprocessor
reset circuits feature single or dual manual reset inputs
with an extended setup period. Because of the extend-
ed setup period, short switch closures (nuisance resets)
are ignored.
On all devices, the reset output asserts when any of the
monitored supply voltages drops below its specified
threshold. The reset output remains asserted for the
reset timeout period (210ms typ) after all monitored
supplies exceed their reset thresholds. The reset output
is one-shot pulse asserted for the reset timeout period
(140ms min) when selected manual reset input(s) are
held low for an extended setup timeout period. These
devices ignore manual reset transitions of less than the
extended setup timeout period.
The MAX6443–MAX6448 are single fixed-voltage µP
supervisors. The MAX6443/MAX6444 have a single
extended manual reset input. The MAX6445/MAX6446
have two extended manual reset inputs. The MAX6447/
MAX6448 have one extended and one immediate manual
reset input.
The MAX6449–MAX6452 have one fixed-threshold µP
supervisor and one adjustable-threshold µP supervisor.
The MAX6449/MAX6450 have two delayed manual
reset inputs. The MAX6451/MAX6452 have one delayed
and one immediate manual reset input.
The MAX6443–MAX6452 have an active-low RESET
with push-pull or open-drain output logic options. These
devices, offered in small SOT packages, are fully guar-
anteed over the extended temperature range (-40°C to
+85°C).
Applications
Set-Top Boxes
Consumer Electronics
DVD Players
Cable/DSL Modems
MP3 Players
Industrial Equipment
Automotive
Medical Devices
Features
o Single- or Dual-Supply Voltage Monitors
o Precision Factory-Set Reset Thresholds from
1.6V to 4.6V
o Adjustable Threshold to Monitor Voltages Down
to 0.63V (MAX6449–MAX6452)
o Single or Dual Manual Reset Inputs with Extended
Setup Period
o Optional Short Setup Time Manual Reset Input
(MAX6447/MAX6448 and MAX6451/MAX6452)
o Immune to Short Voltage Transients
o Low 6µA Supply Current
o Guaranteed Valid Reset Down to VCC = 1.0V
o Active-Low RESET (Push-Pull or Open-Drain)
Outputs
o 140ms (min) Reset Timeout Period
o Small SOT143 and SOT23 Packages
µP Reset Circuits with Long Manual Reset
Setup Period
________________________________________________________________
Maxim Integrated Products
1
VCC
MR1
RESET
GND
MAX6443
MAX6444
SOT143
TOP VIEW
4
3
1
2
Pin Configurations
Ordering Information
19-2656; Rev 3; 6/10
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX6443US_ _ _-T
-40°C to +85°C
4 SOT143
MAX6444US_ _ _-T
-40°C to +85°C
4 SOT143
Note: The first “_ _ ” is a placeholder for the threshold voltage
level of the devices. A desired threshold level is set by the two-
number suffix found in Table 1. The third "_" is a placeholder
for the manual reset setup period of the devices. A desired
setup period is set by the letter suffix found in Table 2. All
devices are available in tape-and-reel only. There is a 2500-
piece minimum order increment for standard versions (Table
2). Sample stock is typically held on standard versions only.
Nonstandard versions require a minimum order increment of
10,000 pieces. Contact factory for availability.
Devices are available in both leaded and lead-free packaging.
Specify lead-free by replacing “-T” with “+T” when ordering.
Pin Configurations continued at end of data sheet.


Similar Part No. - MAX6446UK16L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6440UT MAXIM-MAX6440UT Datasheet
235Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Rev 0; 7/02
MAX6440UTA MAXIM-MAX6440UTA Datasheet
235Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Rev 0; 7/02
MAX6440UTB MAXIM-MAX6440UTB Datasheet
235Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Rev 0; 7/02
MAX6440UTC MAXIM-MAX6440UTC Datasheet
235Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Rev 0; 7/02
MAX6440UTD MAXIM-MAX6440UTD Datasheet
235Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Rev 0; 7/02
More results

Similar Description - MAX6446UK16L

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM807 UNIONSEMI-UM807 Datasheet
414Kb / 17P
   Reset Circuits with Long Manual Reset Setup Period
logo
Maxim Integrated Produc...
MAX6443 MAXIM-MAX6443 Datasheet
261Kb / 13P
   關P Reset Circuits with Long Manual Reset Setup Period
Rev 1; 1/03
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Analog Intergrations Co...
AIC811 AIC-AIC811 Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
   Reset Circuits with Manual Reset Input
logo
Maxim Integrated Produc...
MAX6803 MAXIM-MAX6803_05 Datasheet
554Kb / 8P
   4-Pin, Low-Power uP Reset Circuits with Manual Reset
19-1946; Rev 2; 12/05
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Maxim Integrated Produc...
MAX6335 MAXIM-MAX6335_05 Datasheet
181Kb / 7P
   4-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits with Manual Reset
Rev 2; 12/05
MAX6453 MAXIM-MAX6453_10 Datasheet
255Kb / 11P
   uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 3; 6/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com