Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6746 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6746
Description  uP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6746 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6746 Datasheet HTML 1Page - Maxim Integrated Products MAX6746 Datasheet HTML 2Page - Maxim Integrated Products MAX6746 Datasheet HTML 3Page - Maxim Integrated Products MAX6746 Datasheet HTML 4Page - Maxim Integrated Products MAX6746 Datasheet HTML 5Page - Maxim Integrated Products MAX6746 Datasheet HTML 6Page - Maxim Integrated Products MAX6746 Datasheet HTML 7Page - Maxim Integrated Products MAX6746 Datasheet HTML 8Page - Maxim Integrated Products MAX6746 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX6746–MAX6753 low-power microprocessor
(µP) supervisory circuits monitor single/dual system
supply voltages from 1.575V to 5V and provide maxi-
mum adjustability for reset and watchdog functions.
These devices assert a reset signal whenever the VCC
supply voltage or RESET IN falls below its reset thresh-
old or when manual reset is pulled low. The reset output
remains asserted for the reset timeout period after VCC
and RESET IN rise above the reset threshold. The reset
function features immunity to power-supply transients.
The MAX6746–MAX6753 have ±2% factory-trimmed
reset threshold voltages in approximately 100mV incre-
ments from 1.575V to 5.0V and/or adjustable reset
threshold voltages using external resistors.
The reset and watchdog delays are adjustable with
external capacitors. The MAX6746–MAX6751 contain a
watchdog select input that extends the watchdog time-
out period by 128x. The MAX6752/MAX6753 contain a
window watchdog timer that looks for activity outside an
expected window of operation.
The MAX6746–MAX6753 are available with a push-pull
or open-drain active-low RESET output. The MAX6746–
MAX6753 are available in an 8-pin SOT23 package and
are fully specified over the automotive temperature
range (-40°C to +125°C).
Applications
Features
o Factory-Set Reset Threshold Options from 1.575V
to 5V in ~100mV Increments
o Adjustable Reset Threshold Options
o Single/Dual Voltage Monitoring
o Capacitor-Adjustable Reset Timeout
o Capacitor-Adjustable Watchdog Timeout
o Min/Max (Windowed) Watchdog Option
o Manual Reset Input Option
o Guaranteed RESET Valid for VCC ≥ 1V
o 3.7µA Supply Current
o Push-Pull or Open-Drain RESET Output Options
o Power-Supply Transient Immunity
o Small 8-Pin SOT23 Packages
µP Reset Circuits with Capacitor-Adjustable
Reset/Watchdog Timeout Delay
________________________________________________________________
Maxim Integrated Products
1
WDI
WDS
GND
1
2
8
7
VCC
RESET
SWT
SRT
RESET IN (MR)
( ) ARE FOR MAX6746 AND MAX6747 ONLY.
TOP VIEW
3
4
6
5
MAX6746–
MAX6751
SOT23-8
Pin Configurations
19-2530; Rev 4; 9/10
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Note: “_ _” represents the two number suffix needed when
ordering the reset threshold voltage value for the
MAX6746/MAX6747 and MAX6750–MAX6753. The reset
threshold voltages are available in approximately 100mV incre-
ments. Table 2 contains the suffix and reset factory-trimmed
voltages. All devices are available in tape-and-reel only. There
is a 2500-piece minimum order increment for standard ver-
sions (see Table 3). Sample stock is typically held on standard
versions only. Nonstandard versions require a minimum order
increment of 10,000 pieces. Contact factory for availability.
Devices are available in both leaded and lead-free packaging.
Specify lead-free by replacing “-T” with “+T” when ordering.
/V Denotes an automotive qualified part.
Medical Equipment
Automotive
Intelligent Instruments
Portable Equipment
Battery-Powered
Computers/Controllers
Embedded Controllers
Critical µP Monitoring
Set-Top Boxes
Computers
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX6746KA_ _-T
-40°C to +125°C
8 SOT23
MAX6746KA_ _/V+T
-40°C to +125°C
8 SOT23
MAX6747KA_ _-T
-40°C to +125°C
8 SOT23
MAX6748KA-T
-40°C to +125°C
8 SOT23
MAX6749KA-T
-40°C to +125°C
8 SOT23
MAX6750KA_ _-T
-40°C to +125°C
8 SOT23
MAX6751KA_ _-T
-40°C to +125°C
8 SOT23
MAX6752KA_ _-T
-40°C to +125°C
8 SOT23
MAX6753KA_ _-T
-40°C to +125°C
8 SOT23
MAX6753KA_ _/V+T
-40°C to +125°C
8 SOT23
Selector Guide appears at end of data sheet.
Typical Operating Circuit appears at end of data sheet.
Pin Configurations continued at end of data sheet.


Similar Part No. - MAX6746

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6746 MAXIM-MAX6746 Datasheet
214Kb / 14P
   UP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
19-2530; Rev 2; 8/03
MAX6746 MAXIM-MAX6746 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6746KA16 MAXIM-MAX6746KA16 Datasheet
214Kb / 14P
   UP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
19-2530; Rev 2; 8/03
MAX6746KA16 MAXIM-MAX6746KA16 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6746KA23 MAXIM-MAX6746KA23 Datasheet
214Kb / 14P
   UP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
19-2530; Rev 2; 8/03
More results

Similar Description - MAX6746

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6746 MAXIM-MAX6746 Datasheet
214Kb / 14P
   UP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
19-2530; Rev 2; 8/03
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6747KA46-T MAXIM-MAX6747KA46-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6753KA29-T MAXIM-MAX6753KA29-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6746 MAXIM-MAX6746_V01 Datasheet
1Mb / 16P
   關P Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
2019
logo
SG Micro Corp
SGM804 SGMICRO-SGM804 Datasheet
264Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM800 SGMICRO-SGM800 Datasheet
280Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM802 SGMICRO-SGM802 Datasheet
291Kb / 12P
   Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6412 MAXIM-MAX6412 Datasheet
190Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
19-2336; Rev 1; 8/03
MAX6414UK26T MAXIM-MAX6414UK26T Datasheet
193Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com