Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6336US23D3-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6336US23D3-T
Description  4-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits with Manual Reset
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6336US23D3-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6336US23D3-T Datasheet HTML 1Page - Maxim Integrated Products MAX6336US23D3-T Datasheet HTML 2Page - Maxim Integrated Products MAX6336US23D3-T Datasheet HTML 3Page - Maxim Integrated Products MAX6336US23D3-T Datasheet HTML 4Page - Maxim Integrated Products MAX6336US23D3-T Datasheet HTML 5Page - Maxim Integrated Products MAX6336US23D3-T Datasheet HTML 6Page - Maxim Integrated Products MAX6336US23D3-T Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
4-Pin, Ultra-Low-Voltage, Low-Power
µP Reset Circuits with Manual Reset
_______________________________________________________________________________________
5
VCC
GND
MAX6336
RESET
MR
100k
(a)
VCC
GND
MAX6335
RESET
100k*
(b)
*ASSUMES HIGH-Z RESET INPUT TO THE
µP
MR
* Factory-trimmed reset thresholds are available in approximately
100mV increments, with a ±1.8% room-temperature variance.
TA = +25°C
TA = -40°C to +125°C
MIN
TYP
MAX
MIN
MAX
MAX633_US25D_
2.46 2.50
2.55
2.43
2.58
MAX633_US24D_
2.36 2.40
2.44
2.33
2.47
MAX633_US23D_
2.26 2.30
2.34
2.23
2.37
MAX633_US22D_
2.16 2.20
2.24
2.13
2.27
MAX633_US21D_
2.06 2.10
2.14
2.04
2.16
MAX633_US20D_
1.96 2.00
2.04
1.94
2.06
MAX633_US19D_
1.87 1.90
1.93
1.84
1.96
MAX633_US18D_
1.77 1.80 1.83
1.75
1.85
MAX633_US17D_
1.67 1.70 1.73
1.65
1.75
MAX633_US16D_
1.57 1.60
1.63
1.55
1.65
RESET
THRESHOLD
SUFFIX
Table 1. Factory-Trimmed Reset
Thresholds*
Figure 2. Ensuring Reset Valid down to VCC = 0
(Figure 2a). The pull-down resistor value is not critical;
100k
Ω is large enough not to load RESET, and small
enough to pull it low. For the MAX6335, where RESET
must be valid to VCC = 0, a 100k
Ω pull-up resistor
between RESET and VCC will hold RESET high when
VCC falls below 0.7V (Figure 2b).
Since the MAX6337 has an open-drain, active-low out-
put, it typically uses a pull-up resistor. With this device,
RESET will most likely not maintain an active condition,
but will drift to a non-active level due to the pull-up
resistor and the reduced sinking capability of the open-
drain device. Therefore, this device is not recommend-
ed for applications where the RESET pin is required to
be valid down to VCC = 0.


Similar Part No. - MAX6336US23D3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6336US23D3-T MAXIM-MAX6336US23D3-T Datasheet
107Kb / 8P
   4-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits with Manual Reset
Rev 0; 12/98
More results

Similar Description - MAX6336US23D3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6803 MAXIM-MAX6803_05 Datasheet
554Kb / 8P
   4-Pin, Low-Power uP Reset Circuits with Manual Reset
19-1946; Rev 2; 12/05
MAX6337US23D3-T MAXIM-MAX6337US23D3-T Datasheet
199Kb / 8P
   4-Pin, Ultra-Low-Voltage, Low-Power muP Reset Circuits with Manual Reset
Rev 2; 12/05
MAX6335 MAXIM-MAX6335 Datasheet
107Kb / 8P
   4-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits with Manual Reset
Rev 0; 12/98
MAX6804US31D1 MAXIM-MAX6804US31D1 Datasheet
554Kb / 8P
   4-Pin, Low-Power 關P Reset Circuits with Manual Reset
Rev 2; 12/05
MAX6803 MAXIM-MAX6803 Datasheet
155Kb / 8P
   4-Pin, Low-Power 關P Reset Circuits with Manual Reset
Rev 1; 2/01
MAX6803 MAXIM-MAX6803_V01 Datasheet
870Kb / 8P
   4-Pin, Low-Power 關P Reset Circuits with Manual Reset
2014
MAX6332 MAXIM-MAX6332_05 Datasheet
147Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits
Rev 2; 12/05
logo
List of Unclassifed Man...
G692 ETC-G692 Datasheet
171Kb / 7P
   4-Pin UP Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX812LEUS MAXIM-MAX812LEUS Datasheet
144Kb / 8P
   4-Pin uP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
MAX6800 MAXIM-MAX6800_11 Datasheet
130Kb / 7P
   3-Pin, Low-Power uP Reset Circuits
Rev 3; 10/11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com