Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX801_EPA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX801_EPA
Description  8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX801_EPA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX801_EPA Datasheet HTML 4Page - Maxim Integrated Products MAX801_EPA Datasheet HTML 5Page - Maxim Integrated Products MAX801_EPA Datasheet HTML 6Page - Maxim Integrated Products MAX801_EPA Datasheet HTML 7Page - Maxim Integrated Products MAX801_EPA Datasheet HTML 8Page - Maxim Integrated Products MAX801_EPA Datasheet HTML 9Page - Maxim Integrated Products MAX801_EPA Datasheet HTML 10Page - Maxim Integrated Products MAX801_EPA Datasheet HTML 11Page - Maxim Integrated Products MAX801_EPA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
calculate the amount of capacitance required to allow
the shutdown routine to complete before reset is
asserted:
CHOLD = (ILOAD x tSHDN) / (VLR(min))
where tSHDN is the time required for the system to com-
plete the shutdown routine (including the VCC to low-
line propagation delay), ILOAD is the current being
drained from the capacitor, and VLR is the low-line to
reset threshold.
Output Supply Voltage
The output supply (OUT) transfers power from VCC or
BATT to the µP, RAM, and other external circuitry. At
the maximum source current of 250mA, VOUT will typi-
cally be 220mV below VCC. Decouple OUT with a 0.1µF
capacitor to ground.
Battery-Backup Mode
Battery-backup mode preserves the contents of RAM in
the event of a brownout or power failure. With a backup
battery installed at BATT, the MAX801/MAX808 automati-
cally switches RAM to backup power when VCC falls.
Two conditions are required for switchover to battery-
backup mode: 1) VCC must be below the reset threshold;
2) VCC must be below VBATT. Table 1 lists the status of
inputs and outputs during battery-backup mode.
BATT is designed to conduct up to 20mA to OUT dur-
ing battery backup. The PMOS switch on-resistance is
approximately 12
Ω. Figure 4 shows the two series pass
elements (between the BATT input and OUT) that
facilitate UL recognition. VBATT can exceed VCC during
normal operation without causing a reset.
8-Pin µP Supervisory Circuits
with ±1.5% Reset Accuracy
_______________________________________________________________________________________
9
GND
VCC
TO
μP NMI
CHOLD
CHOLD > ILOAD x tSHDN
VLR
4.5V to 5.5V
LOWLINE
MAX801
MAX808
REGULATOR
Figure 3. Using LOWLINE to Provide a Power-Fail Warning to
the µP
MAX801
MAX808
P
PP
OUT
VCC
BATT
0.1
μF
CONTROL
CIRCUITRY
Figure 4. VCC and BATT to OUT Switch
RESET
Logic low
3
3
RESET
Logic high; the open-circuit
voltage is equal to VCC.
VCC
PIN
5
GND
LOWLINE
Ground—0V reference for
all signals
4
4
WDI
WDI is ignored and goes
high impedance.
6
BATT
Supply current is 1µA max for
VBATT
≤ 2.8V.
7
7
CE IN
CE OUT
High impedance (MAX808)
6
Logic high. The open-circuit
output voltage is equal to
VBATT (MAX808).
5
OUT
OUT is connected to BATT
through two internal PMOS
switches in series.
NAME
8
8
Battery switchover
comparator monitors VCC
for active switchover.
1
1
Logic low
2
2
MAX801 MAX808
STATUS
Table 1. Input and Output Status in
Battery-Backup Mode


Similar Part No. - MAX801_EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX801LEPA MAXIM-MAX801LEPA Datasheet
91Kb / 12P
   8-Pin 關P Supervisory Circuits with 짹1.5eset Accuracy
Rev 0; 6/96
MAX801MEPA MAXIM-MAX801MEPA Datasheet
91Kb / 12P
   8-Pin 關P Supervisory Circuits with 짹1.5eset Accuracy
Rev 0; 6/96
MAX801NEPA MAXIM-MAX801NEPA Datasheet
91Kb / 12P
   8-Pin 關P Supervisory Circuits with 짹1.5eset Accuracy
Rev 0; 6/96
More results

Similar Description - MAX801_EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX801L MAXIM-MAX801L Datasheet
91Kb / 12P
   8-Pin 關P Supervisory Circuits with 짹1.5eset Accuracy
Rev 0; 6/96
MAX807L MAXIM-MAX807L Datasheet
232Kb / 16P
   Full-Featured uP Supervisory Circuit with /-1.5% Reset Accuracy
Rev 4; 11/05
MAX6320PUK29CY MAXIM-MAX6320PUK29CY Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
MAX6316 MAXIM-MAX6316_11 Datasheet
158Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 10; 10/11
MAX6391 MAXIM-MAX6391 Datasheet
168Kb / 9P
   Dual-Voltage uP Supervisory Circuits with Sequenced Reset Outputs
Rev 1; 10/02
MAX6301 MAXIM-MAX6301 Datasheet
102Kb / 12P
   5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
MAX6316 MAXIM-MAX6316_07 Datasheet
232Kb / 15P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6316 MAXIM-MAX6316_10 Datasheet
150Kb / 14P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 9; 6/10
MAX6803 MAXIM-MAX6803_05 Datasheet
554Kb / 8P
   4-Pin, Low-Power uP Reset Circuits with Manual Reset
19-1946; Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com