Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS4M125 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS4M125
Description  3.3V Margining Clock Oscillator with LVPECL/LVDS Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4M125 Datasheet(HTML) 7 Page - Maxim Integrated Products

  DS4M125 Datasheet HTML 1Page - Maxim Integrated Products DS4M125 Datasheet HTML 2Page - Maxim Integrated Products DS4M125 Datasheet HTML 3Page - Maxim Integrated Products DS4M125 Datasheet HTML 4Page - Maxim Integrated Products DS4M125 Datasheet HTML 5Page - Maxim Integrated Products DS4M125 Datasheet HTML 6Page - Maxim Integrated Products DS4M125 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
3.3V Margining Clock Oscillator with
LVPECL/LVDS Output
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 _____________________ 7
© 2007 Maxim Integrated Products
Maxim is a registered trademark of Maxim Integrated Products, Inc.
Selector Guide
PART
FREQUENCY
(NOM) (MHz)
OUTPUT
TYPE
TOP MARK
DS4M125P+33
125
LVPECL
MEP
DS4M125D+33
125
LVDS
MED
DS4M133P+33
133.33
LVPECL
MFP
DS4M133D+33
133.33
LVDS
MFD
DS4M200P+33
200
LVPECL
MJP
DS4M200D+33
200
LVDS
MJD
+
Denotes a lead-free package. The lead finish is JESD97 cate-
gory e4 (Au over Ni) and is compatible with both lead-based
and lead-free soldering processes. A + appears anywhere on
the top mark.
Chip Information
SUBSTRATE CONNECTED TO GROUND
PROCESS: BiPOLAR SiGe
THETA-JA (°C/W)
90
1
2
3
6
5
4
TOP VIEW
OE
MS
N.C.
N.C.
N.C.
N.C.
GND
VCC
OUTN
OUTP
+
(5.00mm
× 3.20mm × 1.49mm)
DS4M125/
DS4M133/
DS4M200
*EP
*EXPOSED PAD
Pin Configuration
Thermal Information
Package Information
For the latest package outline information and land patterns, go
to www.maxim-ic.com/packages.
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
10 LCCC
L1053+H2
21-0389


Similar Part No. - DS4M125

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS40 LUMILEDS-DS40 Datasheet
667Kb / 11P
   power light source LUXEON짰 V Portable
logo
SICK AG
DS40-N21211 SICK-DS40-N21211 Datasheet
460Kb / 6P
   MID RANGE DISTANCE SENSORS
DS40-N41211 SICK-DS40-N41211 Datasheet
460Kb / 6P
   MID RANGE DISTANCE SENSORS
DS40-P21211 SICK-DS40-P21211 Datasheet
460Kb / 6P
   MID RANGE DISTANCE SENSORS
DS40-P21221 SICK-DS40-P21221 Datasheet
460Kb / 6P
   MID RANGE DISTANCE SENSORS
More results

Similar Description - DS4M125

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4625 MAXIM-DS4625 Datasheet
139Kb / 6P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
DS4625 MAXIM-DS4625_10 Datasheet
151Kb / 7P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 1; 3/10
logo
Advanced Crystal Techno...
ACT9211 ACT-ACT9211 Datasheet
150Kb / 1P
   LVPECL or LVDS Clock Oscillator
13/2/08
logo
CTS Corporation
635 CTS-635 Datasheet
153Kb / 4P
   LVPECL or LVDS CLOCK OSCILLATOR
logo
Connor-Winfield Corpora...
EE14-511 CONNOR-WINFIELD-EE14-511 Datasheet
209Kb / 2P
   14 PIN 3.3V LVPECL CLOCK OSCILLATOR
EE14-511G CONNOR-WINFIELD-EE14-511G Datasheet
221Kb / 2P
   14 PIN 3.3V LVPECL CLOCK OSCILLATOR
logo
Golledge Electronics Lt...
MCSO2LV GOLLEDGE-MCSO2LV Datasheet
556Kb / 4P
   3.3V Low Jitter Oscillator with LVDS Output
logo
Micrel Semiconductor
SY89538L MICREL-SY89538L_08 Datasheet
636Kb / 23P
   3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer
logo
Advanced Crystal Techno...
ACT9212 ACT-ACT9212 Datasheet
181Kb / 2P
   LVPECL , LVDS OSCILLATOR
9/11/05
ACT9209 ACT-ACT9209 Datasheet
67Kb / 2P
   LVPECL,LVDS Oscillator
01/08/05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com