Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX693ACSE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX693ACSE
Description  Microprocessor Supervisory Circuits
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX693ACSE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX693ACSE Datasheet HTML 4Page - Maxim Integrated Products MAX693ACSE Datasheet HTML 5Page - Maxim Integrated Products MAX693ACSE Datasheet HTML 6Page - Maxim Integrated Products MAX693ACSE Datasheet HTML 7Page - Maxim Integrated Products MAX693ACSE Datasheet HTML 8Page - Maxim Integrated Products MAX693ACSE Datasheet HTML 9Page - Maxim Integrated Products MAX693ACSE Datasheet HTML 10Page - Maxim Integrated Products MAX693ACSE Datasheet HTML 11Page - Maxim Integrated Products MAX693ACSE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
RESET and RESET are asserted when VCC falls below
the reset threshold (4.65V for the MAX691A/MAX800L,
4.4V for the MAX693A/MAX800M) and remain asserted
for 200ms typ after VCC rises above the reset threshold
on power-up (Figure 5).
The devices’ battery-
switchover comparator does not affect reset assertion.
However, both reset outputs are asserted in battery-
backup mode since VCC must be below the reset
threshold to enter this mode.
Watchdog Function
The watchdog monitors µP activity via the Watchdog
Input (WDI). If the µP becomes inactive, RESET and
RESET are asserted. To use the watchdog function,
connect WDI to a bus line or µP I/O line. If WDI
remains high or low for longer than the watchdog time-
out period (1.6s nominal), WDO, RESET, and RESET
are asserted (see
RESET and RESET Outputs section,
and the
Watchdog Output discussion on this page).
Watchdog Input
A change of state (high to low, low to high, or a mini-
mum 100ns pulse) at the WDI during the watchdog
period resets the watchdog timer. The watchdog
default timeout is 1.6s.
To disable the watchdog function, leave WDI floating.
An internal resistor network (100k
Ω equivalent imped-
ance at WDI) biases WDI to approximately 1.6V.
Internal comparators detect this level and disable the
watchdog timer. When VCC is below the reset thresh-
old, the watchdog function is disabled and WDI is dis-
connected from its internal resistor network, thus
becoming high impedance.
Watchdog Output
The Watchdog Output (WDO) remains high if there is a
transition or pulse at WDI during the watchdog timeout
period. The watchdog function is disabled and
WDO is
a logic high when VCC is below the reset threshold, bat-
tery-backup mode is enabled, or WDI is an open circuit.
In watchdog mode, if no transition occurs at WDI during
the watchdog timeout period, RESET and RESET are
asserted for the reset timeout period (200ms typical).
WDO goes low and remains low until the next transition
at WDI (Figure 2). If WDI is held high or low indefinitely,
RESET and RESET will generate 200ms pulses every
1.6s. WDO has a 2 x TTL output characteristic.
Selecting an Alternative
Watchdog and Reset Timeout Period
The OSC SEL and OSC IN inputs control the watchdog
and reset timeout periods. Floating OSC SEL and OSC
IN or tying them both to VOUT selects the nominal 1.6s
watchdog timeout period and 200ms reset timeout peri-
od. Connecting OSC IN to GND and floating or connect-
ing OSC SEL to VOUT selects the 100ms normal
watchdog timeout delay and 1.6s delay immediately
after reset. The reset timeout delay remains 200ms
(Figure 2). Select alternative timeout periods by con-
necting OSC SEL to GND and connecting a capacitor
between OSC IN and GND, or by externally driving OSC
IN (Table 1 and Figure 3). OSC IN is internally connect-
ed to a ±100nA (typ) current source that charges and
discharges the timing capacitor to create the oscillator
frequency, which sets the reset and watchdog timeout
periods (see
Connecting a Timing Capacitor at OSC IN
in the
Applications Information section).
Microprocessor Supervisory Circuits
8
_______________________________________________________________________________________
MAX691A
MAX693A
TO
μP RESET
1k
Ω
15
RESET
WDI
WDO
RESET
t1
t1
t3
t2
t1 = RESET TIMEOUT PERIOD
t2 = NORMAL WATCHDOG TIMEOUT PERIOD
t3 = WATCHDOG TIMEOUT PERIOD IMMEDIATELY AFTER RESET
Figure 1. Adding an external pulldown resistor ensures
R
E
S
E
T
is valid with VCC down to GND.
Figure 2. Watchdog Timeout Period and Reset Active Time


Similar Part No. - MAX693ACSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX693ACSE MAXIM-MAX693ACSE Datasheet
157Kb / 16P
   Microprocessor Supervisory Circuits
Rev 7a; 12/96
More results

Similar Description - MAX693ACSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com