Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6444US Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6444US
Description  uP Reset Circuits with Long Manual Reset Setup Period
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6444US Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6444US Datasheet HTML 1Page - Maxim Integrated Products MAX6444US Datasheet HTML 2Page - Maxim Integrated Products MAX6444US Datasheet HTML 3Page - Maxim Integrated Products MAX6444US Datasheet HTML 4Page - Maxim Integrated Products MAX6444US Datasheet HTML 5Page - Maxim Integrated Products MAX6444US Datasheet HTML 6Page - Maxim Integrated Products MAX6444US Datasheet HTML 7Page - Maxim Integrated Products MAX6444US Datasheet HTML 8Page - Maxim Integrated Products MAX6444US Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
µP Reset Circuits with Long Manual Reset
Setup Period
_______________________________________________________________________________________
5
Detailed Description
Reset Output
The reset output is typically connected to the reset
input of a microprocessor (µP). A µP’s reset input starts
or restarts the µP in a known state. The MAX6443–
MAX6452 µP supervisory circuits provide the reset
logic to prevent code-execution errors during power-
up, power-down and brownout conditions (see the
Typical Operating Circuit).
RESET changes from high to low whenever the moni-
tored voltages (RSTIN or VCC) drop below the reset
threshold voltages. Once VRSTIN and VCC exceed their
respective reset threshold voltages, RESET remains low
for the reset timeout period and then goes high. RESET
is one-shot pulsed whenever selected manual reset
inputs are asserted. RESET stays asserted for the nor-
mal reset timeout period (140ms min).
RESET is guaranteed to be in the proper output logic
state for VCC inputs ≥ 1V. For applications requiring valid
reset logic when VCC is less than 1V, see the Ensuring a
Valid RESET Output Down to VCC = 0V section.
Pin Description
PIN
MAX6443
MAX6444
MAX6445
MAX6446
MAX6447
MAX6448
MAX6449
MAX6450
MAX6451
MAX6452
NAME
FUNCTION
1
2
2
2
2
GND
Ground
21
11
1
RESET
Active-Low Push-Pull or Open-Drain Output. RESET
changes from high to low when VCC or RSTIN drops below
its selected reset threshold and remains low for the 210ms
reset timeout period after all monitored power-supply inputs
exceed their selected reset thresholds. RESET is one-shot
pulsed low for the reset timeout period (140ms min) after
selected manual reset inputs are asserted longer than the
specified setup period. For the open-drain output, use a
minimum 20k
Ω pullup resistor to VCC .
3—3—3
Manual Reset Input, Active Low. Internal 50k
Ω pullup to
VCC. Pull MR1 low for the typical input pulse width (tMR)
to one-shot pulse RESET for the reset timeout period.
—3
—3
MR1
Manual Reset Input, Active Low. Pull both MR1 and
MR2 low for the typical input pulse width (tMR) to one-
shot pulse RESET for the reset timeout period.
44
44
4
VCC
VCC Voltage Input. Power supply and input for the
primary microprocessor voltage reset monitor.
—5
—6
MR2
Manual Reset Input, Active Low. Internal 50k
Ω pullup to
VCC. Pull both MR1 and MR2 low for the typical input
pulse width (tMR) to one-shot pulse RESET for the reset
timeout period.
——
5
6
MR2
Manual Reset Input. Pull the MR2 high to immediately
one-shot pulse RESET for the reset timeout period.
5
5
RSTIN
Reset Input. High-impedance input to the adjustable
reset comparator. Connect RSTIN to the center point of
an external resistor-divider to set the threshold of the
externally monitored voltage.


Similar Part No. - MAX6444US

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6444US__L-T MAXIM-MAX6444US__L-T Datasheet
261Kb / 13P
   關P Reset Circuits with Long Manual Reset Setup Period
Rev 1; 1/03
More results

Similar Description - MAX6444US

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM807 UNIONSEMI-UM807 Datasheet
414Kb / 17P
   Reset Circuits with Long Manual Reset Setup Period
logo
Maxim Integrated Produc...
MAX6443 MAXIM-MAX6443 Datasheet
261Kb / 13P
   關P Reset Circuits with Long Manual Reset Setup Period
Rev 1; 1/03
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Analog Intergrations Co...
AIC811 AIC-AIC811 Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
   Reset Circuits with Manual Reset Input
logo
Maxim Integrated Produc...
MAX6803 MAXIM-MAX6803_05 Datasheet
554Kb / 8P
   4-Pin, Low-Power uP Reset Circuits with Manual Reset
19-1946; Rev 2; 12/05
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Maxim Integrated Produc...
MAX6335 MAXIM-MAX6335_05 Datasheet
181Kb / 7P
   4-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits with Manual Reset
Rev 2; 12/05
MAX6453 MAXIM-MAX6453_10 Datasheet
255Kb / 11P
   uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 3; 6/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com