Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6443 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6443
Description  uP Reset Circuits with Long Manual Reset Setup Period
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6443 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6443_10 Datasheet HTML 1Page - Maxim Integrated Products MAX6443_10 Datasheet HTML 2Page - Maxim Integrated Products MAX6443_10 Datasheet HTML 3Page - Maxim Integrated Products MAX6443_10 Datasheet HTML 4Page - Maxim Integrated Products MAX6443_10 Datasheet HTML 5Page - Maxim Integrated Products MAX6443_10 Datasheet HTML 6Page - Maxim Integrated Products MAX6443_10 Datasheet HTML 7Page - Maxim Integrated Products MAX6443_10 Datasheet HTML 8Page - Maxim Integrated Products MAX6443_10 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
µP Reset Circuits with Long Manual Reset
Setup Period
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
3.5 4.0
2.0 2.5 3.0
1.5
1
2
3
4
5
6
7
8
9
0
1.0
5.5
TA = +25
°C
TA = -40
°C
TA = +85
°C
NORMALIZED RESET TIMEOUT PERIOD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.04
1.05
0.95
-40
85
MAXIMUM TRANSIENT DURATION
vs. RESET THRESHOLD OVERDRIVE
RESET THRESHOLD OVERDRIVE (mV)
800
600
400
200
50
100
150
200
250
0
0
1000
VTH = 4.4V
RESET OCCURS
ABOVE THE CURVE
NORMALIZED VCC RESET THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.98
0.99
1.00
1.01
1.02
1.03
0.97
-40
85
VCC TO RESET DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
20.4
20.8
21.2
21.6
22.0
22.4
22.8
23.2
23.6
24.0
20.0
-40
85
VCC = FALLING AT 1mV/
µs
RSTIN TO RESET DELAY
vs. TEMPERATURE (RSTIN FALLING)
TEMPERATURE (
°C)
60
35
10
-15
20.4
20.8
21.2
21.6
22.0
22.4
22.8
23.2
23.6
24.0
20.0
-40
85
RSTIN FALLING AT 1mV/
µs
MANUAL RESET TO RESET DELAY
(MAX6445L/MAX6446L/MAX6449L/MAX6450L)
MAX6443/52 toc07
TIME (1s/div)
MR1
(5V/div)
MR2
(5V/div)
RESET
(5V/div)
VCC = 5V
VCC TO RESET DELAY
MAX6443/52 toc08
TIME (100
µs/div)
VCC (100mV/div)
RESET
(2V/div)
VCC = 4.5V
VCC = 4.3V
VTH = 4.392V


Similar Part No. - MAX6443_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6443US__L-T MAXIM-MAX6443US__L-T Datasheet
261Kb / 13P
   關P Reset Circuits with Long Manual Reset Setup Period
Rev 1; 1/03
More results

Similar Description - MAX6443_10

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM807 UNIONSEMI-UM807 Datasheet
414Kb / 17P
   Reset Circuits with Long Manual Reset Setup Period
logo
Maxim Integrated Produc...
MAX6443 MAXIM-MAX6443 Datasheet
261Kb / 13P
   關P Reset Circuits with Long Manual Reset Setup Period
Rev 1; 1/03
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Analog Intergrations Co...
AIC811 AIC-AIC811 Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
   Reset Circuits with Manual Reset Input
logo
Maxim Integrated Produc...
MAX6803 MAXIM-MAX6803_05 Datasheet
554Kb / 8P
   4-Pin, Low-Power uP Reset Circuits with Manual Reset
19-1946; Rev 2; 12/05
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Maxim Integrated Produc...
MAX6335 MAXIM-MAX6335_05 Datasheet
181Kb / 7P
   4-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits with Manual Reset
Rev 2; 12/05
MAX6453 MAXIM-MAX6453_10 Datasheet
255Kb / 11P
   uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 3; 6/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com