Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6363HUT Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6363HUT
Description  SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6363HUT Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6363HUT Datasheet HTML 2Page - Maxim Integrated Products MAX6363HUT Datasheet HTML 3Page - Maxim Integrated Products MAX6363HUT Datasheet HTML 4Page - Maxim Integrated Products MAX6363HUT Datasheet HTML 5Page - Maxim Integrated Products MAX6363HUT Datasheet HTML 6Page - Maxim Integrated Products MAX6363HUT Datasheet HTML 7Page - Maxim Integrated Products MAX6363HUT Datasheet HTML 8Page - Maxim Integrated Products MAX6363HUT Datasheet HTML 9Page - Maxim Integrated Products MAX6363HUT Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Detailed Description
The Typical Operating Circuit shows a typical connection
for the MAX6361–MAX6364 family. OUT powers the stat-
ic random-access memory (SRAM). OUT is internally
connected to VCC if VCC is greater than the reset thresh-
old, or to the greater of VCC or VBATT when VCC is less
than the reset threshold. OUT can supply up to 150mA
from VCC. When VCC is higher than VBATT, the BATT ON
(MAX6363) output is low. When VCC is lower than VBATT,
an internal MOSFET connects the backup battery to
OUT. The on-resistance of the MOSFET is a function of
backup-battery voltage and is shown in the Battery to
Out On-Resistance vs. Temperature graph in the Typical
Operating Characteristics section.
Backup-Battery Switchover
In a brownout or power failure, it may be necessary to
preserve the contents of the RAM. With a backup bat-
tery installed at BATT, the MAX6361–MAX6364 auto-
matically switch the RAM to backup power when VCC
falls. The MAX6363 has a BATT ON output that goes
high when in battery-backup mode. These devices
require two conditions before switching to battery-
backup mode:
1) VCC must be below the reset threshold.
2) VCC must be below VBATT.
Table 1 lists the status of the inputs and outputs in bat-
tery-backup mode. The device will not power up if the
only voltage source is on BATT. OUT will only power up
from VCC at startup.
Manual Reset Input (MAX6361 Only)
Many µP-based products require manual reset capabili-
ty, allowing the operator, a test technician, or external
logic circuitry to initiate a reset. For the MAX6361, a logic
low on MR asserts reset. Reset remains asserted while
MR is low, and for a minimum of 150ms (tRP) after it
returns high. MR has an internal 20k
Ω pull-up resistor to
VCC. This input can be driven with TTL/CMOS logic lev-
els or with open-drain/collector outputs. Connect a nor-
mally open momentary switch from MR to GND to create
a manual reset function; external debounce circuitry is
not required. If MR is driven from long cables or the
device is used in a noisy environment, connect a 0.1µF
capacitor from MR to GND to provide additional noise
immunity.
Watchdog Input (MAX6362 Only)
The watchdog monitors µP activity through the input
WDI. If the µP becomes inactive, the reset output is
asserted in pulses. To use the watchdog function, con-
nect WDI to a bus line or µP I/O line. A change of state
(high to low or low to high) within the watchdog timeout
period (tWD) with a 100ns minimum pulse width clears
the watchdog timer. If WDI remains high or low for longer
than the watchdog timeout period, the internal watchdog
timer runs out and a reset pulse is triggered for the reset
timeout period (tRP). The internal watchdog timer clears
whenever reset asserts or the WDI sees a rising or falling
edge within the watchdog timeout period. If WDI remains
in a high or low state for an extended period of time, a
reset pulse asserts after every watchdog timeout period
(tWD) (Figure 1).
Reset In (MAX6364 Only)
RESET IN is compared to an internal 1.235V reference.
If the voltage at RESET IN is less than 1.235V, reset is
asserted. The RESET IN comparator may be used as
an undervoltage detector to signal a failing power sup-
ply. It can also be used as a secondary power-supply
reset monitor.
To program the reset threshold (VRTH) of the secondary
power supply, use the following equation (see Typical
Operating Circuit):
where VREF = 1.235V. To simplify the resistor selection,
choose a value for R2 and calculate R1:
Since the input current at RESET IN is 25nA (max), large
values (up to 1M
Ω) can be used for R2 with no signifi-
cant loss in accuracy. For example, in the Typical
SOT23, Low-Power µP Supervisory Circuits
with Battery Backup
6
_______________________________________________________________________________________
Table 1. Input and Output Status in
Battery-Backup Mode
PIN
STATUS
VCC
Disconnected from OUT
OUT
Connected to BATT
BATT
Connected to OUT. Current drawn from
the battery is less than 1µA (at VBATT =
2.8V, excluding IOUT) when VCC = 0.
RESET/RESET
Asserted
BATT ON
High state
MR, RESET IN,
WDI
Inputs ignored
VV
R
R
RTH
REF
=+
⎝⎜
⎠⎟
1
2
1
RR
V
V
RTH
REF
12
1
/
=
()
[]


Similar Part No. - MAX6363HUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6363HUT MAXIM-MAX6363HUT Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX6363HUT23 MAXIM-MAX6363HUT23 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX6363HUT26 MAXIM-MAX6363HUT26 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX6363HUT29 MAXIM-MAX6363HUT29 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX6363HUT31 MAXIM-MAX6363HUT31 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
More results

Similar Description - MAX6363HUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
MAX6365 MAXIM-MAX6365_09 Datasheet
248Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 4; 5/09
MAX6365 MAXIM-MAX6365_11 Datasheet
175Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 5; 10/11
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX16016 MAXIM-MAX16016_11 Datasheet
262Kb / 21P
   Low-Power μP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 5; 4/11
MAX6365 MAXIM-MAX6365 Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
MAX705 MAXIM-MAX705_10 Datasheet
169Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 8; 3/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com