Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4978 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4978
Description  Overvoltage Protector with Active Current Limit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4978 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4978 Datasheet HTML 2Page - Maxim Integrated Products MAX4978 Datasheet HTML 3Page - Maxim Integrated Products MAX4978 Datasheet HTML 4Page - Maxim Integrated Products MAX4978 Datasheet HTML 5Page - Maxim Integrated Products MAX4978 Datasheet HTML 6Page - Maxim Integrated Products MAX4978 Datasheet HTML 7Page - Maxim Integrated Products MAX4978 Datasheet HTML 8Page - Maxim Integrated Products MAX4978 Datasheet HTML 9Page - Maxim Integrated Products MAX4978 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Human Body Model
Figure 3 shows the Human Body Model, and Figure 4
shows the current waveform it generates when dis-
charged into a low impedance. This model consists of a
100pF capacitor charged to the ESD voltage of interest
that is then discharged into the device through a 1.5kΩ
resistor.
Chip Information
PROCESS: BiCMOS
Overvoltage Protector with
Active Current Limit
_______________________________________________________________________________________
9
OUT
IN
CONTROL
LOGIC
MAX4978/
MAX4979
BANDGAP
REFERENCE
5V AC
ADAPTER
C0NTROL
CHARGER
CHARGE
PUMP
+
-
+
-
OVLO
UVLO
1
μF
EN
GND
1k
Ω
SDT
PHONE
LOADS
AC-DC
CONVERTER
~0.5
Ω
LONG WIRE
RESISTANCE
nFET
Figure 2. Typical Application Circuit with
SDT
CHARGE CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC
1M
Ω
RD
1.5k
Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 3. Human Body ESD Test Model
IP 100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0
0
AMPERES
Figure 4. Human Body Current Waveform


Similar Part No. - MAX4978

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX497 MAXIM-MAX497 Datasheet
219Kb / 12P
   375MHz Quad Closed-Loop Video Buffers, AV = 1 and 2
Rev 1; 12/98
MAX4970 MAXIM-MAX4970 Datasheet
169Kb / 9P
   Overvoltage-Protection Controllers with a Low RON Internal FET
Rev 1; 8/08
MAX4970EWC MAXIM-MAX4970EWC Datasheet
169Kb / 9P
   Overvoltage-Protection Controllers with a Low RON Internal FET
Rev 1; 8/08
MAX4971EWC MAXIM-MAX4971EWC Datasheet
169Kb / 9P
   Overvoltage-Protection Controllers with a Low RON Internal FET
Rev 1; 8/08
MAX4972EWC MAXIM-MAX4972EWC Datasheet
169Kb / 9P
   Overvoltage-Protection Controllers with a Low RON Internal FET
Rev 1; 8/08
More results

Similar Description - MAX4978

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14653 MAXIM-MAX14653 Datasheet
2Mb / 11P
   High-Current Overvoltage Protector with Adjustable OVLO
Rev 0; 1/13
MAX4881 MAXIM-MAX4881 Datasheet
303Kb / 13P
   Overvoltage Protection Controllers with Current Limit in TDFN
19-3777; Rev 2; 10/06
logo
Bourns Electronic Solut...
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
   Overvoltage Protector
TISP4A250H3BJ BOURNS-TISP4A250H3BJ Datasheet
535Kb / 8P
   Overvoltage Protector
TISP61089HDM BOURNS-TISP61089HDM_07 Datasheet
279Kb / 7P
   Overvoltage Protector
TISP1XXXF3 BOURNS-TISP1XXXF3 Datasheet
752Kb / 13P
   Overvoltage Protector
logo
Texas Instruments
TPS25200 TI1-TPS25200 Datasheet
3Mb / 31P
[Old version datasheet]   5V eFuse with Precision Adjustable Current Limit and Overvoltage Clamp
logo
Maxim Integrated Produc...
MAX14670 MAXIM-MAX14670 Datasheet
1Mb / 13P
   Bidirectional Current-Blocking, High-Input Overvoltage Protector with Adjustable OVLO
Rev 0; 6/13
logo
Power Innovations Ltd
TISP61CAP3 POINN-TISP61CAP3 Datasheet
89Kb / 5P
   PROGRAMMABLE OVERVOLTAGE PROTECTOR
logo
Maxim Integrated Produc...
MAX14527 MAXIM-MAX14527 Datasheet
106Kb / 7P
   Adjustable Overvoltage Protector with High Accuracy
Rev 0; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com