Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6462UK Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6462UK
Description  Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6462UK Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6462UK Datasheet HTML 1Page - Maxim Integrated Products MAX6462UK Datasheet HTML 2Page - Maxim Integrated Products MAX6462UK Datasheet HTML 3Page - Maxim Integrated Products MAX6462UK Datasheet HTML 4Page - Maxim Integrated Products MAX6462UK Datasheet HTML 5Page - Maxim Integrated Products MAX6462UK Datasheet HTML 6Page - Maxim Integrated Products MAX6462UK Datasheet HTML 7Page - Maxim Integrated Products MAX6462UK Datasheet HTML 8Page - Maxim Integrated Products MAX6462UK Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Ultra-Low-Power Voltage Detectors and
µP Supervisory Circuits
4
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = 5V, TA = +25°C, unless otherwise noted.)
MAXIMUM VCC TRANSIENT DURATION
vs. VTH- THRESHOLD OVERDRIVE
VTH- THRESHOLD OVERDRIVE ((VTH-) - VCC) (V)
0.1
11
12
13
14
15
16
17
18
19
20
10
0.01
1
OUTPUT ASSERTS
ABOVE THIS LINE
MAX6464_ _22
PROPAGATION DELAY VCC RISING
MAX6461 toc05a
20
µs/div
100mV/div
AC-COUPLED
1V/div
VCC
OUT
ACTIVE-HIGH
OUTPUT
MAX6462_ _16
PROPAGATION DELAY VCC FALLING
MAX6461 toc05b
10
µs/div
100mV/div
AC-COUPLED
1V/div
VCC
OUT
ACTIVE-HIGH
OUTPUT
MAX6462_ _16
OUTPUT VOLTAGE HIGH
vs. SOURCE CURRENT
SOURCE CURRENT (mA)
9
8
7
6
5
4
3
2
1
4.5
5.0
5.5
6.0
4.0
010
OUTPUT VOLTAGE HIGH
vs. SOURCE CURRENT
SOURCE CURRENT (mA)
9
8
7
6
5
4
3
2
1
2.7
2.9
3.1
3.3
3.5
2.5
010
VCC = 3.3V
VTH = 2.9V
OUTPUT VOLTAGE LOW
vs. SINK CURRENT
SINK CURRENT (mA)
9
8
6
7
2
3
4
5
1
25
50
75
100
125
150
175
200
225
250
275
300
0
010
VCC = 2.7V
VTH = 2.9V
NORMALIZED THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
80
65
50
35
20
5
-10
-25
0.99
1.00
1.01
1.02
0.98
-40
125
NORMALIZED OUTPUT TIMEOUT PERIOD
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
80
65
50
35
20
5
-10
-25
0.99
1.00
1.01
1.02
0.98
-40
125
MAX6466
HYSTERESIS vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
80
65
50
35
20
5
-10
-25
4.5
5.0
5.5
6.0
4.0
-40
125
MAX6461


Similar Part No. - MAX6462UK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6462UK MAXIM-MAX6462UK Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
MAX6462UK-T MAXIM-MAX6462UK-T Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
More results

Similar Description - MAX6462UK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6461 MAXIM-MAX6461 Datasheet
153Kb / 10P
   Ultra-Low-Power Voltage Detectors and UP Supervisory Circuits
MAX6464UK45 MAXIM-MAX6464UK45 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
MAX6464UK31 MAXIM-MAX6464UK31 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
MAX6841 MAXIM-MAX6841 Datasheet
180Kb / 9P
   Ultra-Low-Voltage uP Reset Circuits and Voltage Detectors
Rev 1; 2/03
MAX6715A MAXIM-MAX6715A Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
MAX6715 MAXIM-MAX6715_05 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
19-2325; Rev 5; 12/05
MAX6718UKTGD3 MAXIM-MAX6718UKTGD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Rev 5; 12/05
logo
ams AG
AS1904 AMSCO-AS1904_1 Datasheet
184Kb / 9P
   Ultra Low-Power uP Supervisory Circuit
logo
Maxim Integrated Produc...
MAX6841 MAXIM-MAX6841_05 Datasheet
578Kb / 9P
   Ultra-Low-Voltage 關P Reset Circuits and Voltage Detectors
Rev 2; 12/05
logo
ams AG
AS1901 AMSCO-AS1901 Datasheet
76Kb / 9P
   Ultra Low-Power uP Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com