Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6364PUT Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6364PUT
Description  SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6364PUT Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6364PUT Datasheet HTML 1Page - Maxim Integrated Products MAX6364PUT Datasheet HTML 2Page - Maxim Integrated Products MAX6364PUT Datasheet HTML 3Page - Maxim Integrated Products MAX6364PUT Datasheet HTML 4Page - Maxim Integrated Products MAX6364PUT Datasheet HTML 5Page - Maxim Integrated Products MAX6364PUT Datasheet HTML 6Page - Maxim Integrated Products MAX6364PUT Datasheet HTML 7Page - Maxim Integrated Products MAX6364PUT Datasheet HTML 8Page - Maxim Integrated Products MAX6364PUT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX6361–MAX6364 supervisory circuits reduce the
complexity and number of components required for
power-supply monitoring and battery control functions in
microprocessor (µP) systems. The circuits significantly
improve system reliability and accuracy compared to that
obtainable with separate ICs or discrete components.
Their functions include µP reset, backup battery
switchover, and power failure warning.
The MAX6361–MAX6364 operate from supply voltages as
low as +1.2V. The factory-preset reset threshold voltage
ranges from 2.32V to 4.63V (see Ordering Information).
These devices provide a manual reset input (MAX6361),
watchdog timer input (MAX6362), battery-on output
(MAX6363), and an auxiliary adjustable reset input
(MAX6364). In addition, each part type is offered in three
reset output versions: an active-low open-drain reset, an
active-low open-drain reset, and an active-high open-
drain reset (see Selector Guide at end of data sheet).
Applications
Features
♦ Low +1.2V Operating Supply Voltage
(VCC or VBATT)
♦ Precision Monitoring of +5.0V, +3.3V, +3.0V, and
+2.5V Power-Supply Voltages
♦ Debounced Manual Reset Input (MAX6361)
♦ Watchdog Timer with 1.6s Timeout Period
(MAX6362)
♦ Battery-On Output Indicator (MAX6363)
♦ Auxiliary User-Adjustable RESET IN (MAX6364)
♦ Three Available Output Structures
Push-Pull RESET, Open-Drain RESET,
Open-Drain RESET
♦ RESET/RESET Valid Down to 1.2V Guaranteed
(VCC or VBATT)
♦ Power-Supply Transient Immunity
♦ 150ms (min) Reset Timeout Period
♦ Small 6-Pin SOT23 Package
SOT23, Low-Power µP Supervisory Circuits
with Battery Backup
________________________________________________________________ Maxim Integrated Products
1
19-1615; Rev 3; 11/05
Ordering Information
Pin Configurations
Note: These parts offer a choice of reset threshold voltages.
From the table below, select the suffix corresponding to the
desired threshold voltage and insert it into the part number to
complete it. When ordering from the factory, there is a 2500-
piece minimum on the SOT package (tape-and-reel only).
Devices are available in both leaded and lead-free packaging.
Specify lead-free by replacing "-T" with "+T" when ordering.
GND
VCC
MR
16
BATT
5
OUT
RESET, RESET
MAX6361
TOP VIEW
2
34
SOT23-6
Computers
Controllers
Intelligent Instruments
Critical µP/µC
Power Monitoring
Fax Machines
Industrial Control
POS Equipment
Portable/Battery-Powered
Equipment
Selector Guide appears at end of data sheet.
Typical Operating Circuit appears at end of data sheet.
Pin Configurations continued at end of data sheet.
6 SOT23-6
-40°C to +85°C
MAX6364HUT_ _-T
6 SOT23-6
-40°C to +85°C
MAX6364PUT_ _-T
6 SOT23-6
-40°C to +85°C
MAX6364LUT_ _-T
6 SOT23-6
-40°C to +85°C
6 SOT23-6
-40°C to +85°C
MAX6363HUT_ _-T
MAX6363PUT_ _-T
6 SOT23-6
-40°C to +85°C
6 SOT23-6
-40°C to +85°C
MAX6363LUT_ _-T
6 SOT23-6
PIN-PACKAGE
TEMP. RANGE
-40°C to +85°C
MAX6361HUT_ _-T
6 SOT23-6
-40°C to +85°C
MAX6361PUT_ _-T
MAX6361LUT_ _-T
PART
6 SOT23-6
-40°C to +85°C
MAX6362HUT_ _-T
6 SOT23-6
-40°C to +85°C
MAX6362PUT_ _-T
6 SOT23-6
-40°C to +85°C
MAX6362LUT_ _-T
SUFFIX
MIN
46
4.50
4.63
MAX
TYP
44
4.25
4.38
31
3.00
3.08
4.75
4.50
3.15
23
2.25
29
2.85
2.93
2.32
26
2.55
2.63
2.38
3.00
2.70
RESET THRESHOLD RANGES (V)


Similar Part No. - MAX6364PUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6364PUT MAXIM-MAX6364PUT Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX6364PUT23 MAXIM-MAX6364PUT23 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX6364PUT26 MAXIM-MAX6364PUT26 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX6364PUT29 MAXIM-MAX6364PUT29 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX6364PUT31 MAXIM-MAX6364PUT31 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
More results

Similar Description - MAX6364PUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
MAX6365 MAXIM-MAX6365_09 Datasheet
248Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 4; 5/09
MAX6365 MAXIM-MAX6365_11 Datasheet
175Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 5; 10/11
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX16016 MAXIM-MAX16016_11 Datasheet
262Kb / 21P
   Low-Power μP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 5; 4/11
MAX6365 MAXIM-MAX6365 Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
MAX705 MAXIM-MAX705_10 Datasheet
169Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 8; 3/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com