Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX821MUS-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX821MUS-T
Description  4-Pin μP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX821MUS-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX821MUS-T Datasheet HTML 1Page - Maxim Integrated Products MAX821MUS-T Datasheet HTML 2Page - Maxim Integrated Products MAX821MUS-T Datasheet HTML 3Page - Maxim Integrated Products MAX821MUS-T Datasheet HTML 4Page - Maxim Integrated Products MAX821MUS-T Datasheet HTML 5Page - Maxim Integrated Products MAX821MUS-T Datasheet HTML 6Page - Maxim Integrated Products MAX821MUS-T Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
General Description
The MAX821/MAX822 microprocessor (µP) supervisory
circuits monitor power supplies in µP and digital sys-
tems. They provide excellent circuit reliability and low
cost by eliminating external components and adjust-
ments when used with 5V-powered or 3V-powered cir-
cuits. The MAX821/MAX822 also provide a power-on
reset timeout delay that is pin selectable to 1ms (max),
20ms (min), or 100ms (min).
These devices perform a single function: they assert a
reset signal whenever the VCC supply voltage falls
below a preset threshold, and they keep reset asserted
for the pin-selected reset timeout delay after VCC has
risen above the reset threshold. The only difference
between the two devices is that the MAX821 has an
active-low RESET output (which is guaranteed to be in
the correct state for VCC down to 1V), while the
MAX822 has an active-high RESET output. The reset
comparator is designed to ignore fast transients on
VCC. Reset thresholds suitable for operation with a vari-
ety of supply voltages are available.
Low supply current makes the MAX821/MAX822 ideal
for use in portable equipment. These devices come in a
4-pin SOT143 package.
________________________Applications
Bar-Code Scanners
Computers
Controllers
Intelligent Instruments
Critical µP and µC Power Monitoring
Portable/Battery-Powered Equipment
Features
♦ Pin-Selectable, Precision Power-On Reset Delay:
1ms (max), 20ms (min), or 100ms (min)
♦ Precision Monitoring of +3V to +5V Power-Supply
Voltages
♦ 2.5µA Supply Current
♦ Guaranteed Over Temperature (-40°C to +125°C)
♦ Guaranteed RESET Valid to VCC = 1V (MAX821)
♦ Power-Supply Transient Immunity
♦ No External Components
♦ SOT143 Package
4-Pin µP Voltage Monitors with Pin-Selectable
Power-On Reset Timeout Delay
________________________________________________________________ Maxim Integrated Products
1
1
2
4
3
VCC
SRT
(RESET) RESET
GND
MAX821
MAX822
SOT143
TOP VIEW
( ) ARE FOR MAX822
Pin Configuration
MAX821
MAX822
VCC
RESET
(RESET)
RESET
INPUT
GND
VCC
GND
µP
( ) ARE FOR MAX822
SRT
20ms
100ms
1ms
__________Typical Operating Circuit
19-1122; Rev 3; 12/05
PART
MAX821LUS-T
MAX821MUS-T
4.38
4.63
NOMINAL VTH (V)
TOP MARK*
AZ_ _
BA_ _
Ordering Information
* The first two letters in the package top mark identify the part,
while the remaining two letters are the lot-tracking code.
Devices are available in both leaded and lead-free packaging.
Specify lead-free by replacing “-T” with “+T” when ordering.
MAX821PUS-T
4.00
BM_ _
MAX821TUS-T
3.08
BB_ _
MAX821SUS-T
2.93
BC_ _
MAX821UUS-T
2.78
BL_ _
MAX821RUS-T
2.63
BD_ _
MAX822LUS-T
4.63
BF_ _
MAX822MUS-T
4.38
BG_ _
MAX822TUS-T
3.08
BH_ _
MAX822SUS-T
2.93
BJ_ _
MAX822RUS-T
2.63
BK_ _
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX821MUS-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX821MUS-T MAXIM-MAX821MUS-T Datasheet
77Kb / 8P
   4-Pin 關P Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay
Rev 1; 12/99
MAX821MUS-T MAXIM-MAX821MUS-T Datasheet
179Kb / 7P
   4-Pin uP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay
Rev 3; 12/05
More results

Similar Description - MAX821MUS-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX822TUS MAXIM-MAX822TUS Datasheet
179Kb / 7P
   4-Pin uP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay
Rev 3; 12/05
MAX821 MAXIM-MAX821 Datasheet
77Kb / 8P
   4-Pin 關P Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay
Rev 1; 12/99
MAX812LEUS-T MAXIM-MAX812LEUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
MAX811REUS-T MAXIM-MAX811REUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6753KA29-T MAXIM-MAX6753KA29-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6412 MAXIM-MAX6412_12 Datasheet
211Kb / 12P
   Low-Power, Single/Dual-Voltage μP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
MAX6747KA46-T MAXIM-MAX6747KA46-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
logo
Microchip Technology
TC1270 MICROCHIP-TC1270_07 Datasheet
674Kb / 14P
   4-Pin Reset Monitors
2007
TCM811 MICROCHIP-TCM811_07 Datasheet
491Kb / 16P
   4-Pin Reset Monitors
2007
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com