Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16011TA-T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX16011TA-T
Description  Ultra-Small, Overvoltage Protection/Detection Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16011TA-T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX16011TA-T Datasheet HTML 4Page - Maxim Integrated Products MAX16011TA-T Datasheet HTML 5Page - Maxim Integrated Products MAX16011TA-T Datasheet HTML 6Page - Maxim Integrated Products MAX16011TA-T Datasheet HTML 7Page - Maxim Integrated Products MAX16011TA-T Datasheet HTML 8Page - Maxim Integrated Products MAX16011TA-T Datasheet HTML 9Page - Maxim Integrated Products MAX16011TA-T Datasheet HTML 10Page - Maxim Integrated Products MAX16011TA-T Datasheet HTML 11Page - Maxim Integrated Products MAX16011TA-T Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
In normal operating mode, internal GATE1 output cir-
cuitry enhances P1 to a 10V gate-to-source (VGS) for
11V < VCC < 72V. The constant 10V enhancement
ensures P1 operates in a low RDS-ON mode, but the
gate-source junction is not overstressed during high-
battery-voltage application or transients (many MOSFET
devices specify a ±20V VGS absolute maximum). As
VCC drops below 10V GATE1 is limited to GND, reduc-
ing P1 VGS to VCC - GND. In normal operation the P1
power dissipation is very low:
P1 = ILOAD2 x RDS-ON
During reverse-battery applications, GATE1 is limited to
GND and the P1 gate-source junction is reverse
biased. P1 is turned off and neither the MAX16013/
MAX16014 nor the load circuitry is exposed to the
reverse-battery voltage. Care should be taken to place
P1 (and its internal drain-to-source diode) in the correct
orientation for proper reverse battery operation.
P2 protects the load from input overvoltage conditions.
During normal operating modes (the monitored voltage
is below the adjusted overvoltage threshold), internal
GATE2 output circuitry enhances P2 to a 10V gate-to-
source (VGS) for 11V < VCC < 72V. The constant 10V
enhancement ensures P2 operates in a low RDS-ON
mode but the gate-to-source junction is not over-
stressed during high-battery-voltage applications
(many pFET devices specify a ±20V VGS absolute max-
imum). As VCC drops below 10V, GATE2 is limited to
GND, reducing P2 VGS to VCC - GND. In normal opera-
tion, the P2 power dissipation is very low:
P2 = ILOAD2 x RDS-ON
During overvoltage conditions, P2 is either turned com-
pletely off (overvoltage-switch mode) or cycled off-on-
off (voltage-limiter mode). Care should be taken to
place P2 (and its internal drain-to-source diode) in the
correct orientation for proper overvoltage protection
operation. During voltage-limiter mode, the drain of P2
is limited to the adjusted overvoltage threshold, while
the battery (VCC) voltage rises. During prolonged over-
voltage events, P2 temperature can increase rapidly
due to the high power dissipation. The power dissipat-
ed by P2 is:
P2 = VDS-P2 x ILOAD
= (VCC - VOV-ADJUSTED) x ILOAD
where VCC ~ VBATTERY and VOV-ADJUSTED is the desired
load limit voltage. For prolonged overvoltage events with
high P2 power dissipation, proper heatsinking is required.
Adding External Pullup Resistors
It may be necessary to add an external resistor from
VCC to GATE1 to provide enough additional pullup
capability when the GATE1 input goes high. The
GATE_ output can only source up to 1µA current. If the
source current is less than 1µA, no external resistor
may be necessary. However, to improve the pullup
capability of the GATE_ output when it goes high, con-
nect an external resistor between VCC and the GATE_.
The application shows a 2M
Ω resistor, which is large
enough not to impact the sinking capability of the
GATE_ (during normal operation) while providing
enough pullup during an overvoltage event. With an
11V (worst case) VCC-to-gate clamp voltage and a
sinking current of 75µA, the smallest resistor should be
11V/75µA, or about 147k
Ω. However, since the GATE_
is typically low most of the time, a higher value should
be used to reduce overall power consumption.
Ultra-Small, Overvoltage Protection/
Detection Circuits
_______________________________________________________________________________________
9


Similar Part No. - MAX16011TA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16011TAA-T MAXIM-MAX16011TAA-T Datasheet
202Kb / 12P
   Ultra-Small, Overvoltage Protection/Detection Circuits
Rev 2; 1/07
MAX16011TAB-T MAXIM-MAX16011TAB-T Datasheet
202Kb / 12P
   Ultra-Small, Overvoltage Protection/Detection Circuits
Rev 2; 1/07
MAX16011TAC-T MAXIM-MAX16011TAC-T Datasheet
202Kb / 12P
   Ultra-Small, Overvoltage Protection/Detection Circuits
Rev 2; 1/07
MAX16011TA_-T MAXIM-MAX16011TA_-T Datasheet
831Kb / 12P
   Ultra-Small, Overvoltage Protection/Detection Circuits
2015
More results

Similar Description - MAX16011TA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16010 MAXIM-MAX16010 Datasheet
202Kb / 12P
   Ultra-Small, Overvoltage Protection/Detection Circuits
Rev 2; 1/07
MAX16010 MAXIM-MAX16010_V01 Datasheet
831Kb / 12P
   Ultra-Small, Overvoltage Protection/Detection Circuits
2015
MAX14529 MAXIM-MAX14529 Datasheet
266Kb / 9P
   Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
logo
Power-One
QAS050ZG POWER-ONE-QAS050ZG Datasheet
87Kb / 3P
   Overvoltage Protection
logo
Maxim Integrated Produc...
MAX14890E MAXIM-MAX14890E Datasheet
990Kb / 30P
   Overvoltage and Undervoltage Fault Detection
Rev 0; 3/15
logo
STMicroelectronics
STEVAL-ISA026V1 STMICROELECTRONICS-STEVAL-ISA026V1 Datasheet
91Kb / 4P
   Overvoltage protection
December 2007 Rev 1
logo
Maxim Integrated Produc...
MAX14529E MAXIM-MAX14529E Datasheet
197Kb / 9P
   Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
logo
Texas Instruments
TMUX1072 TI1-TMUX1072 Datasheet
388Kb / 21P
[Old version datasheet]   2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
TMUX1072 TI1-TMUX1072_18 Datasheet
993Kb / 26P
[Old version datasheet]   2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
logo
ON Semiconductor
NCP346 ONSEMI-NCP346_06 Datasheet
361Kb / 15P
   Overvoltage Protection IC
September, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com