Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16060 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX16060
Description  1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16060 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX16060 Datasheet HTML 1Page - Maxim Integrated Products MAX16060 Datasheet HTML 2Page - Maxim Integrated Products MAX16060 Datasheet HTML 3Page - Maxim Integrated Products MAX16060 Datasheet HTML 4Page - Maxim Integrated Products MAX16060 Datasheet HTML 5Page - Maxim Integrated Products MAX16060 Datasheet HTML 6Page - Maxim Integrated Products MAX16060 Datasheet HTML 7Page - Maxim Integrated Products MAX16060 Datasheet HTML 8Page - Maxim Integrated Products MAX16060 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Typical Operating Characteristics
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
30
35
40
45
50
55
60
WDI, MARGIN, AND MR UNCONNECTED
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
-40 -25 -10 5
20 35 50 65 80 95 110 125
30
35
40
45
50
55
60
WDI, MARGIN, AND MR UNCONNECTED
VCC = 2.5V
VCC = 3.3V
VCC = 5V
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.9900
0.9925
0.9950
0.9975
1.0000
1.0025
1.0050
1.0075
1.0100
NORMALIZED THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
-40 -25 -10 5
20 35 50 65 80 95 110 125
0.995
0.996
0.997
0.998
0.999
1.000
1.001
OUTPUT VOLTAGE vs. SINK CURRENT
SINK CURRENT (mA)
012345678
0
25
50
75
100
OUT_ LOW
OUTPUT VOLTAGE vs. SOURCE CURRENT
SOURCE CURRENT (
μA)
0
5
10
15
20
25
30
0
200
400
600
800
1000
OUT_ HIGH
RESET TIMEOUT PERIOD
vs. TEMPERATURE
TEMPERATURE (
°C)
-40 -25 -10 5
20 35 50 65 80 95 110 125
190
191
192
193
194
195
196
197
198
1
10
100
1000
MAXIMUM TRANSIENT DURATION
vs. INPUT OVERDRIVE
INPUT OVERDRIVE (mV)
600
0
100
200
300
400
500
OUTPUT GOES LOW
ABOVE THIS LINE
RESET TIMEOUT DELAY
MAX16060/1/2 toc09
OUT1
2V/div
IN1
5V/div
40ms/div
RESET
2V/div
SRT = VCC
1% Accurate, Quad-/Hex-/Octal-Voltage
µP Supervisors
_______________________________________________________________________________________
5


Similar Part No. - MAX16060

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
MAX1606 MAXIM-MAX1606 Datasheet
664Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
2004
MAX16063 MAXIM-MAX16063 Datasheet
183Kb / 13P
   1% Accurate, Low-Voltage, Quad Window Voltage Detector
Rev 0; 4/08
MAX16063TG++ MAXIM-MAX16063TG+ Datasheet
183Kb / 13P
   1% Accurate, Low-Voltage, Quad Window Voltage Detector
Rev 0; 4/08
MAX16064 MAXIM-MAX16064 Datasheet
1Mb / 52P
   ±0.3% Accurate, Quad, Power-Supply Controller with Active-Voltage Output Control and PMBus Interface
Rev 0; 7/09
More results

Similar Description - MAX16060

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16000 MAXIM-MAX16000_12 Datasheet
311Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage μP Supervisors
Rev 6; 8/12
MAX16000 MAXIM-MAX16000 Datasheet
275Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage 關P Supervisors
Rev 3; 12/08
MAX6892 MAXIM-MAX6892 Datasheet
298Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 2/05
MAX6892 MAXIM-MAX6892_10 Datasheet
178Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 2; 9/10
MAX6889 MAXIM-MAX6889 Datasheet
261Kb / 40P
   EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 1; 9/08
logo
Texas Instruments
TPS386000-Q1 TI1-TPS386000-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Quad Supply Voltage Supervisors
logo
Maxim Integrated Produc...
MAX16063 MAXIM-MAX16063 Datasheet
183Kb / 13P
   1% Accurate, Low-Voltage, Quad Window Voltage Detector
Rev 0; 4/08
MAX6874 MAXIM-MAX6874 Datasheet
342Kb / 40P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
MAX6872 MAXIM-MAX6872 Datasheet
379Kb / 48P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
logo
Analog Devices
ADM1184ARMZ AD-ADM1184ARMZ Datasheet
269Kb / 12P
   0.8% Accurate Quad Voltage Monitor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com