Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16060 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX16060
Description  1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16060 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX16060 Datasheet HTML 1Page - Maxim Integrated Products MAX16060 Datasheet HTML 2Page - Maxim Integrated Products MAX16060 Datasheet HTML 3Page - Maxim Integrated Products MAX16060 Datasheet HTML 4Page - Maxim Integrated Products MAX16060 Datasheet HTML 5Page - Maxim Integrated Products MAX16060 Datasheet HTML 6Page - Maxim Integrated Products MAX16060 Datasheet HTML 7Page - Maxim Integrated Products MAX16060 Datasheet HTML 8Page - Maxim Integrated Products MAX16060 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX16060/MAX16061/MAX16062 are 1% accurate,
quad-/hex-/octal-voltage µP supervisors in a small thin
QFN package. These devices provide supervisory func-
tions for complex multivoltage systems. The MAX16060
monitors four voltages, the MAX16061 monitors six volt-
ages, and the MAX16062 monitors eight voltages.
These devices offer independent outputs for each mon-
itored voltage along with a reset output that asserts
whenever any of the monitored voltages fall below their
respective thresholds (down to 0.4V) or the manual
reset input is asserted. The reset output remains assert-
ed for the reset timeout after all voltages are above their
respective thresholds and the manual reset input is
deasserted. The minimum reset timeout is internally set
to 140ms or can be adjusted with an external capacitor.
All open-drain outputs have internal 30µA pullups that
eliminate the need for external pullup resistors.
However, each output can be driven with an external
voltage up to 5.5V. Other features offered include a
manual reset input, a tolerance pin for selecting 5% or
10% input thresholds, and a margin enable function for
deasserting the outputs during margin testing.
An additional feature is a watchdog timer that asserts
RESET when the watchdog timeout period (1.6s typ) is
exceeded. The watchdog timer can be disabled by
leaving WDI unconnected.
These devices are offered in 16-, 20-, and 24-pin thin
QFN packages (4mm x 4mm) and are fully specified
from -40
°C to +125°C.
Features
o Fixed Thresholds for 3.3V, 2.5V, and 1.8V Systems
o Adjustable Thresholds Monitor Low Voltages
(Down to 0.4V)
o 1% Accurate over Temperature
o Open-Drain Outputs with Internal Pullups Reduce
the Number of External Components
o Fixed 140ms (min) or Capacitor-Adjustable Reset
Timeout
o Manual Reset, Margin Enable, and Tolerance
Select Inputs
o Watchdog Timer
1.6s (typ) Timeout Period
54s Startup Delay After Reset
o Monitors Four (MAX16060), Six (MAX16061), or
Eight (MAX16062) Voltages
o RESET Output Indicates All Voltages Present
o Independent Voltage Monitors
o Guaranteed to Remain Asserted Down to VCC = 1V
o Small (4mm x 4mm) Thin QFN Package
1% Accurate, Quad-/Hex-/Octal-Voltage
µP Supervisors
_
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
_
Maxim Integrated Products
1
MAX16061A
GND
μP
TOL
VCC
SRT
MR
IN1
MARGIN
VIN1
VIN2
VIN3
VIN4
VIN5
VIN6
RESET
WDI
OUT1
RST
I/O
IN2
IN3
IN4
IN5
IN6
OUT2
OUT3
OUT4
OUT5
OUT6
Ordering Information
Typical Operating Circuit
19-4099; Rev 0; 4/08
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Note: The “_” is a placeholder for the input voltage threshold.
See Table 1. The MAX16060/MAX16061/MAX16062 are avail-
able in factory-preset thresholds/configuration combinations.
Choose the desired combination and complete part number
from Table 1.
+
Denotes a lead-free package.
For tape-and-reel, add a “T” after the “+.” Tape-and-reel are
offered in 2.5k increments.
*
EP = Exposed pad.
PART
TEMP RANGE
PIN-PACKAGE
MAX16060_TE+
-40
°C to +125°C
16 TQFN-EP*
MAX16061_TP+
-40
°C to +125°C
20 TQFN-EP*
MAX16062_TG+
-40
°C to +125°C
24 TQFN-EP*
Storage Equipment
Servers
Networking/Telecommun-
ication Equipment
Multivoltage ASICs
Automotive
Applications


Similar Part No. - MAX16060

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
MAX1606 MAXIM-MAX1606 Datasheet
664Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
2004
MAX16063 MAXIM-MAX16063 Datasheet
183Kb / 13P
   1% Accurate, Low-Voltage, Quad Window Voltage Detector
Rev 0; 4/08
MAX16063TG++ MAXIM-MAX16063TG+ Datasheet
183Kb / 13P
   1% Accurate, Low-Voltage, Quad Window Voltage Detector
Rev 0; 4/08
MAX16064 MAXIM-MAX16064 Datasheet
1Mb / 52P
   ±0.3% Accurate, Quad, Power-Supply Controller with Active-Voltage Output Control and PMBus Interface
Rev 0; 7/09
More results

Similar Description - MAX16060

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16000 MAXIM-MAX16000_12 Datasheet
311Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage μP Supervisors
Rev 6; 8/12
MAX16000 MAXIM-MAX16000 Datasheet
275Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage 關P Supervisors
Rev 3; 12/08
MAX6892 MAXIM-MAX6892 Datasheet
298Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 2/05
MAX6892 MAXIM-MAX6892_10 Datasheet
178Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 2; 9/10
MAX6889 MAXIM-MAX6889 Datasheet
261Kb / 40P
   EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 1; 9/08
logo
Texas Instruments
TPS386000-Q1 TI1-TPS386000-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Quad Supply Voltage Supervisors
logo
Maxim Integrated Produc...
MAX16063 MAXIM-MAX16063 Datasheet
183Kb / 13P
   1% Accurate, Low-Voltage, Quad Window Voltage Detector
Rev 0; 4/08
MAX6874 MAXIM-MAX6874 Datasheet
342Kb / 40P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
MAX6872 MAXIM-MAX6872 Datasheet
379Kb / 48P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
logo
Analog Devices
ADM1184ARMZ AD-ADM1184ARMZ Datasheet
269Kb / 12P
   0.8% Accurate Quad Voltage Monitor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com