Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX819_CUA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX819_CUA
Description  5V Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX819_CUA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX819_CUA Datasheet HTML 1Page - Maxim Integrated Products MAX819_CUA Datasheet HTML 2Page - Maxim Integrated Products MAX819_CUA Datasheet HTML 3Page - Maxim Integrated Products MAX819_CUA Datasheet HTML 4Page - Maxim Integrated Products MAX819_CUA Datasheet HTML 5Page - Maxim Integrated Products MAX819_CUA Datasheet HTML 6Page - Maxim Integrated Products MAX819_CUA Datasheet HTML 7Page - Maxim Integrated Products MAX819_CUA Datasheet HTML 8Page - Maxim Integrated Products MAX819_CUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
+5V Microprocessor Supervisory Circuits
_______________________________________________________________________________________
5
8
-40
40
SUPPLY CURRENT
vs. TEMPERATURE (NO LOAD)
12
TEMPERATURE (°C)
-20
0
20
80
100
60
16
14
10
0
-40
40
BATTERY SUPPLY CURRENT
(BACKUP MODE) vs. TEMPERATURE
20
80
100
120
140
160
TEMPERATURE (°C)
-20
0
20
80
100
60
60
40
VCC = 0V
VBATT = 5.0V
VBATT = 2.8V
VBATT = 2.0V
0
-40
40
CE IN TO CE OUT ON-RESISTANCE
vs. TEMPERATURE
20
80
TEMPERATURE (°C)
-20
0
20
80
100
60
60
40
90
100
10
70
50
30
VCE IN = 4V
VCE IN = 3V
VCE IN = 2V
0
-40
40
BATT TO OUT ON-RESISTANCE
vs. TEMPERATURE
TEMPERATURE (°C)
-20
0
20
80
100
60
50
100
150
200
250
300
VBATT = 2.0V
VBATT = 2.8V
VBATT = 5.0V
VCC = 0V
0
-40
40
VCC TO RESET PROPAGATION DELAY
vs. TEMPERATURE
200
TEMPERATURE (°C)
-20
0
20
80
100
60
300
400
500
100
VCC FALLING AT:
0.25V/ms
1V/ms
10V/ms
3
-40
40
VCC TO OUT ON-RESISTANCE
vs. TEMPERATURE
TEMPERATURE (°C)
-20
0
20
80
100
60
4
5
6
7
180
-40
40
RESET TIMEOUT PERIOD
vs. TEMPERATURE
TEMPERATURE (°C)
-20
0
20
80
100
60
190
200
210
220
1.50
-40
40
WATCHDOG TIMEOUT PERIOD
vs. TEMPERATURE
1.60
TEMPERATURE (°C)
-20
0
20
80
100
60
1.65
1.70
1.55
0
-40
40
BATTERY FRESHNESS SEAL
LEAKAGE CURRENT vs. TEMPERATURE
10
TEMPERATURE (°C)
-20
0
20
80
100
60
15
20
5
__________________________________________Typical Operating Characteristics
(VCC = +5V, VBATT = 3.0V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX819_CUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX819LCUA MAXIM-MAX819LCUA Datasheet
114Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 1; 3/96
MAX819MCUA MAXIM-MAX819MCUA Datasheet
114Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 1; 3/96
More results

Similar Description - MAX819_CUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX817L MAXIM-MAX817L Datasheet
114Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 1; 3/96
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com