Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6889ETJ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6889ETJ
Description  EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6889ETJ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6889ETJ Datasheet HTML 4Page - Maxim Integrated Products MAX6889ETJ Datasheet HTML 5Page - Maxim Integrated Products MAX6889ETJ Datasheet HTML 6Page - Maxim Integrated Products MAX6889ETJ Datasheet HTML 7Page - Maxim Integrated Products MAX6889ETJ Datasheet HTML 8Page - Maxim Integrated Products MAX6889ETJ Datasheet HTML 9Page - Maxim Integrated Products MAX6889ETJ Datasheet HTML 10Page - Maxim Integrated Products MAX6889ETJ Datasheet HTML 11Page - Maxim Integrated Products MAX6889ETJ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
EEPROM-Programmable, Octal/Hex/Quad,
Power-Supply Sequencers/Supervisors
8
_______________________________________________________________________________________
Pin Description
PIN
MAX6889
MAX6890
MAX6891
NAME
FUNCTION
111
PO2
Programmable Output 2. Configurable, active-high, active-low, open-drain, or
weak pullup output. PO2 pulls low with a 10µA internal current sink for 1V < VCC
< VUVLO. PO2 assumes its programmed conditional output state when VCC
exceeds undervoltage lockout (UVLO) of 2.5V.
222
PO3
Programmable Output 3. Configurable, active-high, active-low, open-drain, or
weak pullup output. PO3 pulls low with a 10µA internal current sink for 1V < VCC
< VUVLO. PO3 assumes its programmed conditional output state when VCC
exceeds undervoltage lockout (UVLO) of 2.5V.
333
PO4
Programmable Output 4. Configurable, active-high, active-low, open-drain, or
weak pullup output. PO4 pulls low with a 10µA internal current sink for 1V < VCC
< VUVLO. PO4 assumes its programmed conditional output state when VCC
exceeds undervoltage lockout (UVLO) of 2.5V.
4
4
4
GND
Ground
555
PO5
Programmable Output 5. Configurable, active-high, active-low, open-drain, or
weak pullup output. PO5 pulls low with a 10µA internal current sink for 1V < VCC
< VUVLO. PO5 assumes its programmed conditional output state when VCC
exceeds undervoltage lockout (UVLO) of 2.5V.
6
6
PO6
Programmable Output 6. Configurable, active-high, active-low, open-drain, or
weak pullup output. PO6 pulls low with a 10µA internal current sink for 1V < VCC
< VUVLO. PO6 assumes its programmed conditional output state when VCC
exceeds undervoltage lockout (UVLO) of 2.5V.
7
7
PO7
Programmable Output 7. Configurable, active-high, active-low, open-drain, or
weak pullup output. PO7 pulls low with a 10µA internal current sink for 1V < VCC
< VUVLO. PO7 assumes its programmed conditional output state when VCC
exceeds undervoltage lockout (UVLO) of 2.5V.
8
8
PO8
Programmable Output 8. Configurable, active-high, active-low, open-drain, or
weak pullup output. PO8 pulls low with a 10µA internal current sink for 1V < VCC
< VUVLO. PO8 assumes its programmed conditional output state when VCC
exceeds undervoltage lockout (UVLO) of 2.5V.
9
PO9
Programmable Output 9. Configurable, active-high, active-low, open-drain, or
weak pullup output. PO9 pulls low with a 10µA internal current sink for +1V <
VCC < VUVLO. PO9 assumes its programmed conditional output state when VCC
exceeds undervoltage lockout (UVLO) of 2.5V.
10
PO10
Programmable Output 10. Configurable, active-high, active-low, open-drain, or
weak pullup output. PO10 pulls low with a 10µA internal current sink for 1V <
VCC < VUVLO. PO10 assumes its programmed conditional output state when VCC
exceeds undervoltage lockout (UVLO) of 2.5V.
11
9
6
MARGIN
Margin Input.
MARGIN holds PO_ in its existing state when MARGIN is driven
low. Leave
MARGIN unconnected or connect to DBP if unused. MARGIN
overrides
MR if both assert at the same time. MARGIN is internally pulled up to
DBP through a 10µA current source.


Similar Part No. - MAX6889ETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6889EVCMAXQU MAXIM-MAX6889EVCMAXQU Datasheet
1Mb / 14P
   Proven PC Board Layout
Rev 3; 3/21
MAX6889EVKIT MAXIM-MAX6889EVKIT Datasheet
1Mb / 14P
   Proven PC Board Layout
Rev 3; 3/21
More results

Similar Description - MAX6889ETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6874 MAXIM-MAX6874 Datasheet
342Kb / 40P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
MAX6872 MAXIM-MAX6872 Datasheet
379Kb / 48P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
MAX6870 MAXIM-MAX6870 Datasheet
612Kb / 51P
   EEPROM-Programmable Hex/Quad Power-Supply Sequencers/Supervisors with ADC
Rev 1; 9/04
MAX6892 MAXIM-MAX6892 Datasheet
298Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 2/05
MAX6892 MAXIM-MAX6892_10 Datasheet
178Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 2; 9/10
MAX6880 MAXIM-MAX6880 Datasheet
422Kb / 19P
   Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors
Rev 1; 10/05
logo
Renesas Technology Corp
ISL70321SEH RENESAS-ISL70321SEH Datasheet
1Mb / 26P
   Radiation Hardened Quad Power Supply Sequencers
Jul 30, 2021
logo
Maxim Integrated Produc...
MAX6884 MAXIM-MAX6884_05 Datasheet
316Kb / 34P
   EEPROM-Programmable, Hex Power-Supply Supervisory Circuits
Rev 0; 2/05
MAX6877 MAXIM-MAX6877 Datasheet
307Kb / 24P
   Dual-/Triple-Voltage, Power-Supply Trackers/Sequencers/Supervisors
Rev 0; 7/05
MAX16060 MAXIM-MAX16060 Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com