Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6846 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6846
Description  Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated uP Reset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6846 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6846_05 Datasheet HTML 3Page - Maxim Integrated Products MAX6846_05 Datasheet HTML 4Page - Maxim Integrated Products MAX6846_05 Datasheet HTML 5Page - Maxim Integrated Products MAX6846_05 Datasheet HTML 6Page - Maxim Integrated Products MAX6846_05 Datasheet HTML 7Page - Maxim Integrated Products MAX6846_05 Datasheet HTML 8Page - Maxim Integrated Products MAX6846_05 Datasheet HTML 9Page - Maxim Integrated Products MAX6846_05 Datasheet HTML 10Page - Maxim Integrated Products MAX6846_05 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Low-Power, Adjustable Battery Monitors with
Hysteresis and Integrated µP Reset
_______________________________________________________________________________________
7
5%
HYST
LTH
DETECT
VTH
DETECT
5%
HYST
HTH
DETECT
VDD
LTHIN
HTHIN
VCC
615mV
LBO
TIMEOUT
PERIOD
RESET
TIMEOUT
PERIOD
LBOL
LBOH
RESET
MAX6848
1.23V
Figure 1b. MAX6848 Functional Diagram
MAX6847
LTH
DETECT
HTH
DETECT
R
S
Q
LBO TIMEOUT
PERIOD
RESET
TIMEOUT
PERIOD
VTH
DETECT
VCC
VCC
VDD
LTHIN
HTHIN
LBO
RESET
VCC
615mV
Q
MR
1.23V
Figure 1a. MAX6847 Functional Diagram
Low-Battery Output
The low-battery outputs are available in active-low
(LBO, LBOL, LBOH), open-drain configurations. The
low-battery outputs can be pulled to a voltage indepen-
dent of VCC or VDD, up to 5.5V. This allows the device
to monitor and operate from direct battery voltage while
interfacing to higher voltage microprocessors.
The MAX6846/MAX6847 single-output voltage monitors
provide a single low-battery output, LBO. LBO asserts
when LTHIN drops below VLTH and remains asserted
for at least 150ms after HTHIN rises above VHTH (see
Figure 2). The MAX6848/MAX6849 dual-output voltage
monitors provide two low-battery outputs: LBOH and
LBOL. LBOH asserts when HTHIN drops below VHTH-
and remains asserted for at least 150ms after HTHIN
rises above VHTH+. LBOL asserts when LTHIN drops
below VLTH- and remains asserted for at least 150ms
after LTHIN rises above VLTH+ (see Figure 3). For fast-
rising VDD input, the LBOL timeout period must com-
plete before the LBOH timeout period begins.
Reset Output
The MAX6846–MAX6849 provide an active-low reset
output (RESET). RESET is asserted when the voltage at
VCC falls below the reset threshold level. Reset remains
asserted for the reset timeout period after VCC exceeds
the threshold. If VCC goes below the reset threshold
before the reset timeout period is completed, the inter-
nal timer restarts (see Figure 4). The MAX6846/
MAX6848 have open-drain reset outputs, while the
MAX6847/MAX6849 have push-pull reset outputs.


Similar Part No. - MAX6846_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6846KARD3 MAXIM-MAX6846KARD3 Datasheet
191Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated UP Reset
19-2947; Rev 0; 7/03
MAX6846KASD3 MAXIM-MAX6846KASD3 Datasheet
191Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated UP Reset
19-2947; Rev 0; 7/03
MAX6846KAWD3 MAXIM-MAX6846KAWD3 Datasheet
191Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated UP Reset
19-2947; Rev 0; 7/03
MAX6846KAZD3 MAXIM-MAX6846KAZD3 Datasheet
191Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated UP Reset
19-2947; Rev 0; 7/03
More results

Similar Description - MAX6846_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6846 MAXIM-MAX6846 Datasheet
191Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated UP Reset
19-2947; Rev 0; 7/03
MAX6439 MAXIM-MAX6439 Datasheet
235Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Rev 0; 7/02
MAX6439 MAXIM-MAX6439_V01 Datasheet
256Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated 關P Reset
2005
MAX6427 MAXIM-MAX6427_05 Datasheet
379Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 2; 12/05
MAX6427 MAXIM-MAX6427 Datasheet
319Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 1; 9/03
logo
Shanghai Consonance Ele...
CN302 CONSONANCE-CN302 Datasheet
220Kb / 9P
   Low Power Battery Monitor with Hysteresis Control
logo
Maxim Integrated Produc...
MAX6301 MAXIM-MAX6301 Datasheet
102Kb / 12P
   5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
logo
Micrel Semiconductor
MIC841 MICREL-MIC841_11 Datasheet
320Kb / 8P
   Comparator with 1.25% Reference and Adjustable Hysteresis
MIC841 MICREL-MIC841_15 Datasheet
850Kb / 11P
   Comparator with 1.25% Reference and Adjustable Hysteresis
logo
TelCom Semiconductor, I...
TCM809 TELCOM-TCM809 Datasheet
60Kb / 4P
   3-PIN UP RESET MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com