Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6371 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6371
Description  Pin-Selectable Watchdog Timers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6371 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6371 Datasheet HTML 2Page - Maxim Integrated Products MAX6371 Datasheet HTML 3Page - Maxim Integrated Products MAX6371 Datasheet HTML 4Page - Maxim Integrated Products MAX6371 Datasheet HTML 5Page - Maxim Integrated Products MAX6371 Datasheet HTML 6Page - Maxim Integrated Products MAX6371 Datasheet HTML 7Page - Maxim Integrated Products MAX6371 Datasheet HTML 8Page - Maxim Integrated Products MAX6371 Datasheet HTML 9Page - Maxim Integrated Products MAX6371 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Pin-Selectable Watchdog Timers
6
_______________________________________________________________________________________
• Watchdog Timeout Period:
Normal operating watchdog timeout period after the
initial startup delay.
A watchdog output pulse is asserted if a valid watch-
dog input transition is not received before the timeout
period elapses.
Eight pin-selectable timeout period options for each
device, from 30µs to 60s.
Pin-selectable watchdog timer disable feature.
• Watchdog Output/Timing Options:
Open drain, active low with 100ms minimum watch-
dog output pulse (MAX6369/MAX6371/MAX6373).
Push-pull, active low with 1ms minimum watchdog
output pulse (MAX6370/MAX6372/MAX6374).
Each device has a watchdog startup delay that is initi-
ated when the supervisor is first powered or after the
user modifies any of the logic control set inputs. The
watchdog timer does not begin to count down until the
VCC
WDI
WDO
tSETUP
tDELAY
tWD
tWD
tWD
tWDO
A
B
C
D
E
F
G
TRANSITIONS ON WDI IGNORED DURING SETUP DELAY.
TRANSITION(S) ON WDI IGNORED DURING STARTUP DELAY PERIOD.
WATCHDOG TIMER STARTS AFTER STARTUP DELAY AND WDO IS DEASSERTED.
TRANSITION OCCURS BEFORE WATCHDOG TIMEOUT PERIOD. WATCHDOG
TIMER CLEARS AND STARTS TIMER AGAIN.
WATCHDOG TIMES OUT, WDO ASSERTS.
TRANSITIONS ON WDI IGNORED WHEN WDO ASSERTED.
WATCHDOG TIMER STARTS AFTER WDO DEASSERTS.
A
AB
C
D
EF
G
E
Figure 2. Watchdog Timing
WATCHDOG
TIMER CIRCUITRY
TRANSITION
DETECTOR
ENABLE
SET WATCHDOG TIMEOUT
SET STARTUP DELAY
MAX6369–MAX6374
EN
CONTROL
LOGIC
SET 2
SET 1
SET 0
VCC
GND
CLEAR
WDO
OUT
WDI
OUTPUT
Figure 1. Functional Diagram


Similar Part No. - MAX6371

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6371 MAXIM-MAX6371 Datasheet
114Kb / 8P
   Pin-Selectable Watchdog Timers
Rev 2; 2/03
MAX6371KA MAXIM-MAX6371KA Datasheet
440Kb / 10P
   Pin-Selectable Watchdog Timers
Rev 5; 1/11
MAX6371KA-T MAXIM-MAX6371KA-T Datasheet
114Kb / 8P
   Pin-Selectable Watchdog Timers
Rev 2; 2/03
MAX6371KA-T MAXIM-MAX6371KA-T Datasheet
123Kb / 10P
   Pin-Selectable Watchdog Timers
Rev 5; 1/11
MAX6371KA-T MAXIM-MAX6371KA-T Datasheet
440Kb / 10P
   Pin-Selectable Watchdog Timers
Rev 5; 1/11
More results

Similar Description - MAX6371

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6371KA MAXIM-MAX6371KA Datasheet
440Kb / 10P
   Pin-Selectable Watchdog Timers
Rev 5; 1/11
MAX6369 MAXIM-MAX6369 Datasheet
114Kb / 8P
   Pin-Selectable Watchdog Timers
Rev 2; 2/03
MAX6369 MAXIM-MAX6369_11 Datasheet
123Kb / 10P
   Pin-Selectable Watchdog Timers
Rev 5; 1/11
logo
Hitachi Semiconductor
HA16113FPJ HITACHI-HA16113FPJ Datasheet
102Kb / 18P
   Dual Watchdog Timers
logo
Maxim Integrated Produc...
MAX16997 MAXIM-MAX16997 Datasheet
154Kb / 16P
   High-Voltage Watchdog Timers with Adjustable Timeout Delay
Rev 1; 4/09
logo
Vicor Corporation
PRM48JH480X250A00 VICOR-PRM48JH480X250A00 Datasheet
2Mb / 44P
   Pin selectable operating mode
PRM48AH480X200A00 VICOR-PRM48AH480X200A00 Datasheet
3Mb / 42P
   Pin selectable operating mode
logo
Nuvoton Technology Corp...
NAU8315 NUVOTON-NAU8315 Datasheet
1Mb / 43P
   Pin Selectable Gain Setting
logo
Linear Technology
LTC2918 LINER-LTC2918_15 Datasheet
166Kb / 16P
   Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
LTC2917 LINER-LTC2917_15 Datasheet
166Kb / 16P
   Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com