Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6889 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6889
Description  EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6889 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6889 Datasheet HTML 1Page - Maxim Integrated Products MAX6889 Datasheet HTML 2Page - Maxim Integrated Products MAX6889 Datasheet HTML 3Page - Maxim Integrated Products MAX6889 Datasheet HTML 4Page - Maxim Integrated Products MAX6889 Datasheet HTML 5Page - Maxim Integrated Products MAX6889 Datasheet HTML 6Page - Maxim Integrated Products MAX6889 Datasheet HTML 7Page - Maxim Integrated Products MAX6889 Datasheet HTML 8Page - Maxim Integrated Products MAX6889 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
EEPROM-Programmable, Octal/Hex/Quad,
Power-Supply Sequencers/Supervisors
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VIN1 = 6.5V to 13.2V, VIN2–VIN7 = 2.7V to 5.5V, VIN8 = 10V, GPI_ = GND, MARGIN = MR = DBP, TA = -40°C to +85°C, unless other-
wise noted. Typical values are at TA = +25°C.) (Notes 1, 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
000
5.625
6.25
6.875
001
22.5
25
27.5
010
90
100
110
011
360
400
440
ms
100
1.44
1.60
1.76
101
5.76
6.40
7.04
110
23.04
25.60
28.16
Watchdog Timeout Period
tWD
Register contents
(Table 21)
111
92.16
102.40
112.64
s
SERIAL INTERFACE LOGIC (SDA, SCL, A0, A1)
Logic-Input Low Voltage
VIL
0.8
V
Logic-Input High Voltage
VIH
2.0
V
Input Leakage Current
ILKG
-1
+1
µA
Output Low Voltage
VOL
ISINK = 3mA
0.4
V
Input/Output Capacitance
CI/O
10
pF
SERIAL INTERFACE TIMING CHARACTERISTICS (Figure 3)
(IN1 = GND, VIN2–VIN7 = 2.7V to 5.5V, VIN8 = 10V, GPI_ = GND, MARGIN = MR = DBP, TA = -40°C to +85°C, unless otherwise
noted. Typical values are at TA = +25°C.) (Notes 1, 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Serial Clock Frequency
fSCL
400
kHz
Clock Low Period
tLOW
1.3
µs
Clock High Period
tHIGH
0.6
µs
Bus-Free Time
tBUF
1.3
µs
START Setup Time
tSU:STA
0.6
µs
START Hold Time
tHD:STA
0.6
µs
STOP Setup Time
tSU:STO
0.6
µs
Data In Setup Time
tSU:DAT
100
ns
Data In Hold Time
tHD:DAT
30
900
ns
Receive SCL/SDA Minimum
Rise Time
tR
(Note 5)
20 + 0.1
x CBUS
ns
Receive SCL/SDA Maximum
Rise Time
tR
(Note 5)
300
ns
Receive SCL/SDA Minimum
Fall Time
tF
(Note 5)
20 + 0.1
x CBUS
ns
Receive SCL/SDA Maximum
Fall Time
tF
(Note 5)
300
ns
Transmit SDA Fall Time
tF
CBUS = 400pF
20 + 0.04
x CBUS
300
ns


Similar Part No. - MAX6889

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6889 MAXIM-MAX6889 Datasheet
1Mb / 14P
   Proven PC Board Layout
Rev 3; 3/21
MAX6889EVCMAXQU MAXIM-MAX6889EVCMAXQU Datasheet
1Mb / 14P
   Proven PC Board Layout
Rev 3; 3/21
MAX6889EVKIT MAXIM-MAX6889EVKIT Datasheet
1Mb / 14P
   Proven PC Board Layout
Rev 3; 3/21
More results

Similar Description - MAX6889

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6874 MAXIM-MAX6874 Datasheet
342Kb / 40P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
MAX6872 MAXIM-MAX6872 Datasheet
379Kb / 48P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
MAX6870 MAXIM-MAX6870 Datasheet
612Kb / 51P
   EEPROM-Programmable Hex/Quad Power-Supply Sequencers/Supervisors with ADC
Rev 1; 9/04
MAX6892 MAXIM-MAX6892 Datasheet
298Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 2/05
MAX6892 MAXIM-MAX6892_10 Datasheet
178Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 2; 9/10
MAX6880 MAXIM-MAX6880 Datasheet
422Kb / 19P
   Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors
Rev 1; 10/05
logo
Renesas Technology Corp
ISL70321SEH RENESAS-ISL70321SEH Datasheet
1Mb / 26P
   Radiation Hardened Quad Power Supply Sequencers
Jul 30, 2021
logo
Maxim Integrated Produc...
MAX6884 MAXIM-MAX6884_05 Datasheet
316Kb / 34P
   EEPROM-Programmable, Hex Power-Supply Supervisory Circuits
Rev 0; 2/05
MAX6877 MAXIM-MAX6877 Datasheet
307Kb / 24P
   Dual-/Triple-Voltage, Power-Supply Trackers/Sequencers/Supervisors
Rev 0; 7/05
MAX16060 MAXIM-MAX16060 Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com