Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16043 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX16043
Description  Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16043 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX16043 Datasheet HTML 5Page - Maxim Integrated Products MAX16043 Datasheet HTML 6Page - Maxim Integrated Products MAX16043 Datasheet HTML 7Page - Maxim Integrated Products MAX16043 Datasheet HTML 8Page - Maxim Integrated Products MAX16043 Datasheet HTML 9Page - Maxim Integrated Products MAX16043 Datasheet HTML 10Page - Maxim Integrated Products MAX16043 Datasheet HTML 11Page - Maxim Integrated Products MAX16043 Datasheet HTML 12Page - Maxim Integrated Products MAX16043 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Dual-/Triple-/Quad-Voltage, Capacitor-
Adjustable, Sequencing/Supervisory Circuits
_______________________________________________________________________________________
9
Applications Information
Tolerance
The MAX16041/MAX16042/MAX16043 feature a pin-
selectable threshold tolerance. Connect TOL to GND to
select the thresholds 5% below the nominal value.
Connect TOL to VCC to select the threshold tolerance
10% below the nominal voltage. Do not leave TOL uncon-
nected.
Adjustable Input
These devices offer several monitoring options with both
fixed and/or adjustable reset thresholds (see Table 2).
For the adjustable threshold inputs, the threshold voltage
(VTH) at each adjustable IN_ input is typically 0.5V (TOL
= GND) or 0.472V (TOL = VCC). To monitor a voltage
VINTH, connect a resistive divider network to the circuit as
shown in Figure 3 and use the following equation to cal-
culate the threshold voltage:
Choosing the proper external resistors is a balance
between accuracy and power use. The input to the volt-
age monitor is a high-impedance input with a small
100nA leakage current. This leakage current contributes
to the overall error of the threshold voltage where the out-
put is asserted. This induced error is proportional to the
value of the resistors used to set the threshold. With lower
value resistors, this error is reduced, but the amount of
power consumed in the resistors increases.
VV
R
R
INTH
TH
=× +
⎝⎜
⎠⎟
1
1
2
Figure 2. Timing Diagram (CDLY_ Open)
VCC
VTH
VTH
t < tON
VUVLO
tON
tRP
tDELAY-
tDELAY+
tRST_DELAY
tOFF
tRP
tRP
tON
IN_
EN_
OUT_
RESET


Similar Part No. - MAX16043

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1604 MAXIM-MAX1604 Datasheet
190Kb / 16P
   Dual-Channel CardBus and PCMCIA Power Switches with SMBus??Serial Interface
19-1085; Rev 1; 10/96
MAX16040 MAXIM-MAX16040 Datasheet
214Kb / 21P
   Low-Power Battery Backup Circuits in Small μDFN Packages
Rev 0; 7/07
MAX16040LLA23+T MAXIM-MAX16040LLA23+T Datasheet
214Kb / 21P
   Low-Power Battery Backup Circuits in Small μDFN Packages
Rev 0; 7/07
MAX16040LLA26+T MAXIM-MAX16040LLA26+T Datasheet
214Kb / 21P
   Low-Power Battery Backup Circuits in Small μDFN Packages
Rev 0; 7/07
MAX16040LLA29+T MAXIM-MAX16040LLA29+T Datasheet
214Kb / 21P
   Low-Power Battery Backup Circuits in Small μDFN Packages
Rev 0; 7/07
More results

Similar Description - MAX16043

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16025 MAXIM-MAX16025 Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
MAX16052 MAXIM-MAX16052 Datasheet
153Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 1; 10/08
MAX16052 MAXIM-MAX16052_10 Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895 MAXIM-MAX6895_09 Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX6895 MAXIM-MAX6895_11 Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com