Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1374U-18 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1374U-18
Description  I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1374U-18 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1374U-18 Datasheet HTML 1Page - Maxim Integrated Products DS1374U-18 Datasheet HTML 2Page - Maxim Integrated Products DS1374U-18 Datasheet HTML 3Page - Maxim Integrated Products DS1374U-18 Datasheet HTML 4Page - Maxim Integrated Products DS1374U-18 Datasheet HTML 5Page - Maxim Integrated Products DS1374U-18 Datasheet HTML 6Page - Maxim Integrated Products DS1374U-18 Datasheet HTML 7Page - Maxim Integrated Products DS1374U-18 Datasheet HTML 8Page - Maxim Integrated Products DS1374U-18 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
I2C, 32-Bit Binary Counter Watchdog RTC with
Trickle Charger and Reset Input/Output
_____________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS
(VCC = VCC(MIN) to VCC(MAX) , TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
R1
(Note 6)
250
R2
(Note 7)
2000
Trickle-Charge Current-Limiting
Resistors
R3
(Note 8)
4000
Input Leakage
ILI
(Note 9)
-1
+1
I/O Leakage
ILO
(Note 10)
-1
+1
RST Pin I/O Leakage
ILORST
(Note 11)
-200
+1
μA
SDA Logic 0 Output (VOL = 0.4V)
IOLSDA
3.0
mA
VCC > 2V; VOL = 0.4V
3.0
1.71V < VCC < 2V; VOL = 0.2 VCC
3.0
mA
RST, SQW, and INT Logic 0
Outputs (Note 12)
IOL1
1.3V < VCC < 1.71V; VOL = 0.2 VCC
250
μA
DS1374-18
75
150
DS1374-3
110
200
Active Supply Current
(Notes 12, 13)
ICCA
DS1374-33
180
300
μA
DS1374-18
60
100
DS1374-3
80
125
Standby Current (Notes 12, 14)
ICCS
DS1374-33
115
175
μA
VBACKUP Leakage Current
(VBACKUP = 3.7V)
IBACKUPLKG
100
nA
DC ELECTRICAL CHARACTERISTICS
(VCC = 0V, VBACKUP = 3.7V, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MAX
TYP
MAX
UNITS
VBACKUP Current (OSC ON);
SQW OFF
IBKOSC1
(Note 15)
400
700
nA
VBACKUP Current (OSC ON);
SQW ON (32kHz)
IBKOSC2
(Notes 15, 16)
600
1000
nA
VBACKUP Data-Retention Current
(OSC OFF)
IBACKUPDR
25
100
nA


Similar Part No. - DS1374U-18

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1374 MAXIM-DS1374 Datasheet
292Kb / 17P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
DS1374C-18 MAXIM-DS1374C-18 Datasheet
292Kb / 17P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
DS1374C-18- MAXIM-DS1374C-18- Datasheet
292Kb / 17P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
DS1374C-3 MAXIM-DS1374C-3 Datasheet
292Kb / 17P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
DS1374C-3- MAXIM-DS1374C-3- Datasheet
292Kb / 17P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
More results

Similar Description - DS1374U-18

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1374 MAXIM-DS1374 Datasheet
292Kb / 17P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
DS1672 MAXIM-DS1672_11 Datasheet
197Kb / 15P
   I2C 32-Bit Binary Counter RTC
Rev 9/11
DS1672 MAXIM-DS1672 Datasheet
514Kb / 15P
   I2C 32-Bit Binary Counter RTC
REV: 031406
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
DS1340 MAXIM-DS1340 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1340 MAXIM-DS1340_06 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
logo
Dallas Semiconductor
DS1371 DALLAS-DS1371_07 Datasheet
498Kb / 15P
   I2C, 32-Bit Binary Counter
logo
Maxim Integrated Produc...
DS1388 MAXIM-DS1388_08 Datasheet
235Kb / 19P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
DS1388 MAXIM-DS1388 Datasheet
381Kb / 18P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 0; 4/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com