Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7390 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX7390
Description  Speed-Switching Clock Generator with Power Fail
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7390 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX7390 Datasheet HTML 1Page - Maxim Integrated Products MAX7390 Datasheet HTML 2Page - Maxim Integrated Products MAX7390 Datasheet HTML 3Page - Maxim Integrated Products MAX7390 Datasheet HTML 4Page - Maxim Integrated Products MAX7390 Datasheet HTML 5Page - Maxim Integrated Products MAX7390 Datasheet HTML 6Page - Maxim Integrated Products MAX7390 Datasheet HTML 7Page - Maxim Integrated Products MAX7390 Datasheet HTML 8Page - Maxim Integrated Products MAX7390 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Speed-Switching Clock Generator
with Power Fail
_______________________________________________________________________________________
5
CLOCK SETTLING TIME FROM START
MAX7391 toc10
1
µs/div
CLOCK
2V/div
VCC
2V/div
POWER-ON RESET BEHAVIOR
MAX7391 toc11
20
µs/div
CLOCK
5V/div
VCC
5V/div
RST
5V/div
PFO
5V/div
MAXIMUM VCC TRANSIENT DURATION
vs. RESET THRESHOLD OVERDRIVE
RESET THRESHOLD OVERDRIVE (mV)
900
800
700
600
500
400
300
200
10
100
1000
1
100
1000
RESET OCCURS ABOVE THIS CURVE
VCC FALLING FROM VTH+ + 100mV
RISING THRESHOLD vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
80
65
50
35
20
5
-10
-25
2.82
2.84
2.86
2.88
2.90
2.80
-40
125
CLOCK RESPONSE TO SPEED SELECT INPUT
MAX7391 toc13
200ns/div
SPEED
2V/div
CLOCK
2V/div
Typical Operating Characteristics (continued)
(Typical Application Circuit, VCC = +5V, fCLOCK = 16MHz, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX7390

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7390srff MAXIM-MAX7390srff Datasheet
295Kb / 11P
   Microcontroller Clock Generator with Watchdog
Rev 1; 2/06
More results

Similar Description - MAX7390

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8573 PHILIPS-PCF8573 Datasheet
198Kb / 24P
   Clock/calendar with Power Fail Detector
1997 Mar 28
logo
Renesas Technology Corp
M66239FP RENESAS-M66239FP Datasheet
301Kb / 24P
   High Speed Standard Clock Generator With Frequency Synthesizer
logo
Analog Devices
AD9518-3 AD-AD9518-3 Datasheet
1,002Kb / 64P
   6-Output Clock Generator with 6-Output Clock Generator with
REV. B
logo
Cypress Semiconductor
CY241V08A-12 CYPRESS-CY241V08A-12 Datasheet
133Kb / 6P
   Clock Generator with VCXO
logo
ON Semiconductor
P1P40167 ONSEMI-P1P40167 Datasheet
118Kb / 8P
   Low Power Clock Generator with Spread Spectrum
August, 2012 ??Rev. 1
logo
Nippon Precision Circui...
SM8707 NPC-SM8707 Datasheet
133Kb / 20P
   Clock Generator with Dual PLLs
logo
Cypress Semiconductor
CY241V08A-11 CYPRESS-CY241V08A-11 Datasheet
120Kb / 6P
   MPEG Clock Generator with VCXO
logo
Asahi Kasei Microsystem...
AK8130D AKM-AK8130D Datasheet
194Kb / 8P
   Multi Clock Generator with VCXO
logo
Cypress Semiconductor
CY241V08A-41 CYPRESS-CY241V08A-41 Datasheet
122Kb / 6P
   MPEG Clock Generator with VCXO
CY2412 CYPRESS-CY2412 Datasheet
128Kb / 6P
   MPEG Clock Generator with VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com