Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1553W-150+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS1553W-150+
Description  64kB, Nonvolatile, Year-2000-Compliant Timekeeping RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1553W-150+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS1553W-150+ Datasheet HTML 3Page - Maxim Integrated Products DS1553W-150+ Datasheet HTML 4Page - Maxim Integrated Products DS1553W-150+ Datasheet HTML 5Page - Maxim Integrated Products DS1553W-150+ Datasheet HTML 6Page - Maxim Integrated Products DS1553W-150+ Datasheet HTML 7Page - Maxim Integrated Products DS1553W-150+ Datasheet HTML 8Page - Maxim Integrated Products DS1553W-150+ Datasheet HTML 9Page - Maxim Integrated Products DS1553W-150+ Datasheet HTML 10Page - Maxim Integrated Products DS1553W-150+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DS1553 64kB, Nonvolatile, Year-2000-Compliant Timekeeping RAM
7 of 20
READING THE CLOCK
When reading the RTC data, it is recommended to halt updates to the external set of double-buffered RTC
registers. This puts the external registers into a static state, allowing data to be read without register
values changing during the read process. Normal updates to the internal registers continue while in this
state. External updates are halted when a 1 is written into the read bit, B6 of the Control register (1FF8h).
As long as a 1 remains in the Control register read bit, updating is halted. After a halt is issued, the
registers reflect the RTC count (day, date, and time) that was current at the moment the halt command
was issued. Normal updates to the external set of registers resume within 1 second after the read bit is set
to 0 for a minimum of 500
s. The read bit must be 0 for a minimum of 500s to ensure the external
registers are updated.
SETTING THE CLOCK
The 8th bit, B7 of the Control register, is the write bit. Setting the write bit to 1, like the read bit, halts
updates to the DS1553 (1FF8h–1FFFh) registers. After setting the write bit to 1, RTC registers can be
loaded with the desired RTC count (day, date, and time) in 24-hour BCD format. Setting the write bit to 0
then transfers the values written to the internal RTC registers and allows normal operation to resume.
CLOCK ACCURACY (DIP MODULE)
The DS1553 is guaranteed to keep time accuracy to within
1 minute per month at +25C. The RTC is
calibrated at the factory by Dallas Semiconductor using nonvolatile tuning elements and does not require
additional calibration. For this reason, methods of field clock calibration are not available and not
necessary. The electrical environment also affects clock accuracy and caution should be taken to place the
RTC in the lowest level EMI section of the PC board layout. For additional information, refer to
Application Note 58: Crystal Considerations with Dallas Real-Time Clocks, available on our website at
www.maxim-ic.com/appnoteindex.com.
CLOCK ACCURACY (PowerCap MODULE)
The DS1553 and DS9034PCX are each individually tested for accuracy. Once mounted together, the
module typically keeps time accuracy to within
1.53 minutes per month (35ppm) at +25°C. The
electrical environment affects clock accuracy and caution should be taken to place the RTC in the lowest
level EMI section of the PC board layout. For additional information, refer to Application Note 58:
Crystal
Considerations
with
Dallas
Real-Time
Clocks,
available
on
our
website
at
www.maxim-ic.com/appnoteindex.com.
FREQUENCY TEST MODE
The DS1553 frequency test mode uses the open-drain IRQ /FT output. With the oscillator running, the
IRQ
/FT output toggles at 512Hz when the FT bit is 1, the Alarm Flag Enable bit (AE) is 0, and the
Watchdog Steering bit (WDS) is 1 or the Watchdog register is reset (Register 1FF7h = 00h). The IRQ /FT
output and the frequency test mode can be used as a measure of the actual frequency of the 32.768kHz
RTC oscillator. The IRQ /FT pin is an open-drain output that requires a pullup resistor for proper
operation. The FT bit is cleared to 0 on power-up.


Similar Part No. - DS1553W-150+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1553 DALLAS-DS1553 Datasheet
435Kb / 19P
   64kB, Nonvolatile, Year-2000-Compliant Timekeeping RAM
logo
Maxim Integrated Produc...
DS1553P/YP/WP MAXIM-DS1553P/YP/WP Datasheet
114Kb / 5P
   PowerCap with Crystal
Rev 10/10
More results

Similar Description - DS1553W-150+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1553 DALLAS-DS1553 Datasheet
435Kb / 19P
   64kB, Nonvolatile, Year-2000-Compliant Timekeeping RAM
logo
Maxim Integrated Produc...
DS1556 MAXIM-DS1556_10 Datasheet
212Kb / 18P
   1M, Nonvolatile, Y2K-Compliant Timekeeping RAM
19-5500; Rev 9/10
logo
Dallas Semiconductor
DS1556 DALLAS-DS1556 Datasheet
514Kb / 20P
   1M, Nonvolatile, Y2K-Compliant Timekeeping RAM
DS1643 DALLAS-DS1643_1 Datasheet
182Kb / 14P
   Nonvolatile Timekeeping RAM
DS1646 DALLAS-DS1646 Datasheet
182Kb / 11P
   Nonvolatile Timekeeping RAM
DS1642 DALLAS-DS1642 Datasheet
138Kb / 11P
   Nonvolatile Timekeeping RAM
logo
ARTSCHIP ELECTRONICS CO...
DS1647 ARTSCHIP-DS1647 Datasheet
186Kb / 10P
   Nonvolatile Timekeeping RAM
DS1642 ARTSCHIP-DS1642 Datasheet
221Kb / 8P
   Nonvolatile Timekeeping RAM
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643 Datasheet
81Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1647 MAXIM-DS1647 Datasheet
383Kb / 12P
   Nonvolatile Timekeeping RAM
1955 96 ; Rev 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com