Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16029TG Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX16029TG
Description  Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16029TG Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX16029TG Datasheet HTML 7Page - Maxim Integrated Products MAX16029TG Datasheet HTML 8Page - Maxim Integrated Products MAX16029TG Datasheet HTML 9Page - Maxim Integrated Products MAX16029TG Datasheet HTML 10Page - Maxim Integrated Products MAX16029TG Datasheet HTML 11Page - Maxim Integrated Products MAX16029TG Datasheet HTML 12Page - Maxim Integrated Products MAX16029TG Datasheet HTML 13Page - Maxim Integrated Products MAX16029TG Datasheet HTML 14Page - Maxim Integrated Products MAX16029TG Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Calculate the reset timeout period as follows:
where VTH-RESET is 0.5V, ICH-RESET is 0.5µA, tRP is in
seconds, and CCRESET is in Farads. To ensure timing
accuracy and proper operation, minimize leakage at
CCRESET.
Adjustable Delay (CDLY_)
When VIN rises above VTH with EN_ high, the internal
250nA current source begins charging an external
capacitor connected from CDLY_ to GND. When the
voltage at CDLY_ reaches 1V, OUT_ goes high. When
OUT_ goes high, CDLY_ is immediately held low.
Adjust the delay (tDELAY) from when VIN rises above
VTH (with EN_ high) to OUT_ going high according to
the equation:
where VTH-CDLY is 1V, ICH-CDLY is 0.25µA, CCDLY is in
Farads, tDELAY is in seconds, and tDELAY+ is the inter-
nal propagation delay of the device. To ensure timing
accuracy and proper operation, minimize leakage
at CDLY.
Manual-Reset Input (
MR)
Many µP-based products require manual-reset capabil-
ity, allowing the operator, a test technician, or external
logic circuitry to initiate a reset. A logic-low on
MR
asserts
RESET low. RESET remains asserted while MR
is low and during the reset timeout period (140ms fixed
or capacitor adjustable) after
MR returns high. The MR
input has a 500nA internal pullup, so it can be left
unconnected, if not used.
MR can be driven with TTL or
CMOS logic levels, or with open-drain/collector outputs.
Connect a normally open momentary switch from
MR to
GND to create a manual-reset function. External
debounce circuitry is not required. If
MR is driven from
long cables or if the device is used in a noisy environ-
ment, connect a 0.1µF capacitor from
MR to GND to
provide additional noise immunity.
Pullup Resistor Values
The exact value of the pullup resistors for the open-
drain outputs is not critical, but some consideration
should be made to ensure the proper logic levels
when the device is sinking current. For example, if
VCC = 2.25V and the pullup voltage is 28V, keep the
sink current less than 0.5mA as shown in the
Electrical
Characteristics table. As a result, the pullup resistor
should be greater than 56kΩ. For a 12V pullup, the
resistor should be larger than 24kΩ. Note that the ability
to sink current is dependent on the VCC supply voltage.
Power-Supply Bypassing
The device operates with a VCC supply voltage from
2.2V to 28V. When VCC falls below the UVLO threshold,
all the outputs go low and stay low until VCC falls below
1.2V. For noisy systems or fast rising transients on VCC,
connect a 0.1µF ceramic capacitor from VCC to GND
as close to the device as possible to provide better
noise and transient immunity.
Ensuring Valid Output with VCC Down to
0V (MAX16026/MAX16028/MAX16030 Only)
When VCC falls below 1.2V, the ability for the output to
sink current decreases. In order to ensure a valid out-
put as VCC falls to 0V, connect a 100kΩ resistor from
OUT/
RESET to GND.
Typical Application Circuits
Figures 4 and 5 show typical applications for the
MAX16025–MAX16030. In high-power applications,
using an n-channel device reduces the loss across the
MOSFETs as it offers a lower drain-to-source on-resis-
tance. However, an n-channel MOSFET requires a suffi-
cient VGS voltage to fully enhance it for a low RDS_ON.
The application in Figure 4 shows the MAX16027 con-
figured in a multiple-output sequencing application.
Figure 5 shows the MAX16029 in a power-supply
sequencing application using n-channel MOSFETs.
t
V
I
C
DELAY
TH CDLY
CH CDLY
CDLY
+
×
35 10
6
t
V
I
C
RP
TH RESET
CH RESET
CRESET
+
×
35 10
6
Dual-/Triple-/Quad-Voltage, Capacitor-
Adjustable, Sequencing/Supervisory Circuits
______________________________________________________________________________________
11


Similar Part No. - MAX16029TG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1602 MAXIM-MAX1602 Datasheet
130Kb / 12P
   Single-Channel CardBus and PCMCIA VCC/VPP Power-Switching Network
19-1125; Rev 0; 9/96
MAX16020 MAXIM-MAX16020 Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX16020 MAXIM-MAX16020 Datasheet
209Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
MAX16020 MAXIM-MAX16020 Datasheet
464Kb / 21P
   Low-Power uP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 6; 11/11
MAX16020_TE_+T MAXIM-MAX16020_TE_+T Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
More results

Similar Description - MAX16029TG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16041 MAXIM-MAX16041 Datasheet
275Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 0; 8/06
MAX16052 MAXIM-MAX16052 Datasheet
153Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 1; 10/08
MAX16052 MAXIM-MAX16052_10 Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895 MAXIM-MAX6895_09 Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX6895 MAXIM-MAX6895_11 Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com