Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7389 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX7389
Description  Microcontroller Clock Generator with Watchdog
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7389 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX7389_06 Datasheet HTML 3Page - Maxim Integrated Products MAX7389_06 Datasheet HTML 4Page - Maxim Integrated Products MAX7389_06 Datasheet HTML 5Page - Maxim Integrated Products MAX7389_06 Datasheet HTML 6Page - Maxim Integrated Products MAX7389_06 Datasheet HTML 7Page - Maxim Integrated Products MAX7389_06 Datasheet HTML 8Page - Maxim Integrated Products MAX7389_06 Datasheet HTML 9Page - Maxim Integrated Products MAX7389_06 Datasheet HTML 10Page - Maxim Integrated Products MAX7389_06 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Microcontroller Clock Generator with
Watchdog
10
______________________________________________________________________________________
MAX7389
MAX7390
RESET TIMER
RST/RST
CLOCK
WDI
WDS1
WDS2
*MAX7389 ONLY
**MAX7390 ONLY
WDO*
N
PRESCALER
WATCHDOG
TIMER
OSCILLATOR
GND
POWER-ON
RESET
SPEED**
VCC
Functional Diagram
MAX7389
MAX7390
RST/RST
VCC
GND
WDO*
WDS1
5V
WDS2
WDI
CLOCK
I/O PORT
VCC
RST/RST
I/O PORT
µC
OSC1
DC-DC
SPEED**
I/O PORT
*MAX7389 ONLY
**MAX7390 ONLY
12V
Typical Application Circuit
Chip Information
PROCESS: BiCMOS


Similar Part No. - MAX7389_06

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7389 MAXIM-MAX7389 Datasheet
278Kb / 10P
   Speed-Switching Clock Generator with Power Fail
Rev 0; 1/06
More results

Similar Description - MAX7389_06

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9518-3 AD-AD9518-3 Datasheet
1,002Kb / 64P
   6-Output Clock Generator with 6-Output Clock Generator with
REV. B
logo
Cypress Semiconductor
CY241V08A-12 CYPRESS-CY241V08A-12 Datasheet
133Kb / 6P
   Clock Generator with VCXO
logo
Maxim Integrated Produc...
DS1558 MAXIM-DS1558 Datasheet
320Kb / 18P
   Watchdog Clock with NV RAM Control
REV: 071305
logo
Dallas Semiconductor
DS1558 DALLAS-DS1558 Datasheet
492Kb / 18P
   Watchdog Clock with NV RAM Control
logo
Nippon Precision Circui...
SM8707 NPC-SM8707 Datasheet
133Kb / 20P
   Clock Generator with Dual PLLs
logo
Cypress Semiconductor
CY241V08A-11 CYPRESS-CY241V08A-11 Datasheet
120Kb / 6P
   MPEG Clock Generator with VCXO
logo
Asahi Kasei Microsystem...
AK8130D AKM-AK8130D Datasheet
194Kb / 8P
   Multi Clock Generator with VCXO
logo
Cypress Semiconductor
CY241V08A-41 CYPRESS-CY241V08A-41 Datasheet
122Kb / 6P
   MPEG Clock Generator with VCXO
CY2412 CYPRESS-CY2412 Datasheet
128Kb / 6P
   MPEG Clock Generator with VCXO
logo
Asahi Kasei Microsystem...
AK8158A AKM-AK8158A Datasheet
326Kb / 10P
   Multi Clock Generator with VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com