Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6482BL33AD3 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6482BL33AD3
Description  300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6482BL33AD3 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6482BL33AD3 Datasheet HTML 7Page - Maxim Integrated Products MAX6482BL33AD3 Datasheet HTML 8Page - Maxim Integrated Products MAX6482BL33AD3 Datasheet HTML 9Page - Maxim Integrated Products MAX6482BL33AD3 Datasheet HTML 10Page - Maxim Integrated Products MAX6482BL33AD3 Datasheet HTML 11Page - Maxim Integrated Products MAX6482BL33AD3 Datasheet HTML 12Page - Maxim Integrated Products MAX6482BL33AD3 Datasheet HTML 13Page - Maxim Integrated Products MAX6482BL33AD3 Datasheet HTML 14Page - Maxim Integrated Products MAX6482BL33AD3 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
300mA LDO Linear Regulators with Internal
Microprocessor Reset Circuit
______________________________________________________________________________________
11
cool. The thermal sensor turns the pass transistor on
again after the IC’s junction temperature cools by 20°C,
resulting in a pulsed output during continuous thermal
overload conditions. Thermal overload protection is
designed to protect the MAX6469–MAX6484 in the
event of fault conditions. For continuous operation, do
not exceed the absolute maximum junction temperature
rating of TJMAX = +150°C.
Operating Region and Power Dissipation
The MAX6469–MAX6484’s maximum power dissipation
depends on the thermal resistance of the case and cir-
cuit board, the temperature difference between the die
junction and the ambient air, and the rate of airflow. The
power dissipation across the device is:
P = IOUT (VIN - VOUT)
The maximum power dissipation is:
PMAX = (TJ - TA) / (ØJB + ØBA)
where TJ - TA is the temperature difference between the
die junction and the surrounding air, ØJB (or ØJC) is the
thermal resistance of the package, and ØBA is the ther-
mal resistance through the PC board, copper traces,
and other materials to the surrounding air. The
MAX6469–MAX6476 TDFN package ØJC = 41°C/W,
and the MAX6469–MAX6476 SOT package ØJC =
110°C/W.
The MAX6469–MAX6484’s ground pin (GND) performs
the dual function of providing an electrical connection
to the system ground and channeling heat away.
Connect GND to the system ground using a large pad
or ground plane. For continuous operation, do not
exceed the absolute maximum junction temperature
rating of TJMAX = +150°C.
Applications Information
Output Voltage Selection
The MAX6469–MAX6484 feature dual-mode operation:
they operate in either a preset output voltage mode
or an adjustable mode. In preset voltage mode, internal
feedback resistors set the MAX6469–MAX6484’s output
from +1.5V to +3.3V (Table 1). Select this mode by con-
necting SET to ground (MAX6469–MAX6472/
MAX6477–MAX6480). In adjustable mode, select an
output between 1.25V and 5.5V using two external
resistors connected as a voltage-divider to SET (Figure
1). The output voltage is set by the following equation:
VOUT = VSET (1 + R1 / R2)
where VSET = 1.23V. To simplify resistor selection:
R1 = R2 (VOUT / VSET - 1)
Choose R2 = 50kΩ to maintain stability, accuracy and
high-frequency power-supply rejection. Avoid selecting
resistor values greater than 100kΩ. In preset voltage
mode, the impedance between SET and ground should
always be less than 50kΩ. In most applications, con-
nect SET directly to ground.
Low-Noise UCSP Output
MAX6477–MAX6484 UCSP products include internal fil-
tering to yield low output noise without an additional
external bypass capacitor. The devices yield 75µVRMS
(typ) output noise (for VOUT = 3.0V) and 150µVRMS (for
VOUT = 3.3V). This low-noise feature makes the
MAX6477–MAX6484 ideal for audio applications.
Capacitor Selection and Regulator
Stability
For stable operation over the full temperature range
and with load currents up to 300mA, use a 3.3µF (min)
ceramic output capacitor with an ESR <0.2Ω. To
reduce noise and improve load transient response, sta-
bility, and power-supply rejection, use large output
capacitor values such as 10µF.
Note that some ceramic capacitors exhibit large capac-
itance and ESR variation with temperature. With capaci-
tor dielectrics such as Z5U and Y5V, use 4.7µF or more
to ensure stability over temperature. With X7R or X5R
capacitor dielectrics, 3.3µF should be sufficient at all
operating temperatures. Higher ESR capacitors require
more capacitance to maintain stability. A graph of the
Region of Stable ESR vs. Load Current is shown in the
Typical Operating Characteristics.
To improve power-supply rejection and transient
response, use a 1µF capacitor between IN and GND.
The MAX6469–MAX6484 remain stable with purely
resistive loads or current loads up to 300mA.
Reset Transient Immunity
The reset circuit is relatively immune to short-duration,
falling VOUT transients. The Typical Operating
Characteristics section shows a graph of the Maximum
Transient Duration vs. Reset Threshold Overdrive for
which reset is not asserted. The graph was produced
using falling VOUT transients starting at VOUT and end-
ing below the reset threshold by the magnitude indicat-
ed (reset threshold overdrive). The graph shows the
maximum pulse width that a falling VOUT transient can
typically have without triggering a reset pulse. As the
amplitude of the transient increases (i.e., goes further
below the reset threshold), the maximum allowable
pulse width decreases. Typically, a VOUT transient that
goes only 10mV below the reset threshold and lasts for
75µs does not trigger a reset pulse.


Similar Part No. - MAX6482BL33AD3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6482BL33AD3 MAXIM-MAX6482BL33AD3 Datasheet
547Kb / 20P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
More results

Similar Description - MAX6482BL33AD3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6469 MAXIM-MAX6469 Datasheet
547Kb / 20P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
MAX6349THUT MAXIM-MAX6349THUT Datasheet
434Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 3; 3/04
MAX6329 MAXIM-MAX6329 Datasheet
237Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 4/01
logo
Monolithic Power System...
MP6401 MPS-MP6401 Datasheet
318Kb / 16P
   300mA LDO Linear Regulator with Integrated Reset Circuit
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258 Datasheet
251Kb / 17P
   300mA LDO Linear Regulator with UP Reset
logo
Advanced Analog Technol...
AAT3258 AAT-AAT3258 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with uP Reset
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258_06 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with 關P Reset
logo
Maxim Integrated Produc...
MAX8633 MAXIM-MAX8633 Datasheet
289Kb / 13P
   Dual 300mA Pin-Programmable LDO Linear Regulators
19-0516; Rev 1; 9/08
logo
Analog Microelectronics
AME1300 AME-AME1300 Datasheet
140Kb / 12P
   300mA CMOS LDO with RESET Function
logo
BCD Semiconductor Manuf...
AP2402 BCDSEMI-AP2402_10 Datasheet
937Kb / 23P
   DUAL 300mA LDO REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com