Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16025TE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX16025TE
Description  Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16025TE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX16025TE Datasheet HTML 3Page - Maxim Integrated Products MAX16025TE Datasheet HTML 4Page - Maxim Integrated Products MAX16025TE Datasheet HTML 5Page - Maxim Integrated Products MAX16025TE Datasheet HTML 6Page - Maxim Integrated Products MAX16025TE Datasheet HTML 7Page - Maxim Integrated Products MAX16025TE Datasheet HTML 8Page - Maxim Integrated Products MAX16025TE Datasheet HTML 9Page - Maxim Integrated Products MAX16025TE Datasheet HTML 10Page - Maxim Integrated Products MAX16025TE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Dual-/Triple-/Quad-Voltage, Capacitor-
Adjustable, Sequencing/Supervisory Circuits
_______________________________________________________________________________________
7
Pin Description (continued)
PIN
MAX16025/
MAX16026
MAX16027/
MAX16028
MAX16029/
MAX16030
NAME
FUNCTION
11
14
17
OUT1
Output 1. When the voltage at IN1 is below its threshold or EN1 goes low,
OUT1 goes low.
12
15
18
RESET
Active-Low Reset Output.
RESET asserts low when any of the monitored
voltages (IN_) falls below its respective threshold, any EN_ goes low, or
MR is
asserted.
RESET remains asserted for the reset timeout period after all of the
monitored voltages exceed their respective threshold, all EN_ are high, all
OUT_ are high, and
MR is deasserted.
13
16
19
MR
Active-Low Manual Reset Input. Pull
MR low to assert RESET low. RESET
remains low for the reset timeout period after
MR is deasserted (as long as all
OUT_ are high).
14
17
20
CRESET
Capacitor-Adjustable Reset Delay Input. Connect an external capacitor from
CRESET to GND to set the reset timeout period or connect to VCC for the
default 140ms minimum reset timeout period. Leave CRESET open for internal
propagation delay.
21
CDLY4
Capacitor-Adjustable Delay Input 4. Connect an external capacitor from
CDLY4 to GND to set the IN4 to OUT4 (and EN4 to OUT4) delay period.
Leave CDLY4 open for internal propagation delay.
18
22
CDLY3
Capacitor-Adjustable Delay Input 3. Connect an external capacitor from
CDLY3 to GND to set the IN3 to OUT3 (and EN3 to OUT3) delay period.
Leave CDLY3 open for internal propagation delay.
15
19
23
CDLY2
Capacitor-Adjustable Delay Input 2. Connect an external capacitor from
CDLY2 to GND to set the IN2 to OUT2 (and EN2 to OUT2) delay period.
Leave CDLY2 open for internal propagation delay.
16
20
24
CDLY1
Capacitor-Adjustable Delay Input 1. Connect an external capacitor from
CDLY1 to GND to set the IN1 to OUT1 (and EN1 to OUT1) delay period.
Leave CDLY1 open for internal propagation delay.
——
EP
Exposed Pad. EP is internally connected to GND. Connect EP to the
ground plane.
Table 1. Output State*
EN_
IN_
OUT_
Low
VIN_ < VTH
Low
High
VIN_ < VTH
Low
Low
VIN_ > VTH
Low
OUT_ = high
(MAX16026/MAX16028/
MAX16030)
High
VIN_ > VTH
OUT_ = high impedance
(MAX16025/MAX16027/
MAX16029)
Table 2. Input-Voltage Threshold Selector
TH1/TH0
LOGIC
IN1 (ALL
VERSIONS)
(V)
IN2 (ALL
VERSIONS)
(V)
IN3
(MAX16027/
MAX16028)
(V)
IN4
(MAX16029/
MAX16030)
(V)
Low/Low
3.3
2.5
1.8
1.5
Low/High
3.3
1.8
Adj
Adj
Low/Open
3.3
1.5
Adj
Adj
High/Low
3.3
1.2
1.8
2.5
High/High
2.5
1.8
Adj
Adj
High/Open
3.3
Adj
2.5
Adj
Open/Low
3.3
Adj
Adj
Adj
Open/High
2.5
Adj
Adj
Adj
Open/Open
Adj
Adj
Adj
Adj
*
When VCC falls below the UVLO, all outputs go low regardless
of the state of EN_ and VIN_. The outputs are guaranteed to be
in the correct state for VCC down to 1.2V.


Similar Part No. - MAX16025TE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1602 MAXIM-MAX1602 Datasheet
130Kb / 12P
   Single-Channel CardBus and PCMCIA VCC/VPP Power-Switching Network
19-1125; Rev 0; 9/96
MAX16020 MAXIM-MAX16020 Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX16020 MAXIM-MAX16020 Datasheet
209Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
MAX16020 MAXIM-MAX16020 Datasheet
464Kb / 21P
   Low-Power uP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 6; 11/11
MAX16020_TE_+T MAXIM-MAX16020_TE_+T Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
More results

Similar Description - MAX16025TE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16041 MAXIM-MAX16041 Datasheet
275Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 0; 8/06
MAX16052 MAXIM-MAX16052 Datasheet
153Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 1; 10/08
MAX16052 MAXIM-MAX16052_10 Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895 MAXIM-MAX6895_09 Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX6895 MAXIM-MAX6895_11 Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com