Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5087AATE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5087AATE
Description  45V, 400mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5087AATE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5087AATE Datasheet HTML 4Page - Maxim Integrated Products MAX5087AATE Datasheet HTML 5Page - Maxim Integrated Products MAX5087AATE Datasheet HTML 6Page - Maxim Integrated Products MAX5087AATE Datasheet HTML 7Page - Maxim Integrated Products MAX5087AATE Datasheet HTML 8Page - Maxim Integrated Products MAX5087AATE Datasheet HTML 9Page - Maxim Integrated Products MAX5087AATE Datasheet HTML 10Page - Maxim Integrated Products MAX5087AATE Datasheet HTML 11Page - Maxim Integrated Products MAX5087AATE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Detailed Description
The MAX5087 high-voltage linear regulator includes an
integrated µP reset circuit with an adjustable reset time-
out period (see the Adjustable Reset Timeout Period
(CT) section). The device guarantees a 400mA load
current and is available with a preset output voltage of
3.3V (MAX5087A) or 5V (MAX5087B). Both devices can
be configured to provide an adjustable output voltage
from 2.5V to 11V. The internal reset circuit monitors the
regulator output voltage and asserts RESET low when the
regulator output falls below the reset threshold voltage.
Other features include an enable (regulator control input),
21µA (max) shutdown current, short-circuit protection
(see the Output Short-Circuit Current Limit section), and
thermal shutdown (see the Thermal Protection section).
Regulator
The MAX5087 accepts an input voltage range from
6.5V to 45V and offers a fixed output voltage of 3.3V or
5V. For an adjustable output voltage operation, use an
external resistive divider network connected between
OUT, SET, and GND (see Figure 2).
Enable Input (EN)
EN is a logic-level enable input that turns the device
on/off. Drive EN high to turn on the device and drive EN
low to place the device in shutdown. The MAX5087
draws 11µA (typ) of supply current when in shutdown.
EN withstands voltages up to +45V, allowing EN to be
connected to IN for an always-on operation.
Remote Sensing (OUTSENSE)
The 3.3V (MAX5087A) and 5V (MAX5087B) output volt-
age versions connect OUTSENSE for load voltage
sensing. Leave OUTSENSE open when using
adjustable output voltage version.
Reset Output (RESET)
A supervisor circuit is fully integrated in the MAX5087
and uses the same reference voltage as the regulator.
RESET goes low if VOUT drops below the preset output
voltage threshold, and remains low at least for the time-
out period after VOUT rises above the reset voltage
threshold.
Adjustable Reset Timeout Period (CT)
The MAX5087 features a user-adjustable reset timeout.
Connect a capacitor from CT to GND to set the reset
timeout period (see Figure 2) and use the following
equation to calculate the timeout period:
tRP = CCT x 0.6175 x 106 (s)
where CCT is the value of the external capacitor con-
nected from CT to GND.
Thermal Protection
When the junction temperature exceeds TJ = +175°C,
an internal thermal sensor signals the shutdown logic,
which turns off the pass transistor, allowing the IC to
cool. The thermal sensor turns the pass transistor on
again after the IC’s junction temperature cools by 25°C,
resulting in a cycled output during continuous thermal-
overload conditions. Thermal protection protects the
MAX5087 in the event of fault conditions. During contin-
uous operation, do not exceed the absolute maximum
junction temperature rating of TJ = +150°C.
Output Short-Circuit Current Limit
The MAX5087 features a current limit. The output can
be shorted to GND for an indefinite period of time (for
VIN < 14V) without damage to the device. Continuous
output short-circuit protection is only guaranteed for
VIN < 14V.
45V, 400mA, Low-Quiescent-Current
Linear Regulator with Adjustable Reset Delay
8
_______________________________________________________________________________________
6.5V TO 45V
2.5V TO 11V
47
μF
CCT
15
μF
OUT
ON
OFF
OUTSENSE
SET
IN
R1
R2
VOUT = VSET (1 + R1 / R2)
VSET = 1.235V
EN
TO
μP
RESET
CT
GND
MAX5087
Figure 2. Setting the Adjustable Output Voltage


Similar Part No. - MAX5087AATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5087AATE++ MAXIM-MAX5087AATE+ Datasheet
1Mb / 12P
   45V, 400mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
19-3964; Rev 6; 5/14
More results

Similar Description - MAX5087AATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5087 MAXIM-MAX5087_14 Datasheet
1Mb / 12P
   45V, 400mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
19-3964; Rev 6; 5/14
MAX5087 MAXIM-MAX5087 Datasheet
294Kb / 12P
   45V, 400mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
Rev 4; 4/13
MAX5086 MAXIM-MAX5086_08 Datasheet
323Kb / 13P
   45V, 250mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
Rev 2; 2/08
MAX5086AATN MAXIM-MAX5086AATN Datasheet
1Mb / 15P
   65V, 250mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
19-3878; Rev 1; 7/06
logo
Infineon Technologies A...
IFX30081SJV INFINEON-IFX30081SJV_15 Datasheet
1Mb / 25P
   50mA, Adjustable Linear Voltage Regulator with Ultra Low Quiescent Current
Rev. 1.0, 2015-02-04
logo
Monolithic Power System...
MP2019 MPS-MP2019 Datasheet
826Kb / 16P
   40V, 300mA, Low Quiescent Current Adjustable Output Linear Regulator
logo
Union Semiconductor, In...
UM15413S UNIONSEMI-UM15413S Datasheet
403Kb / 12P
   Ultra Low Quiescent Current Linear Regulator
logo
E-CMOS Corporation
EC6209 E-CMOS-EC6209 Datasheet
1Mb / 24P
   250mA Low- Quiescent Current Linear Regulator
logo
Union Semiconductor, In...
UM15313S UNIONSEMI-UM15313S_15 Datasheet
542Kb / 19P
   Ultra Low Quiescent Current Linear Regulator
logo
Taiwan Semiconductor Co...
TS19603 TSC-TS19603 Datasheet
152Kb / 6P
   400mA High Voltage Adjustable Current Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com